Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74AC273SC Datasheet(PDF) 5 Page - Fairchild Semiconductor

No. de pieza 74AC273SC
Descripción Electrónicos  Octal D-Type Flip-Flop
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74AC273SC Datasheet(HTML) 5 Page - Fairchild Semiconductor

  74AC273SC Datasheet HTML 1Page - Fairchild Semiconductor 74AC273SC Datasheet HTML 2Page - Fairchild Semiconductor 74AC273SC Datasheet HTML 3Page - Fairchild Semiconductor 74AC273SC Datasheet HTML 4Page - Fairchild Semiconductor 74AC273SC Datasheet HTML 5Page - Fairchild Semiconductor 74AC273SC Datasheet HTML 6Page - Fairchild Semiconductor 74AC273SC Datasheet HTML 7Page - Fairchild Semiconductor 74AC273SC Datasheet HTML 8Page - Fairchild Semiconductor 74AC273SC Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
©1988 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74AC273, 74ACT273 Rev. 1.6.0
5
DC Electrical Characteristics for ACT
Notes:
4. All outputs loaded; thresholds on input associated with output under test.
5. Maximum test duration 2.0ms, one output loaded at a time.
Symbol
Parameter
VCC (V)
Conditions
TA = +25°C
TA = –40°C to +85°C
Units
Typ.
Guaranteed Limits
VIH
Minimum HIGH Level
Input Voltage
4.5
VOUT = 0.1V or
VCC – 0.1V
1.5
2.0
2.0
V
5.5
1.5
2.0
2.0
VIL
Maximum LOW
Level Input Voltage
4.5
VOUT = 0.1V or
VCC – 0.1V
1.5
0.8
0.8
V
5.5
1.5
0.8
0.8
VOH
Minimum HIGH Level
Output Voltage
4.5
IOUT = –50µA
4.49
4.4
4.4
V
5.5
5.49
5.4
5.4
4.5
VIN = VIL or VIH,
IOH = –24mA
3.86
3.76
5.5
VIN = VIL or VIH,
IOH = –24mA
(4)
4.86
4.76
VOL
Maximum LOW
Level Output Voltage
4.5
IOUT = 50µA
0.001
0.1
0.1
V
5.5
0.001
0.1
0.1
4.5
VIN = VIL or VIH,
IOL = 24mA
0.36
0.44
5.5
VIN = VIL or VIH,
IOL = 24mA
(4)
0.36
0.44
IIN
Maximum Input
Leakage Current
5.5
VI = VCC, GND
±0.1
±1.0
µA
ICCT
Maximum ICC/Input
5.5
VI = VCC – 2.1V
0.6
1.5
mA
IOLD
Minimum Dynamic
Output Current(5)
5.5
VOLD = 1.65V Max.
75
mA
IOHD
5.5
VOHD = 3.85V Min.
–75
mA
ICC
Maximum Quiescent
Supply Current
5.5
VIN = VCC or GND
4.0
40.0
µA


Número de pieza similar - 74AC273SC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
74AC273SC FAIRCHILD-74AC273SC Datasheet
122Kb / 10P
   Octal D-Type Flip-Flop
74AC273SC FAIRCHILD-74AC273SC Datasheet
383Kb / 12P
   Octal D-Type Flip-Flop
More results

Descripción similar - 74AC273SC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
M54HC377 STMICROELECTRONICS-M54HC377 Datasheet
252Kb / 11P
   OCTAL D TYPE FLIP FLOP
logo
Fairchild Semiconductor
74VHC273 FAIRCHILD-74VHC273_07 Datasheet
625Kb / 13P
   Octal D-Type Flip-Flop
74VHC273 FAIRCHILD-74VHC273_05 Datasheet
532Kb / 10P
   Octal D-Type Flip-Flop
74F273 FAIRCHILD-74F273 Datasheet
74Kb / 7P
   Octal D-Type Flip-Flop
74AC273SJX FAIRCHILD-74AC273SJX Datasheet
383Kb / 12P
   Octal D-Type Flip-Flop
logo
STMicroelectronics
M74HC377 STMICROELECTRONICS-M74HC377 Datasheet
362Kb / 11P
   OCTAL D TYPE FLIP FLOP
logo
Fairchild Semiconductor
74VHC273 FAIRCHILD-74VHC273 Datasheet
91Kb / 7P
   Octal D-Type Flip-Flop
logo
NXP Semiconductors
74ABT273A PHILIPS-74ABT273A Datasheet
104Kb / 12P
   Octal D-type flip-flop
1995 Sep 06
74ALS273 PHILIPS-74ALS273 Datasheet
114Kb / 9P
   Octal D-type flip-flop
1991 Feb 08
logo
National Semiconductor ...
54ABT273 NSC-54ABT273 Datasheet
145Kb / 8P
   Octal D-Type Flip-Flop
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com