Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI4403BD Datasheet(PDF) 3 Page - Vishay Siliconix

No. de pieza SI4403BD
Descripción Electrónicos  P-Channel 1.8-V (G-S) MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4403BD Datasheet(HTML) 3 Page - Vishay Siliconix

  SI4403BD_13 Datasheet HTML 1Page - Vishay Siliconix SI4403BD_13 Datasheet HTML 2Page - Vishay Siliconix SI4403BD_13 Datasheet HTML 3Page - Vishay Siliconix SI4403BD_13 Datasheet HTML 4Page - Vishay Siliconix SI4403BD_13 Datasheet HTML 5Page - Vishay Siliconix SI4403BD_13 Datasheet HTML 6Page - Vishay Siliconix SI4403BD_13 Datasheet HTML 7Page - Vishay Siliconix SI4403BD_13 Datasheet HTML 8Page - Vishay Siliconix SI4403BD_13 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Document Number: 72268
S09-0705-Rev. C, 27-Apr-09
www.vishay.com
3
Vishay Siliconix
Si4403BDY
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
On-Resistance vs. Drain Current
Gate Charge
Source-Drain Diode Forward Voltage
0.00
0.02
0.04
0.06
0.08
0
6
12
18
24
30
ID - Drain Current (A)
VGS = 4.5 V
VGS = 2.5 V
VGS = 1.8 V
0
1
2
3
4
5
0
7
14
21
28
35
VDS = 10 V
ID = 9.9 A
Qg - Total Gate Charge (nC)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
TJ = 25 °C
30
10
1
VSD - Source-to-Drain Voltage (V)
TJ = 150 °C
Capacitance
On-Resistance vs. Junction Temperature
On-Resistance vs. Gate-to-Source Voltage
0
500
1000
1500
2000
2500
3000
3500
4000
04
8
12
16
20
VDS - Drain-to-Source Voltage (V)
Crss
Coss
Ciss
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
- 50
- 25
0
25
50
75
100
125
150
VGS = 4.5 V
ID = 9.9 A
TJ - Junction Temperature (°C)
0.00
0.02
0.04
0.06
0.08
0
1234
5
ID = 9.9 A
VGS - Gate-to-Source Voltage (V)
ID = 3.1 A


Número de pieza similar - SI4403BD_13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI4403BDY VISHAY-SI4403BDY Datasheet
53Kb / 5P
   P-Channel 1.8-V (G-S) MOSFET
Rev. A, 07-Jul-03
SI4403BDY-T1 VISHAY-SI4403BDY-T1 Datasheet
53Kb / 5P
   P-Channel 1.8-V (G-S) MOSFET
Rev. A, 07-Jul-03
logo
VBsemi Electronics Co.,...
SI4403BDY-T1-E3 VBSEMI-SI4403BDY-T1-E3 Datasheet
1Mb / 9P
   P-Channel 20-V (D-S) MOSFET
More results

Descripción similar - SI4403BD_13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI1305DL VISHAY-SI1305DL Datasheet
42Kb / 4P
   P-Channel 1.8-V (G-S) MOSFET
Rev. C, 07-Apr-03
SI2311DS-T1-E3 VISHAY-SI2311DS-T1-E3 Datasheet
214Kb / 8P
   P-Channel 1.8-V (G-S) MOSFET
Rev. B, 24-Mar-08
SI1407DL-T1 VISHAY-SI1407DL-T1 Datasheet
80Kb / 5P
   P-Channel 1.8-V (G-S) MOSFET
Rev. D, 12-Jun-06
SI4465ADY VISHAY-SI4465ADY Datasheet
216Kb / 4P
   P-Channel 1.8-V (G-S) MOSFET
Rev. A, 01-Jan-07
SI6467BDQ VISHAY-SI6467BDQ_05 Datasheet
196Kb / 4P
   P-Channel 1.8-V (G-S) MOSFET
Rev. B, 12-Dec-05
SI1307DL VISHAY-SI1307DL Datasheet
68Kb / 4P
   P-Channel 1.8-V (G-S) MOSFET
Rev. A, 01-Nov-99
SI1407DL VISHAY-SI1407DL Datasheet
64Kb / 4P
   P-Channel 1.8-V (G-S) MOSFET
Rev. C, 17-Jul-00
SI1305DL VISHAY-SI1305DL_08 Datasheet
109Kb / 5P
   P-Channel 1.8-V (G-S) MOSFET
S-51075-Rev. D, 13-Jun-05
logo
Leshan Radio Company
LSI1013XT1G LRC-LSI1013XT1G Datasheet
371Kb / 6P
   P-Channel 1.8-V (G-S) MOSFET
logo
Vishay Siliconix
SI6467BDQ-T1-E3 VISHAY-SI6467BDQ-T1-E3 Datasheet
208Kb / 11P
   P-Channel 1.8-V (G-S) MOSFET
Rev. D, 31-Mar-08
SI2315BDS VISHAY-SI2315BDS_V01 Datasheet
181Kb / 8P
   P-Channel 1.8-V (G-S) MOSFET
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com