Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BU9969KN-E2 Datasheet(PDF) 10 Page - Rohm

No. de pieza BU9969KN-E2
Descripción Electrónicos  Video bus interface
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BU9969KN-E2 Datasheet(HTML) 10 Page - Rohm

Back Button BU9969KN-E2 Datasheet HTML 6Page - Rohm BU9969KN-E2 Datasheet HTML 7Page - Rohm BU9969KN-E2 Datasheet HTML 8Page - Rohm BU9969KN-E2 Datasheet HTML 9Page - Rohm BU9969KN-E2 Datasheet HTML 10Page - Rohm BU9969KN-E2 Datasheet HTML 11Page - Rohm BU9969KN-E2 Datasheet HTML 12Page - Rohm BU9969KN-E2 Datasheet HTML 13Page - Rohm BU9969KN-E2 Datasheet HTML 14Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Technical Note
10/13
www.rohm.com
2009.05 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
BU9969KN
Application circuit diagram 1
656 input mode
Fig.6. Application Circuit Diagram Example
*1
Use 75Ω resister and 1.2kΩ resister with precision ±1%.
Application example
The application circuit is recommended for use. Make sure to confirm the adequacy of the characteristics.
When using the circuit with changes to the external circuit constants, make sure to leave an adequate margin for external components including
static and transitional characteristics as well as dispersion of the IC.
DVDD
AVDD
GND
GND
SYSCLK
IREF
DATA [7:0]
DATA[15:8]
VOUT
VS
HS
RESETB
SCLK
SDI
PVDD
IOVDD
GND
GND
to TV
75Ω
*1
1.2kΩ *1
1.8 V
3.0V
0.1μF
0.1μF
8
3.0 V
0.1μF
1.8 V
0.1μF
8
27MHz
5kΩ
TEST0
TEST1
TEST2
TEST3
220pF


Número de pieza similar - BU9969KN-E2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU9969KN ROHM-BU9969KN Datasheet
404Kb / 6P
   Digital video encoder
More results

Descripción similar - BU9969KN-E2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Festo Corporation.
575301 FESTO-575301 Datasheet
62Kb / 1P
   Bus interface
logo
Texas Instruments
TVP3026 TI-TVP3026 Datasheet
513Kb / 107P
[Old version datasheet]   Video Interface Palette
TVP3026M TI-TVP3026M Datasheet
457Kb / 95P
[Old version datasheet]   Video Interface Palette
TLC34076 TI-TLC34076 Datasheet
397Kb / 68P
[Old version datasheet]   Video Interface Palette
TVP3026 TI1-TVP3026_09 Datasheet
476Kb / 107P
[Old version datasheet]   Video Interface Palette
TVP3020 TI-TVP3020 Datasheet
412Kb / 98P
[Old version datasheet]   Video Interface Palette
TVP3010C TI-TVP3010C Datasheet
491Kb / 90P
[Old version datasheet]   Video Interface Palette
TVP3030 TI-TVP3030 Datasheet
501Kb / 107P
[Old version datasheet]   Video Interface Palette
logo
Intel Corporation
82731 INTEL-82731 Datasheet
1Mb / 19P
   VIDEO INTERFACE CONTROLLER
logo
Texas Instruments
TVP3010 TI1-TVP3010 Datasheet
501Kb / 91P
[Old version datasheet]   Video Interface Palette
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com