Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
2-111623-1 Datasheet(PDF) 11 Page - Tyco Electronics |
|
2-111623-1 Datasheet(HTML) 11 Page - Tyco Electronics |
11 / 100 page 11 Catalog 82012 Dimensions are shown for Dimensions are in inches Canada: +1 (905) 475-6222 UK: +44 (0) 800-267666 Revised 4-12 reference purposes only. and millimeters unless Mexico/C. Am.: +52 (0) 55-1106-0800 France: +33 (0) 1-3420-8686 Specifications subject otherwise specified. Latin/S. Am.: +54 (0) 11-4733-2200 Netherlands: +31 (0) 73-6246-999 www.te.com to change. USA: +1 (800) 522-6752 Germany: +49 (0) 6251-133-1999 China: +86 (0) 400-820-6015 System 50 Board-to-Board Connectors, Through-Hole Headers (Continued) Ribbon Cable Interconnect Solutions Shrouded, Double Row Right-Angle Material and Finish Housing — Black thermoplastic, UL 94V-0 rated Contacts — Copper alloy, plated .000030 [0.00076] gold in mating area, .000150 [0.00381] tin on solder posts, with entire contact underplated .000050 [0.00127] nickel Related Product Data Mateable Receptacles — page 9 Technical Documents Product Specification 108-1093 Application Specification 114-25031 Circuit Identification Feature** .540 [13.72] .100 [2.54] .350 [8.89] .290 [7.37] .050 [1.27] Typ. Note 2 Note 1 .060 [1.52] 2 Plc. A .055* [1.40] .100 [2.54] .160 [4.06] at Post Tips .100 [2.54] at Post Tips .408 [10.36] Hold down post No. of Dim. Part Positions A Number .330 8 8.38 5-104069-8 .380 10 9.65 5-104069-4 .630 20 16.00 5-104069-1 .730 24 18.54 6-104069-2 .780 26 19.81 6-104069-3 .880 30 22.35 5-104069-5 .980 34 24.89 6-104069-4 No. of Dim. Part Positions A Number 1.130 40 28.70 5-104069-6 1.380 50 35.05 5-104069-2 1.630 60 41.40 5-104069-7 1.830 68 46.80 6-104069-8 1.930 72 49.02 6-104069-6 2.130 80 54.10 5-104069-3 2.630 100 66.80 6-104069-7 **Point of measurement for gold thickness. **Circuit identification feature omitted on 8, 10, 12 and 14 position headers. Notes: 1. Hold down posts located as shown for 16 through 100 position headers. Notes: 2. Hold down posts located as shown for 8 through 14 and 60 through 100 position headers. Notes: 3. All part numbers are RoHS compliant. |
Número de pieza similar - 2-111623-1 |
|
Descripción similar - 2-111623-1 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |