Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BC857A-7-F Datasheet(PDF) 3 Page - Diodes Incorporated

No. de pieza BC857A-7-F
Descripción Electrónicos  PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR IN SOT23
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BC857A-7-F Datasheet(HTML) 3 Page - Diodes Incorporated

  BC857A-7-F Datasheet HTML 1Page - Diodes Incorporated BC857A-7-F Datasheet HTML 2Page - Diodes Incorporated BC857A-7-F Datasheet HTML 3Page - Diodes Incorporated BC857A-7-F Datasheet HTML 4Page - Diodes Incorporated BC857A-7-F Datasheet HTML 5Page - Diodes Incorporated BC857A-7-F Datasheet HTML 6Page - Diodes Incorporated BC857A-7-F Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
BC856A – BC858C
Document Number: DS112072 Rev. 22 - 2
3 of 7
www.diodes.com
Feb. 2013
© Diodes Incorporated
BC856A-BC858C
Thermal Characteristics and Derating Information
0
25
50
75
100
125
150
0.0
0.1
0.2
0.3
0.4
Derating Curve
Temperature (°C)
100µ
1m
10m 100m
1
10
100
1k
0
50
100
150
200
250
300
350
400
Transient Thermal Impedance
D=0.5
D=0.2
D=0.1
Single Pulse
D=0.05
Pulse Width (s)
10m
100m
1
10
100
1k
0.1
1
10
Single Pulse. T
amb=25°C
Pulse Power Dissipation
Pulse Width (s)


Número de pieza similar - BC857A-7-F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
BC857A-7 DIODES-BC857A-7 Datasheet
44Kb / 3P
   PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS11207 Rev. 12 - 2
More results

Descripción similar - BC857A-7-F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Bruckewell Technology L...
BC856A BWTECH-BC856A Datasheet
405Kb / 5P
   PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR IN SOT23
logo
Diodes Incorporated
MMBT4403 DIODES-MMBT4403_15 Datasheet
155Kb / 6P
   40V PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR IN SOT23
MMBTA55 DIODES-MMBTA55_15 Datasheet
471Kb / 7P
   PNP SMALL SIGNAL TRANSISTOR IN SOT23
AC857BQ DIODES-AC857BQ Datasheet
433Kb / 7P
   PNP SMALL SIGNAL TRANSISTOR IN SOT23
BC856AQ DIODES-BC856AQ Datasheet
382Kb / 7P
   PNP SMALL SIGNAL TRANSISTOR IN SOT23
November 2019 Rev. 1 - 2
BC856A DIODES-BC856A_15 Datasheet
359Kb / 7P
   PNP SMALL SIGNAL TRANSISTOR IN SOT23
BC846A DIODES-BC846A_11 Datasheet
148Kb / 6P
   NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR IN SOT23
logo
Bruckewell Technology L...
BC846A BWTECH-BC846A Datasheet
388Kb / 5P
   NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR IN SOT23
logo
Diodes Incorporated
MMBT2907A DIODES-MMBT2907A_15 Datasheet
389Kb / 7P
   60V PNP SMALL SIGNAL TRANSISTOR IN SOT23
MMBT5401 DIODES-MMBT5401_15 Datasheet
313Kb / 7P
   150V PNP SMALL SIGNAL TRANSISTOR IN SOT23
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com