Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD812ANZ Datasheet(PDF) 7 Page - Analog Devices

No. de pieza AD812ANZ
Descripción Electrónicos  Dual, Current Feedback Low Power Op Amp
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD812ANZ Datasheet(HTML) 7 Page - Analog Devices

Back Button AD812ANZ Datasheet HTML 3Page - Analog Devices AD812ANZ Datasheet HTML 4Page - Analog Devices AD812ANZ Datasheet HTML 5Page - Analog Devices AD812ANZ Datasheet HTML 6Page - Analog Devices AD812ANZ Datasheet HTML 7Page - Analog Devices AD812ANZ Datasheet HTML 8Page - Analog Devices AD812ANZ Datasheet HTML 9Page - Analog Devices AD812ANZ Datasheet HTML 10Page - Analog Devices AD812ANZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AD812
–7–
REV. B
4
–16
–10
–14
–12
–4
–8
–6
–2
0
2
140
–40
–60
120
100
80
60
40
20
0
–20
JUNCTION TEMPERATURE – C
VS = 15V
VS = 5V
Figure 10. Input Offset Voltage vs. Junction Temperature
160
40
100
60
80
140
120
140
–40
–60
120
80
60
40
100
20
0
–20
JUNCTION TEMPERATURE – C
SINK
VS = 15V
SOURCE
Figure 11. Short Circuit Current vs. Junction Temperature
80
20
50
30
40
70
60
140
–40
–60
120
80
60
40
100
20
0
–20
JUNCTION TEMPERATURE – C
VS = 15V
VS = 5V
Figure 12. Linear Output Current vs. Junction Temperature
70
20
50
30
40
60
20
5
0
15
10
SUPPLY VOLTAGE –
Volts
Figure 13. Linear Output Current vs. Supply Voltage
100k
100M
10M
1M
10k
0.01
1k
10
1
0.1
100
FREQUENCY – Hz
15VS
5VS
G = +2
Figure 14. Closed-Loop Output Resistance vs. Frequency
30
15
0
100k
1M
100M
10M
10
5
20
25
FREQUENCY – Hz
VS = 15V
VS = 5V
RL = 1k
Figure 15. Large Signal Frequency Response


Número de pieza similar - AD812ANZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD812AN AD-AD812AN Datasheet
372Kb / 16P
   Dual, Current Feedback Low Power Op Amp
REV. B
AD812AN AD-AD812AN Datasheet
358Kb / 16P
   Dual, Current Feedback Low Power Op Amp
REV. B
More results

Descripción similar - AD812ANZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD812 AD-AD812_15 Datasheet
376Kb / 16P
   Dual, Current Feedback Low Power Op Amp
REV. B
AD812 AD-AD812 Datasheet
372Kb / 16P
   Dual, Current Feedback Low Power Op Amp
REV. B
AD812ARZ AD-AD812ARZ Datasheet
358Kb / 16P
   Dual, Current Feedback Low Power Op Amp
REV. B
logo
National Semiconductor ...
CLC5802 NSC-CLC5802 Datasheet
420Kb / 12P
   Dual Low-Noise, Voltage Feedback Op Amp
logo
ON Semiconductor
NCS2511 ONSEMI-NCS2511 Datasheet
183Kb / 12P
   1 GHz Current Feedback Op Amp
May, 2006 ??Rev. 2
logo
National Semiconductor ...
CLC446 NSC-CLC446 Datasheet
157Kb / 12P
   400MHz, 50mW Current-Feedback Op Amp
logo
ON Semiconductor
NCS2510 ONSEMI-NCS2510_06 Datasheet
121Kb / 12P
   1.4 GHz Current Feedback Op Amp
March, 2006 ??Rev. 1
logo
National Semiconductor ...
CLC428 NSC-CLC428 Datasheet
898Kb / 8P
   Dual Wideband, Low-Noise, Voltage Feedback Op Amp
logo
Texas Instruments
LMH6628QML TI1-LMH6628QML_13 Datasheet
545Kb / 20P
[Old version datasheet]   Dual Wideband, Low Noise, Voltage Feedback Op Amp
logo
National Semiconductor ...
LMH6628 NSC-LMH6628 Datasheet
513Kb / 11P
   Dual Wideband, Low Noise, Voltage Feedback Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com