Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD7723BS Datasheet(PDF) 6 Page - Analog Devices

No. de pieza AD7723BS
Descripción Electrónicos  16-Bit, 1.2 MSPS CMOS, Sigma-Delta ADC
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD7723BS Datasheet(HTML) 6 Page - Analog Devices

Back Button AD7723BS Datasheet HTML 2Page - Analog Devices AD7723BS Datasheet HTML 3Page - Analog Devices AD7723BS Datasheet HTML 4Page - Analog Devices AD7723BS Datasheet HTML 5Page - Analog Devices AD7723BS Datasheet HTML 6Page - Analog Devices AD7723BS Datasheet HTML 7Page - Analog Devices AD7723BS Datasheet HTML 8Page - Analog Devices AD7723BS Datasheet HTML 9Page - Analog Devices AD7723BS Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
AD7723
Rev. C | Page 6 of 32
TIMING SPECIFICATIONS
AVDD = DVDD = 5 V ± 5%; AGND = AGND1 = DGND = 0 V; fCLKIN = 19.2 MHz; CL = 50 pF; SFMT = logic low or high, CFMT = logic low
or high; TA = TMIN to TMAX, unless otherwise noted.
Table 2.
Parameter
Symbol
Min
Typ
Max
Unit
CLKIN Frequency
fCLK
1
19.2
MHz
CLKIN Period (tCLK – 1/fCLK)
t1
0.052
1
µs
CLKIN Low Pulse Width
t2
0.45 × t1
0.55 × t1
CLKIN High Pulse Width
t3
0.45 × t1
0.55 × t1
CLKIN Rise Time
t4
5
ns
CLKIN Fall Time
t5
5
ns
FSI Setup Time
t6
0
5
ns
FSI Hold Time
t7
0
5
ns
FSI High Time1
t8
1
tCLK
CLKIN to SCO Delay
t9
25
40
ns
SCO Period2, SCR = 1
t10
2
tCLK
SCO Period2, SCR = 0
t10
1
tCLK
SCO Transition to FSO High Delay
t11
0
5
ns
SCO Transition to FSO Low Delay
t12
0
5
ns
SCO Transition to SDO Valid Delay
t13
5
12
ns
SCO Transition from FSI3
t14
60
tCLK + t2
SDO Enable Delay Time
t15
5
20
ns
SDO Disable Delay Time
t16
5
20
ns
DRDY High Time2
t17
2
tCLK
Conversion Time2 (Refer to Table 3 and Table 4)
t18
16/32
tCLK
CLKIN to DRDY Transition
t19
35
50
ns
CLKIN to DATA Valid
t20
20
35
ns
CS/RD Setup Time to CLKIN
t21
0
ns
CS/RD Hold Time to CLKIN
t22
20
ns
Data Access Time
t23
20
35
ns
Bus Relinquish Time
t24
20
35
ns
SYNC Input Pulse Width
t25
1
tCLK
SYNC Low Time before CLKIN Rising
t26
0
ns
DRDY High Delay after Rising SYNC
t27
25
35
ns
DRDY Low Delay after SYNC Low
t28
2049
tCLK
1 FSO pulses are gated by the release of FSI (going low).
2 Guaranteed by design.
3 Frame sync is initiated on the falling edge of CLKIN.
IOL
1.6mA
1.6V
CL
50pF
TO
OUTPUT
PIN
IOH
200
µA
Figure 2. Load Circuit for Timing Specifications


Número de pieza similar - AD7723BS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7723BS AD-AD7723BS Datasheet
435Kb / 23P
   16-Bit, 1.2 MSPS CMOS, Sigma-Delta ADC
REV. 0
AD7723BS AD-AD7723BS Datasheet
548Kb / 33P
   16-Bit, 1.2 MSPS CMOS, Sigma-Delta ADC
AD7723BS-REEL AD-AD7723BS-REEL Datasheet
548Kb / 33P
   16-Bit, 1.2 MSPS CMOS, Sigma-Delta ADC
AD7723BSZ AD-AD7723BSZ Datasheet
548Kb / 33P
   16-Bit, 1.2 MSPS CMOS, Sigma-Delta ADC
AD7723BSZ-REEL AD-AD7723BSZ-REEL Datasheet
548Kb / 33P
   16-Bit, 1.2 MSPS CMOS, Sigma-Delta ADC
More results

Descripción similar - AD7723BS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7723 AD-AD7723_15 Datasheet
751Kb / 32P
   16-Bit, 1.2 MSPS CMOS, Sigma-Delta ADC
REV. C
AD7723 AD-AD7723_17 Datasheet
548Kb / 33P
   16-Bit, 1.2 MSPS CMOS, Sigma-Delta ADC
AD7723 AD-AD7723 Datasheet
435Kb / 23P
   16-Bit, 1.2 MSPS CMOS, Sigma-Delta ADC
REV. 0
AD7715 AD-AD7715_15 Datasheet
495Kb / 40P
   16-Bit, Sigma-Delta ADC
REV. D
AD7715 AD-AD7715_17 Datasheet
897Kb / 41P
   16-Bit, Sigma-Delta ADC
AD7721 AD-AD7721 Datasheet
259Kb / 16P
   CMOS 16-Bit, 468.75 kHz, Sigma-Delta ADC
REV. A
AD7722 AD-AD7722 Datasheet
526Kb / 24P
   16-Bit, 195 kSPS CMOS, Sigma-Delta ADC
REV. 0
AD7721 AD-AD7721_15 Datasheet
263Kb / 16P
   CMOS 16-Bit, 468.75 kHz, Sigma-Delta ADC
REV. A
AD7721 AD-AD7721_17 Datasheet
297Kb / 17P
   CMOS 16-Bit 468.75 kHz, Sigma-Delta ADC
ADUM7703 AD-ADUM7703_V01 Datasheet
353Kb / 22P
   16-Bit, Isolated, Sigma-Delta ADC
Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com