Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD8639 Datasheet(PDF) 1 Page - Analog Devices

No. de pieza AD8639
Descripción Electrónicos  16 V Auto-Zero, Rail-to-Rail Output Operational Amplifiers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD8639 Datasheet(HTML) 1 Page - Analog Devices

  AD8639 Datasheet HTML 1Page - Analog Devices AD8639 Datasheet HTML 2Page - Analog Devices AD8639 Datasheet HTML 3Page - Analog Devices AD8639 Datasheet HTML 4Page - Analog Devices AD8639 Datasheet HTML 5Page - Analog Devices AD8639 Datasheet HTML 6Page - Analog Devices AD8639 Datasheet HTML 7Page - Analog Devices AD8639 Datasheet HTML 8Page - Analog Devices AD8639 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
16 V Auto-Zero, Rail-to-Rail Output
Operational Amplifiers
AD8638/AD8639
Rev. F
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2007–2010 Analog Devices, Inc. All rights reserved.
FEATURES
Low offset voltage: 9 μV maximum
Offset drift: 0.04 μV/°C maximum
Rail-to-rail output swing
5 V to 16 V single-supply or ±2.5 V to ±8 V dual-supply
operation
High gain: 136 dB typical
High CMRR: 133 dB typical
High PSRR: 143 dB typical
Very low input bias current: 40 pA maximum
Low supply current: 1.3 mA maximum
AD8639: qualified for automotive applications
APPLICATIONS
Pressure and position sensors
Strain gage amplifiers
Medical instrumentation
Thermocouple amplifiers
Automotive sensors
Precision references
Precision current sensing
GENERAL DESCRIPTION
The AD8638/AD8639 are single and dual wide bandwidth,
auto-zero amplifiers featuring rail-to-rail output swing and low
noise. These amplifiers have very low offset, drift, and bias
current. Operation is fully specified from 5 V to 16 V single
supply (±2.5 V to ±8 V dual supply).
The AD8638/AD8639 provide benefits previously found only
in expensive zero-drift or chopper-stabilized amplifiers. Using
the Analog Devices, Inc., topology, these auto-zero amplifiers
combine low cost with high accuracy and low noise. No exter-
nal capacitors are required. In addition, the AD8638/AD8639
greatly reduce the digital switching noise found in most chopper-
stabilized amplifiers.
With a typical offset voltage of only 3 μV, drift of 0.01 μV/°C,
and noise of 1.2 μV p-p (0.1 Hz to 10 Hz), the AD8638/AD8639
are suited for applications in which error sources cannot be
tolerated. Position and pressure sensors, medical equipment,
and strain gage amplifiers benefit greatly from nearly zero drift
over their operating temperature ranges. Many systems can take
advantage of the rail-to-rail output swing provided by the
AD8638/AD8639 to maximize signal-to-noise ratio (SNR).
PIN CONFIGURATIONS
OUT
1
V–
2
+IN
3
V+
5
–IN
4
AD8638
TOP VIEW
(Not to Scale)
Figure 1. 5-Lead SOT-23 (RJ-5)
NC
1
–IN
2
+IN
3
V–
4
NC
8
V+
7
OUT
6
NC
5
NC = NO CONNECT
AD8638
TOP VIEW
(Not to Scale)
Figure 2. 8-Lead SOIC_N (R-8)
OUT A 1
–IN A
2
+IN A
3
V–
4
V+
8
OUT B
7
–IN B
6
+IN B
5
AD8639
TOP VIEW
(Not to Scale)
Figure 3. 8-Lead MSOP (RM-8)
8-Lead SOIC_N (R-8)
PIN 1
INDICATOR
NOTES
1. PIN 4 AND THE EXPOSED PAD
MUST BE CONNECTED TO V–.
AD8639
1
OUT A
2
–IN A
3
+IN A
4
v–
7OUT B
8V+
6 –IN B
5 +IN B
TOP VIEW
(Not to Scale)
Figure 4. 8-Lead LFCSP_WD (CP-8-5)
The AD8638/AD8639 are specified for the extended industrial
temperature range (−40°C to +125°C). The single AD8638 is
available in tiny 5-lead SOT-23 and 8-lead SOIC packages.
The dual AD8639 is available in 8-lead MSOP, 8-lead SOIC, and
8-lead LFCSP packages. See the Ordering Guide for automotive
grades.
The AD8638/AD8639 are members of a growing series of auto-
zero op amps offered by Analog Devices (see Table 1).
Table 1. Auto-Zero Op Amps
Supply
2.7 V to 5 V
2.7 V to 5 V Low Power
5 V to 16 V
Single
AD8628
AD8538
AD8638
Dual
AD8629
AD8539
AD8639
Quad
AD8630


Número de pieza similar - AD8639

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8639 AD-AD8639 Datasheet
646Kb / 20P
   16 V Auto-Zero, Rail-to-Rail Output Operational Amplifiers
REV. C
AD8639 AD-AD8639 Datasheet
879Kb / 24P
   30 V Zero-Drift, Rail-to-Rail Output Precision Amplifier
REV. 0
AD8639 AD-AD8639 Datasheet
629Kb / 20P
   16V Auto-Zero, Rail-to-Rail Output tional Amplifiers
Rev. F
AD8639 AD-AD8639 Datasheet
629Kb / 20P
   16 V Auto-Zero, Rail-to-Rail Output Operational Amplifiers
AD8639ACPZ-R2 AD-AD8639ACPZ-R2 Datasheet
646Kb / 20P
   16 V Auto-Zero, Rail-to-Rail Output Operational Amplifiers
REV. C
More results

Descripción similar - AD8639

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8638 AD-AD8638_16 Datasheet
629Kb / 20P
   16 V Auto-Zero, Rail-to-Rail Output Operational Amplifiers
AD8638 AD-AD8638_07 Datasheet
646Kb / 20P
   16 V Auto-Zero, Rail-to-Rail Output Operational Amplifiers
REV. C
AD8639ARMZ AD-AD8639ARMZ Datasheet
629Kb / 20P
   16V Auto-Zero, Rail-to-Rail Output tional Amplifiers
Rev. F
AD8638 AD-AD8638 Datasheet
92Kb / 4P
   16V Auto-Zero, Rail-to-Rail Output, Precision Amplifiers
Rev. PrA
AD8566 AD-AD8566_15 Datasheet
293Kb / 16P
   16 V Rail-to-Rail Operational Amplifiers
Rev. G
AD8565 AD-AD8565_06 Datasheet
346Kb / 16P
   16 V Rail-to-Rail Operational Amplifiers
REV. D
AD8565 AD-AD8565_15 Datasheet
293Kb / 16P
   16 V Rail-to-Rail Operational Amplifiers
Rev. G
AD8567 AD-AD8567_15 Datasheet
293Kb / 16P
   16 V Rail-to-Rail Operational Amplifiers
Rev. G
AD8565 AD-AD8565 Datasheet
152Kb / 12P
   16 V Rail-to-Rail Operational Amplifiers
REV. A
AD8565 AD-AD8565_17 Datasheet
334Kb / 13P
   16 V Rail-to-Rail Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com