Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
IRF7403 Datasheet(PDF) 2 Page - International Rectifier |
|
IRF7403 Datasheet(HTML) 2 Page - International Rectifier |
2 / 9 page IRF7403 Parameter Min. Typ. Max. Units Conditions V(BR)DSS Drain-to-Source Breakdown Voltage 30 ––– ––– V VGS = 0V, ID = 250µA ∆V (BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient ––– 0.024 ––– V/°C Reference to 25°C, ID = 1mA ––– ––– 0.022 VGS = 10V, ID = 4.0A ––– ––– 0.035 VGS = 4.5V, ID = 3.4A VGS(th) Gate Threshold Voltage 1.0 ––– ––– V VDS = VGS, ID = 250µA gfs Forward Transconductance 8.4 ––– ––– S VDS = 15V, ID = 4.0A ––– ––– 1.0 VDS = 24V, VGS = 0V ––– ––– 25 VDS = 24V, VGS = 0V, TJ = 125°C Gate-to-Source Forward Leakage ––– ––– 100 VGS = 20V Gate-to-Source Reverse Leakage ––– ––– -100 VGS = -20V Qg Total Gate Charge ––– ––– 57 ID = 4.0A Qgs Gate-to-Source Charge ––– ––– 6.8 nC VDS = 24V Qgd Gate-to-Drain ("Miller") Charge ––– ––– 18 VGS = 10V, See Fig. 6 and 12 td(on) Turn-On Delay Time ––– 10 ––– VDD = 15V tr Rise Time ––– 37 ––– ID = 4.0A td(off) Turn-Off Delay Time ––– 42 ––– RG = 6.0 Ω tf Fall Time ––– 40 ––– RD = 3.7Ω, See Fig. 10 Between lead tip and center of die contact Ciss Input Capacitance ––– 1200 ––– VGS = 0V Coss Output Capacitance ––– 450 ––– pF VDS = 25V Crss Reverse Transfer Capacitance ––– 160 ––– ƒ = 1.0MHz, See Fig. 5 Notes: Parameter Min. Typ. Max. Units Conditions IS Continuous Source Current MOSFET symbol (Body Diode) showing the ISM Pulsed Source Current integral reverse (Body Diode) p-n junction diode. VSD Diode Forward Voltage ––– ––– 1.0 V TJ = 25°C, IS = 2.0A, VGS = 0V trr Reverse Recovery Time ––– 52 78 ns TJ = 25°C, IF = 4.0A Qrr Reverse RecoveryCharge ––– 93 140 nC di/dt = 100A/µs ton Forward Turn-On Time Repetitive rating; pulse width limited by max. junction temperature. ( See fig. 11 ) ISD ≤ 4.0A, di/dt ≤ 180A/µs, VDD ≤ V(BR)DSS, TJ ≤ 150°C Pulse width ≤ 300µs; duty cycle ≤ 2%. Source-Drain Ratings and Characteristics Electrical Characteristics @ TJ = 25°C (unless otherwise specified) Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD) ––– ––– 34 ––– ––– 3.1 A S D G IGSS IDSS Drain-to-Source Leakage Current LS Internal Source Inductance ––– 4.0 ––– LD Internal Drain Inductance ––– 2.5 ––– nH ns nA µA Ω RDS(ON) Static Drain-to-Source On-Resistance S D G Surface mounted on FR-4 board, t ≤ 10sec. |
Número de pieza similar - IRF7403 |
|
Descripción similar - IRF7403 |