Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRF7493TRPBF Datasheet(PDF) 5 Page - International Rectifier

No. de pieza IRF7493TRPBF
Descripción Electrónicos  High frequency DC-DC converte
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

IRF7493TRPBF Datasheet(HTML) 5 Page - International Rectifier

  IRF7493TRPBF Datasheet HTML 1Page - International Rectifier IRF7493TRPBF Datasheet HTML 2Page - International Rectifier IRF7493TRPBF Datasheet HTML 3Page - International Rectifier IRF7493TRPBF Datasheet HTML 4Page - International Rectifier IRF7493TRPBF Datasheet HTML 5Page - International Rectifier IRF7493TRPBF Datasheet HTML 6Page - International Rectifier IRF7493TRPBF Datasheet HTML 7Page - International Rectifier IRF7493TRPBF Datasheet HTML 8Page - International Rectifier IRF7493TRPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
IRF7493
www.irf.com
5
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Ambient
Fig 10a. Switching Time Test Circuit
VDS
90%
10%
VGS
td(on)
tr
td(off) tf
Fig 10b. Switching Time Waveforms
VDS
Pulse Width ≤ 1 µs
Duty Factor ≤ 0.1 %
RD
VGS
RG
D.U.T.
10V
+
-VDD
Fig 9. Maximum Drain Current Vs.
Ambient Temperature
25
50
75
100
125
150
TC , Case Temperature (°C)
0
2
4
6
8
10
1E-005
0.0001
0.001
0.01
0.1
1
10
100
t1 , Rectangular Pulse Duration (sec)
0.01
0.1
1
10
100
0.20
0.10
D = 0.50
0.02
0.01
0.05
SINGLE PULSE
( THERMAL RESPONSE )


Número de pieza similar - IRF7493TRPBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF7493 IRF-IRF7493 Datasheet
155Kb / 9P
   HEXFET Power MOSFET
IRF7493PBF IRF-IRF7493PBF Datasheet
159Kb / 9P
   HEXFET짰 Power MOSFET
IRF7493PBF IRF-IRF7493PBF Datasheet
165Kb / 9P
   High frequency DC-DC converters
IRF7493PBF-1 IRF-IRF7493PBF-1 Datasheet
224Kb / 9P
   Industry-standard pinout SO-8 Package
IRF7493PBF-1 IRF-IRF7493PBF-1_15 Datasheet
224Kb / 9P
   Industry-standard pinout SO-8 Package
More results

Descripción similar - IRF7493TRPBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Shenzhen Huazhimei Semi...
HM1530 HMSEMI-HM1530 Datasheet
291Kb / 9P
   3A 380KHz 18V Buck DC to DC Converte
logo
First Silicon Co., Ltd
FAC1534 FS-FAC1534 Datasheet
863Kb / 15P
   2A 380KHz 20V PWM Buck DC/DC Converte
FAC1513 FS-FAC1513 Datasheet
984Kb / 15P
   2A 380KHz 20V PWM Buck DC/DC Converte
logo
International Rectifier
IRFB41N15DPBF IRF-IRFB41N15DPBF_15 Datasheet
343Kb / 13P
   High frequency DC-DC converters
IRFB59N10DPBF IRF-IRFB59N10DPBF_15 Datasheet
233Kb / 12P
   High frequency DC-DC converters
IRFR9N20DPBF IRF-IRFR9N20DPBF_15 Datasheet
231Kb / 11P
   High frequency DC-DC converters
IRFR18N15DPBF IRF-IRFR18N15DPBF_15 Datasheet
226Kb / 11P
   High frequency DC-DC converters
IRF7380PBF IRF-IRF7380PBF_15 Datasheet
232Kb / 8P
   High frequency DC-DC converters
IRF7488PBF IRF-IRF7488PBF_15 Datasheet
156Kb / 9P
   High frequency DC-DC converters
IRF7493PBF IRF-IRF7493PBF_15 Datasheet
165Kb / 9P
   High frequency DC-DC converters
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com