Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRLR3105PBF Datasheet(PDF) 4 Page - International Rectifier

No. de pieza IRLR3105PBF
Descripción Electrónicos  Logic-Level Gate Drive
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

IRLR3105PBF Datasheet(HTML) 4 Page - International Rectifier

  IRLR3105PBF Datasheet HTML 1Page - International Rectifier IRLR3105PBF Datasheet HTML 2Page - International Rectifier IRLR3105PBF Datasheet HTML 3Page - International Rectifier IRLR3105PBF Datasheet HTML 4Page - International Rectifier IRLR3105PBF Datasheet HTML 5Page - International Rectifier IRLR3105PBF Datasheet HTML 6Page - International Rectifier IRLR3105PBF Datasheet HTML 7Page - International Rectifier IRLR3105PBF Datasheet HTML 8Page - International Rectifier IRLR3105PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
IRLR/U3105PbF
4
www.irf.com
Fig 8. Maximum Safe Operating Area
Fig 6. Typical Gate Charge Vs.
Gate-to-Source Voltage
Fig 5. Typical Capacitance Vs.
Drain-to-Source Voltage
Fig 7. Typical Source-Drain Diode
Forward Voltage
0.2
0.4
0.6
0.8 1.0 1.2
1.4
1.6 1.8
VSD, Source-toDrain Voltage (V)
0.1
1.0
10.0
100.0
TJ = 25°C
TJ = 175°C
VGS = 0V
1
10
100
1000
VDS , Drain-toSource Voltage (V)
0.1
1
10
100
1000
Tc = 25°C
Tj = 175°C
Single Pulse
1msec
10msec
OPERATION IN THIS AREA
LIMITED BY RDS(on)
100µsec
0
10203040
QG Total Gate Charge (nC)
0
4
8
12
16
20
VDS= 44V
VDS= 28V
VDS= 11V
ID= 15A
FOR TEST CIRCUIT
SEE FIGURE 13
1
10
100
VDS, Drain-to-Source Voltage (V)
0
400
800
1200
1600
Coss
Crss
Ciss
VGS = 0V,
f = 1 MHZ
Ciss = Cgs + Cgd, Cds SHORTED
Crss = Cgd
Coss = Cds + Cgd


Número de pieza similar - IRLR3105PBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRLR3105PBF IRF-IRLR3105PBF Datasheet
308Kb / 11P
   AUTOMOTIVE MOSFET
IRLR3105PBF IRF-IRLR3105PBF Datasheet
327Kb / 11P
   Advanced Process Technology
IRLR3105PBF IRF-IRLR3105PBF_15 Datasheet
327Kb / 11P
   Advanced Process Technology
More results

Descripción similar - IRLR3105PBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRLZ34NSLPBF IRF-IRLZ34NSLPBF Datasheet
191Kb / 11P
   Logic-Level Gate Drive
IRLR014NTRPBF IRF-IRLR014NTRPBF Datasheet
293Kb / 10P
   Logic-Level Gate Drive
logo
Kersemi Electronic Co.,...
IRLU024N KERSEMI-IRLU024N Datasheet
939Kb / 10P
   Logic-Level Gate Drive
IRLU3410 KERSEMI-IRLU3410 Datasheet
921Kb / 10P
   Logic Level Gate Drive
logo
International Rectifier
IRLZ44NSTRR IRF-IRLZ44NSTRR Datasheet
189Kb / 11P
   Logic-Level Gate Drive
IRL520NPBF IRF-IRL520NPBF Datasheet
313Kb / 9P
   Logic-level Gate Drive
logo
Infineon Technologies A...
AUIRLS8409-7P INFINEON-AUIRLS8409-7P Datasheet
278Kb / 11P
   Logic Level Gate Drive
2016-02-15
logo
International Rectifier
AUIRLZ24NS IRF-AUIRLZ24NS Datasheet
277Kb / 12P
   Logic Level Gate Drive
IRLR2705TRL IRF-IRLR2705TRL Datasheet
202Kb / 11P
   Logic-Level Gate Drive
IRLR2703PBF IRF-IRLR2703PBF_15 Datasheet
319Kb / 11P
   Logic-Level Gate Drive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com