Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BZW04P10B Datasheet(PDF) 4 Page - Shenzhen Luguang Electronic Technology Co., Ltd

No. de pieza BZW04P10B
Descripción Electrónicos  Transient Voltage Suppressor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Página de inicio  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

BZW04P10B Datasheet(HTML) 4 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  BZW04P10B Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd BZW04P10B Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd BZW04P10B Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd BZW04P10B Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
10
0.1
1
0.01
0
100
500
TA=25℃
100
200
300
400
MEASURED ATDEVICES
STAND-OFF VOLTAGE, VWM
100.000
1000
10.000
10
1.0
10
100
MEASURED at
STAND-OFF
VOLTAGE, VWM
200
TJ=25
f=1.0MHZ
Vsig=50mVp-p
MEASURED at
ZEROBIAS
150
50
100
0
01.0
2.0
tr=10¦ Μ
sec
3.0
4.0
PEAK VALUE
IPPM
HALF VALUE - IPPM
2
PULES WIDTH (td)
is DEFINDE as the
POINT WHERE the
PEAK CURRENT
DECAYS to 50% of
IPPM
10/1000¦ Μ
sec.
WAVEFORM as
DEFINDE by R.E.A.
td
FIG.7 -- TYPICAL REVERSE LEAKAGE
JJJJJJJJJJJJJJJJJJCHARACTERISTICS
FIG.6 -- MAXIMUN NON-REPETITIVE FORWARD
HHHH H
SURGE CURRENT UNIDIRECTIONAL ONLY
FIG.5 -- STEADY STATE POWER DERATING CURV
E
t, TIME, ms
V(BR), BREAKDOWNVOLTAGE, V
NUMBEROFCYCLES AT60 Hz
V(BR), BREAKDOWNVOLTAGE, V
tol, PULSEWIDTH, SEC.
FIG.3 -- PULSEWAVEFORM
FIG.4 -- TYPICAL JUNCTION CAPACITANCE
H HHHHHHHH HUNIDIRECTIONAL
TA, AMBIENT TEMPERATURE.
FIG.1 -- PEAK PULSE POWER RATING CURVE
TL, LEADTEMPERATURE,
FIG.2 -- PULSE DERATING CURVE
100
1.0
10
0.1
0.1μs1.0μs10μs
100μs
0.1ms
10ms
NON-REPETITIVE
PULSE WAVEFORM
SHOWN if FIG.3
TA=25
100
75
25
50
0
025
75
50
125
100
150
200
175
1.00
0.75
0.25
0.50
0
025
75
50
200
100
125
150
175
L=0.375"(9.5mm)
LEAD LENGTHS
1.6 x 1.6 x .040"
(40 x 40 x 1mm.)
COPPER HEAT SINKS
60 HZ
RESISTIVEOR
INDUCTIVE LOAD
50
40
30
10
20
0
1100
10
TJ=TJ max.
8.3ms SINGLE HALF SINE-MAVE
(JEDEC METHOD)
BZW04P-5V8--BZW04-376
Transient Voltage Suppressor
Ratings AND Charactieristic Curves
http://www.luguang.cn
mail:lge@luguang.cn


Número de pieza similar - BZW04P10B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
DB Lectro Inc
BZW04P10B DBLECTRO-BZW04P10B Datasheet
293Kb / 1P
   MINI TYPE LED LAMPS
BZW04P10B DBLECTRO-BZW04P10B Datasheet
195Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 to 440 Volts 400 Watts Peak 1.0 Watt Steady Stae
logo
Galaxy Semi-Conductor H...
BZW04P10B BILIN-BZW04P10B Datasheet
113Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
BZW04P10B MDE-BZW04P10B Datasheet
74Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
BZW04P10B MDE-BZW04P10B Datasheet
200Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results

Descripción similar - BZW04P10B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP220CA NJSEMI-15KP220CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE11 NJSEMI-1.5KE11 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com