Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD5247BKSZ100-2RL7 Datasheet(PDF) 8 Page - Analog Devices

No. de pieza AD5247BKSZ100-2RL7
Descripción Electrónicos  128-Position I2C-Compatible Digital Potentiometer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD5247BKSZ100-2RL7 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD5247BKSZ100-2RL7 Datasheet HTML 4Page - Analog Devices AD5247BKSZ100-2RL7 Datasheet HTML 5Page - Analog Devices AD5247BKSZ100-2RL7 Datasheet HTML 6Page - Analog Devices AD5247BKSZ100-2RL7 Datasheet HTML 7Page - Analog Devices AD5247BKSZ100-2RL7 Datasheet HTML 8Page - Analog Devices AD5247BKSZ100-2RL7 Datasheet HTML 9Page - Analog Devices AD5247BKSZ100-2RL7 Datasheet HTML 10Page - Analog Devices AD5247BKSZ100-2RL7 Datasheet HTML 11Page - Analog Devices AD5247BKSZ100-2RL7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
AD5247
Data Sheet
Rev. F | Page 8 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
CODE (Decimal)
0
–1.0
0
0.2
1.0
16
32
48
64
80
96
112
128
–0.8
–0.6
–0.4
–0.2
0.4
0.6
0.8
VDD = 2.7V
VDD = 5.5V
TA = 25°C
RAB = 10kΩ
Figure 4. R-INL vs. Code vs. Supply Voltages
CODE (Decimal)
0
–0.5
–0.4
–0.3
–0.2
16
32
48
64
80
96
112
128
–0.1
0
0.1
0.2
0.3
0.4
0.5
VDD = 2.7V
VDD = 5.5V
TA = 25°C
RAB = 10kΩ
Figure 5. R-DNL vs. Code vs. Supply Voltages
CODE (Decimal)
0
–0.25
0
0.05
0.25
16
32
48
64
80
96
112
128
–0.20
–0.15
–0.10
–0.05
0.10
0.15
0.20
VDD = 2.7V
RAB = 10kΩ
TA = –40°C
TA = +25°C
TA = +85°C
TA = +125°C
TA = –40°C
TA = +25°C, +85°C, +125°C
Figure 6. INL vs. Code vs. Temperature
CODE (Decimal)
0
–0.25
–0.20
–0.15
–0.10
16
32
48
–0.05
0
0.05
0.10
0.15
0.20
0.25
64
80
96
112
128
TA = –40°C, +25°C, +85°C, +125°C
–40°C
+25°C
+85°C
+125°C
VDD = 2.7V
RAB = 10kΩ
Figure 7. DNL vs. Code vs. Temperature
CODE (Decimal)
0
–0.25
0
0.05
0.25
16
32
48
64
80
96
112
128
–0.20
–0.15
–0.10
–0.05
0.10
0.15
0.20
VDD = 2.7V
VDD = 5.5V
TA = 25°C
RAB = 10kΩ
Figure 8. INL vs. Code vs. Supply Voltages
CODE (Decimal)
0
–0.25
0
0.05
0.25
16
32
48
64
80
96
112
128
–0.20
–0.15
–0.10
–0.05
0.10
0.15
0.20
TA = 25°C
RAB = 10kΩ
VDD = 2.7V
VDD = 5.5V
VDD = 2.7V
VDD = 5.5V
Figure 9. DNL vs. Code vs. Supply Voltages


Número de pieza similar - AD5247BKSZ100-2RL7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD5247BKS10-R2 AD-AD5247BKS10-R2 Datasheet
1Mb / 20P
   128-Position I2C Compatible Digital Potentiometer
REV. 0
AD5247BKS10-RL7 AD-AD5247BKS10-RL7 Datasheet
1Mb / 20P
   128-Position I2C Compatible Digital Potentiometer
REV. 0
AD5247BKS100-R2 AD-AD5247BKS100-R2 Datasheet
1Mb / 20P
   128-Position I2C Compatible Digital Potentiometer
REV. 0
AD5247BKS100-RL7 AD-AD5247BKS100-RL7 Datasheet
1Mb / 20P
   128-Position I2C Compatible Digital Potentiometer
REV. 0
AD5247BKS5-R2 AD-AD5247BKS5-R2 Datasheet
1Mb / 20P
   128-Position I2C Compatible Digital Potentiometer
REV. 0
More results

Descripción similar - AD5247BKSZ100-2RL7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD5247 AD-AD5247 Datasheet
1Mb / 20P
   128-Position I2C Compatible Digital Potentiometer
REV. 0
AD5246BKSZ100-RL7 AD-AD5246BKSZ100-RL7 Datasheet
370Kb / 16P
   128-Position I2C-Compatible Digital Resistor
REV. C
AD5246 AD-AD5246 Datasheet
991Kb / 20P
   128-Position I2C Compatible Digital Resistor
REV. 0
AD5245BRJ50 AD-AD5245BRJ50 Datasheet
687Kb / 20P
   256-Position I2C-Compatible Digital Potentiometer
REV. B
logo
ON Semiconductor
CAT5171 ONSEMI-CAT5171 Datasheet
171Kb / 12P
   256-Position I2C Compatible Digital Potentiometer
August, 2009 ??Rev. 1
logo
Analog Devices
AD5245 AD-AD5245 Datasheet
995Kb / 16P
   256-Position I2C Compatible Digital Potentiometer
REV. 0
AD5245BRJ5 AD-AD5245BRJ5 Datasheet
687Kb / 20P
   256-Position I2C-Compatible Digital Potentiometer
REV. B
AD5245BRJ10 AD-AD5245BRJ10 Datasheet
687Kb / 20P
   256-Position I2C-Compatible Digital Potentiometer
REV. B
AD7376ARWZ10 AD-AD7376ARWZ10 Datasheet
452Kb / 20P
   128-Position Digital Potentiometer
REV. D
AD5258 AD-AD5258 Datasheet
1Mb / 24P
   Nonvolatile, I2C-Compatible 64-Position, Digital Potentiometer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com