Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD5247BKSZ100-1RL7 Datasheet(PDF) 5 Page - Analog Devices

No. de pieza AD5247BKSZ100-1RL7
Descripción Electrónicos  128-Position I2C-Compatible Digital Potentiometer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD5247BKSZ100-1RL7 Datasheet(HTML) 5 Page - Analog Devices

  AD5247BKSZ100-1RL7 Datasheet HTML 1Page - Analog Devices AD5247BKSZ100-1RL7 Datasheet HTML 2Page - Analog Devices AD5247BKSZ100-1RL7 Datasheet HTML 3Page - Analog Devices AD5247BKSZ100-1RL7 Datasheet HTML 4Page - Analog Devices AD5247BKSZ100-1RL7 Datasheet HTML 5Page - Analog Devices AD5247BKSZ100-1RL7 Datasheet HTML 6Page - Analog Devices AD5247BKSZ100-1RL7 Datasheet HTML 7Page - Analog Devices AD5247BKSZ100-1RL7 Datasheet HTML 8Page - Analog Devices AD5247BKSZ100-1RL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Data Sheet
AD5247
Rev. F | Page 5 of 20
Parameter
Symbol
Conditions
Min
Typ1
Max
Unit
DYNAMIC CHARACTERISTICS6, 8
Bandwidth –3 dB
BW
RAB = 10 kΩ/50 kΩ/100 kΩ,
code = 0x40
600/100/40
kHz
Total Harmonic Distortion
THDW
VA =1 V rms, f = 1 kHz, RAB = 10 kΩ
0.05
%
VW Settling Time (10 kΩ/50 kΩ/100 kΩ)
tS
VA = 5 V ±1 LSB error band
2
µs
Resistor Noise Voltage Density
eN_WB
RWB = 5 kΩ, RS = 0
9
nV/√Hz
1
Typical specifications represent average readings at 25°C and VDD = 5 V.
2
Resistor position nonlinearity error R-INL is the deviation from an ideal value measured between the maximum resistance and the minimum resistance wiper
positions. R-DNL measures the relative step change from ideal between successive tap positions. Parts are guaranteed monotonic.
3
VA = VDD, wiper (VW) = no connect.
4
INL and DNL are measured at VW, with the RDAC configured as a potentiometer divider similar to a voltage output DAC. VA = VDD and VB = 0 V.
DNL specification limits of ±1 LSB maximum are guaranteed monotonic operating conditions.
5
Resistor Terminal A and Resistor Terminal W have no limitations on polarity with respect to each other.
6
Guaranteed by design, not subject to production test.
7
PDISS is calculated from (IDD × VDD). CMOS logic level inputs result in minimum power dissipation.
8
All dynamic characteristics use VDD = 5 V.
TIMING CHARACTERISTICS—5 kΩ, 10 kΩ, 50 kΩ, AND 100 kΩ VERSIONS
VDD = 5 V ± 10% or 3 V ± 10%, VA = VDD, −40°C < TA < +125°C, unless otherwise noted.
Table 3.
Parameter1, 2, 3
Symbol
Min
Typ4
Max
Unit
SCL Clock Frequency
fSCL
400
kHz
Bus Free Time Between Stop and Start, tBUF
t1
1.3
µs
Hold Time (Repeated Start), tHD;STA5
t2
0.6
µs
Low Period of SCL Clock, tLOW
t3
1.3
µs
High Period of SCL Clock, tHIGH
t4
0.6
50
µs
Setup Time for Repeated Start Condition, tSU;STA
t5
0.6
µs
Data Hold Time, tHD;DAT
t6
0.9
µs
Data Setup Time, tSU;DAT
t7
100
ns
Fall Time of Both SDA and SCL Signals, tF
t8
300
ns
Rise Time of Both SDA and SCL Signals, tR
t9
300
ns
Setup Time for Stop Condition, tSU;STO
t10
0.6
µs
1
Specifications apply to all parts.
2
Guaranteed by design, not subject to production test.
3
See timing diagrams (Figure 2, Figure 33, and Figure 34) for locations of measured values.
4
Typical specifications represent average readings at 25°C and VDD = 5 V.
5
After this period, the first clock pulse is generated.
t7
t8
t9
P
S
P
S
t10
t5
t9
t8
SCL
SDA
t6
t1
t2
t3
t4
t2
Figure 2. I2C Interface, Detailed Timing Diagram


Número de pieza similar - AD5247BKSZ100-1RL7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD5247BKS10-R2 AD-AD5247BKS10-R2 Datasheet
1Mb / 20P
   128-Position I2C Compatible Digital Potentiometer
REV. 0
AD5247BKS10-RL7 AD-AD5247BKS10-RL7 Datasheet
1Mb / 20P
   128-Position I2C Compatible Digital Potentiometer
REV. 0
AD5247BKS100-R2 AD-AD5247BKS100-R2 Datasheet
1Mb / 20P
   128-Position I2C Compatible Digital Potentiometer
REV. 0
AD5247BKS100-RL7 AD-AD5247BKS100-RL7 Datasheet
1Mb / 20P
   128-Position I2C Compatible Digital Potentiometer
REV. 0
AD5247BKS5-R2 AD-AD5247BKS5-R2 Datasheet
1Mb / 20P
   128-Position I2C Compatible Digital Potentiometer
REV. 0
More results

Descripción similar - AD5247BKSZ100-1RL7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD5247 AD-AD5247 Datasheet
1Mb / 20P
   128-Position I2C Compatible Digital Potentiometer
REV. 0
AD5246BKSZ100-RL7 AD-AD5246BKSZ100-RL7 Datasheet
370Kb / 16P
   128-Position I2C-Compatible Digital Resistor
REV. C
AD5246 AD-AD5246 Datasheet
991Kb / 20P
   128-Position I2C Compatible Digital Resistor
REV. 0
AD5245BRJ50 AD-AD5245BRJ50 Datasheet
687Kb / 20P
   256-Position I2C-Compatible Digital Potentiometer
REV. B
logo
ON Semiconductor
CAT5171 ONSEMI-CAT5171 Datasheet
171Kb / 12P
   256-Position I2C Compatible Digital Potentiometer
August, 2009 ??Rev. 1
logo
Analog Devices
AD5245 AD-AD5245 Datasheet
995Kb / 16P
   256-Position I2C Compatible Digital Potentiometer
REV. 0
AD5245BRJ5 AD-AD5245BRJ5 Datasheet
687Kb / 20P
   256-Position I2C-Compatible Digital Potentiometer
REV. B
AD5245BRJ10 AD-AD5245BRJ10 Datasheet
687Kb / 20P
   256-Position I2C-Compatible Digital Potentiometer
REV. B
AD7376ARWZ10 AD-AD7376ARWZ10 Datasheet
452Kb / 20P
   128-Position Digital Potentiometer
REV. D
AD5258 AD-AD5258 Datasheet
1Mb / 24P
   Nonvolatile, I2C-Compatible 64-Position, Digital Potentiometer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com