Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD5300BRMZ-REEL Datasheet(PDF) 9 Page - Analog Devices

No. de pieza AD5300BRMZ-REEL
Descripción Electrónicos  2.7 V to 5.5 V, 140 muA, Rail-to-Rail Output 8-Bit DAC in a SOT-23
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD5300BRMZ-REEL Datasheet(HTML) 9 Page - Analog Devices

Back Button AD5300BRMZ-REEL Datasheet HTML 5Page - Analog Devices AD5300BRMZ-REEL Datasheet HTML 6Page - Analog Devices AD5300BRMZ-REEL Datasheet HTML 7Page - Analog Devices AD5300BRMZ-REEL Datasheet HTML 8Page - Analog Devices AD5300BRMZ-REEL Datasheet HTML 9Page - Analog Devices AD5300BRMZ-REEL Datasheet HTML 10Page - Analog Devices AD5300BRMZ-REEL Datasheet HTML 11Page - Analog Devices AD5300BRMZ-REEL Datasheet HTML 12Page - Analog Devices AD5300BRMZ-REEL Datasheet HTML 13Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
AD5300
–9–
REV.
POWER-DOWN
CIRCUITRY
RESISTOR
NETWORK
VOUT
RESISTOR
STRING DAC
AMPLIFIER
Figure 24. Output Stage During Power-Down
The bias generator, the output amplifier, the resistor string, and
other associated linear circuitry are all shut down when the
power-down mode is activated. However, the contents of the
DAC register are unaffected when in power-down. The time to
exit power-down is typically 2.5
µs for V
DD = 5 V and 5
µs for
VDD = 3 V (see Figure 18).
MICROPROCESSOR INTERFACING
AD5300 to ADSP-2101/ADSP-2103 Interface
Figure 25 shows a serial interface between the AD5300 and the
ADSP-2101/ADSP-2103. The ADSP-2101/ADSP-2103 should
be set up to operate in the SPORT transmit alternate framing
mode. The ADSP-2101/ADSP-2103 SPORT is programmed
through the SPORT control register and should be configured
as follows: internal clock operation, active low framing, 16-bit
word length. Transmission is initiated by writing a word to the
Tx register after the SPORT has been enabled.
ADSP-2101/
ADSP-2103*
DT
*ADDITIONAL PINS OMITTED FOR CLARITY
SYNC
DIN
SCLK
AD5300*
TFS
SCLK
Figure 25. AD5300 to ADSP-2101/ADSP-2103 Interface
DB15
DB0
SCLK
SYNC
DIN
DB15
DB0
VALID WRITE SEQUENCE, OUTPUT UPDATES
ON THE 16TH FALLING EDGE
INVALID WRITE SEQUENCE:
SYNC HIGH BEFORE 16TH FALLING EDGE
Figure 23.
SYNC Interrupt Facility
SYNC Interrupt
In a normal write sequence, the
SYNC line is kept low for at
least 16 falling edges of SCLK and the DAC is updated on the
16th falling edge. However, if
SYNC is brought high before the
16th falling edge, this acts as an interrupt to the write sequence.
The shift register is reset and the write sequence is seen as
invalid; neither an update of the DAC register contents or a
change in the operating mode occurs—see Figure 23.
Power-On Reset
The AD5300 contains a power-on reset circuit that controls the
output voltage during power-up. The DAC register is filled with
zeros and the output voltage is 0 V. It remains there until
a valid write sequence is made to the DAC. This is useful in
applications where it is important to know the state of the out-
put of the DAC while it is in the process of powering up.
Power-Down Modes
The AD5300 contains four separate modes of operation. These
modes are software programmable by setting two bits (DB13
and DB12) in the control register. Table I shows how the state
of the bits corresponds to the mode of operation of the device.
Table I. Modes of Operation for the AD5300
DB13
DB12
Operating Mode
00
Normal Operation
Power-Down Modes
01
1 k
Ω to GND
10
100 k
Ω to GND
11
Three-State
When both bits are set to 0, the part works normally with its
normal power consumption of 140
µA at 5 V. However, for the
three power-down modes, the supply current falls to 200 nA at
5 V (50 nA at 3 V). Not only does the supply current fall but
the output stage is also internally switched from the output of
the amplifier to a resistor network of known values. This has an
advantage: the output impedance of the part is known while the
part is in power-down mode. There are three different options.
The output is connected internally to GND through a 1 k
Ω resis-
tor or a 100 k
Ω resistor, or it is left open-circuited (three-stated).
The output stage is illustrated in Figure 24.
D


Número de pieza similar - AD5300BRMZ-REEL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD5300BRM AD-AD5300BRM Datasheet
202Kb / 12P
   2.7 V to 5.5 V, 140 uA, Rail-to-Rail Output 8-Bit DAC in an SOT-23
REV. C
AD5300BRM-REEL AD-AD5300BRM-REEL Datasheet
202Kb / 12P
   2.7 V to 5.5 V, 140 uA, Rail-to-Rail Output 8-Bit DAC in an SOT-23
REV. C
AD5300BRM-REEL7 AD-AD5300BRM-REEL7 Datasheet
202Kb / 12P
   2.7 V to 5.5 V, 140 uA, Rail-to-Rail Output 8-Bit DAC in an SOT-23
REV. C
More results

Descripción similar - AD5300BRMZ-REEL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD5310BRMZ-REEL7 AD-AD5310BRMZ-REEL7 Datasheet
578Kb / 16P
   2.7 V to 5.5 V, 140 muA, Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23
REV. B
AD5300 AD-AD5300_15 Datasheet
221Kb / 13P
   2.7 V to 5.5 V, 140 A, Rail-to-Rail Output 8-Bit DAC in a SOT-23
REV. D
AD5300 AD-AD5300 Datasheet
202Kb / 12P
   2.7 V to 5.5 V, 140 uA, Rail-to-Rail Output 8-Bit DAC in an SOT-23
REV. C
AD5320 AD-AD5320_15 Datasheet
410Kb / 20P
   2.7 V to 5.5 V, 140 A, Rail-to-Rail Output 12-Bit DAC in an SOT-23
REV. C
AD5320 AD-AD5320 Datasheet
192Kb / 12P
   2.7 V to 5.5 V, 140 uA, Rail-to-Rail Output 12-Bit DAC in a SOT-23
REV. B
AD5310 AD-AD5310_15 Datasheet
578Kb / 16P
   2.7 V to 5.5 V, 140 A, Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23
REV. B
AD5320 AD-AD5320_05 Datasheet
410Kb / 20P
   2.7 V to 5.5 V, 140 關A, Rail-to-Rail Output 12-Bit DAC in an SOT-23
REV. C
AD5310 AD-AD5310 Datasheet
164Kb / 12P
   2.7 V to 5.5 V, 140 uA, Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23
REV. A
AD5662 AD-AD5662 Datasheet
357Kb / 20P
   2.7 V to 5.5 V, 250 uA, Rail-to-Rail Output 16-Bit DAC D/A in a SOT-23
Rev. PrA
AD5662 AD-AD5662_15 Datasheet
584Kb / 24P
   2.7 V to 5.5 V, 250 A, Rail-to-Rail Output 16-Bit nanoDACT in a SOT-23
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com