Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TL16C552A Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TL16C552A
Descripción Electrónicos  DUAL ASYNCHRONOUS COMMUNICATIONS ELEMENT
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TL16C552A Datasheet(HTML) 2 Page - Texas Instruments

  TL16C552A Datasheet HTML 1Page - Texas Instruments TL16C552A Datasheet HTML 2Page - Texas Instruments TL16C552A Datasheet HTML 3Page - Texas Instruments TL16C552A Datasheet HTML 4Page - Texas Instruments TL16C552A Datasheet HTML 5Page - Texas Instruments TL16C552A Datasheet HTML 6Page - Texas Instruments TL16C552A Datasheet HTML 7Page - Texas Instruments TL16C552A Datasheet HTML 8Page - Texas Instruments TL16C552A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
TL16C552A, TL16C552AM
DUAL ASYNCHRONOUS COMMUNICATIONS ELEMENT
WITH FIFO
SLLS189D – NOVEMBER 1994 – REVISED JANUARY 1999
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
22 23
NC
ENIRQ
TXRDY1
SIN0
VDD
RESET
CS2
IOR
IOW
A0
A1
A2
CS0
DSR0
RI0
DCD0
CTS0
GND
NC
NC
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
24
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
NC
NC
RXRDY1
SIN1
ERR
VDD
SLCT
BUSY
PE
ACK
PEMD
TRI
CS1
CLK
DSR1
RI1
GND
DCD1
RXRDY0
NC
25 26 27 28
PN PACKAGE
(TOP VIEW)
79 78 77 76 75
80
74
72 71 70
73
29 30 31 32 33
69 68
21
67 66 65 64
34 35 36 37 38 39 40
63 62 61
description
The TL16C552A is an enhanced dual-channel version of the popular TL16C550B asynchronous
communications element (ACE). The device serves two serial input /output interfaces simultaneously in
microcomputer or microprocessor-based systems. Each channel performs serial-to-parallel conversion on data
characters received from peripheral devices or modems and parallel-to-serial conversion on data characters
transmitted by the CPU. The complete status of each channel of the dual ACE can be read at any time during
functional operation by the CPU. The information obtained includes the type and condition of the transfer
operations being performed and the error conditions encountered.
In addition to its dual communications interface capabilities, the TL16C552A provides the user with a
bidirectional parallel data port that fully supports the parallel Centronics-type printer interface. The parallel port
and the two serial ports provide IBM PC/AT-compatible computers with a single device to serve the three system
ports. A programmable baud rate generator that can divide the timing reference clock input by a divisor between
1 and (216 – 1) is included.
The TL16C552A is available in a 68-pin plastic-leaded chip-carrier (FN) package and a 80-pin TQFP (PN)
package. The TL16C552AM is available in a 68-pin ceramic quad flat (HV) package.


Número de pieza similar - TL16C552A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TL16C552A TI-TL16C552A Datasheet
545Kb / 39P
[Old version datasheet]   DUAL ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH FIFO
TL16C552AFN TI-TL16C552AFN Datasheet
545Kb / 39P
[Old version datasheet]   DUAL ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH FIFO
TL16C552AHV TI-TL16C552AHV Datasheet
545Kb / 39P
[Old version datasheet]   DUAL ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH FIFO
TL16C552AM TI-TL16C552AM Datasheet
545Kb / 39P
[Old version datasheet]   DUAL ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH FIFO
TL16C552AMFN TI-TL16C552AMFN Datasheet
545Kb / 39P
[Old version datasheet]   DUAL ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH FIFO
More results

Descripción similar - TL16C552A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TL16C450 TI-TL16C450 Datasheet
350Kb / 25P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C554 TI-TL16C554 Datasheet
478Kb / 33P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C554A TI-TL16C554A Datasheet
605Kb / 10P
[Old version datasheet]   ASYNCHRONOUS-COMMUNICATIONS ELEMENT
TL16C550A TI-TL16C550A Datasheet
434Kb / 31P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C550B TI-TL16C550B Datasheet
499Kb / 35P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C554A TI1-TL16C554A_13 Datasheet
1Mb / 46P
[Old version datasheet]   ASYNCHRONOUS-COMMUNICATIONS ELEMENT
TL16C554FNR TI-TL16C554FNR Datasheet
589Kb / 35P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C450 TI1-TL16C450_09 Datasheet
395Kb / 27P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C552A TI-TL16C552A Datasheet
545Kb / 39P
[Old version datasheet]   DUAL ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH FIFO
logo
Intersil Corporation
82C50A INTERSIL-82C50A Datasheet
101Kb / 21P
   CMOS Asynchronous Communications Element
March 1997
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com