Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TLC2543IDBR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TLC2543IDBR
Descripción Electrónicos  12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TLC2543IDBR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLC2543IDBR Datasheet HTML 3Page - Texas Instruments TLC2543IDBR Datasheet HTML 4Page - Texas Instruments TLC2543IDBR Datasheet HTML 5Page - Texas Instruments TLC2543IDBR Datasheet HTML 6Page - Texas Instruments TLC2543IDBR Datasheet HTML 7Page - Texas Instruments TLC2543IDBR Datasheet HTML 8Page - Texas Instruments TLC2543IDBR Datasheet HTML 9Page - Texas Instruments TLC2543IDBR Datasheet HTML 10Page - Texas Instruments TLC2543IDBR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
TLC2543C, TLC2543I, TLC2543M
12-BIT ANALOG-TO-DIGITAL CONVERTERS
WITH SERIAL CONTROL AND 11 ANALOG INPUTS
SLAS079F – DECEMBER 1993 – REVISED NOVEMBER 2001
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
_
+
C2
0.1
µF
C1
10
µF
C3
470 pF
50
15 V
50
– 15 V
VI
AIN0 – AIN10
TLC2543
10
U1
C1
10
µF
C3
470 pF
C2
0.1
µF
LOCATION
U1
C1
C2
C3
DESCRIPTION
OP27
10-
µF 35-V tantalum capacitor
0.1-
µF ceramic NPO SMD capacitor
470-pF porcelain Hi-Q SMD capacitor
PART NUMBER
AVX 12105C104KA105 or equivalent
Johanson 201S420471JG4L or equivalent
Figure 1. Analog Input Buffer to Analog Inputs AIN0 – AIN10
EOC
CL = 50 pF
12 k
DATA OUT
Test Point
VCC
RL = 2.18 kΩ
CL = 100 pF
12 k
Test Point
VCC
RL = 2.18 kΩ
Figure 2. Load Circuits
CS
DATA
OUT
2.4 V
0.4 V
90%
10%
tPZH, tPZL
tPHZ, tPLZ
0.8 V
2 V
Figure 3. DATA OUT to Hi-Z Voltage Waveforms
DATA INPUT
th(A)
0.8 V
2 V
I/O CLOCK
Data
Valid
tsu(A)
0.8 V
Figure 4. DATA INPUT and I/O CLOCK
Voltage Waveforms


Número de pieza similar - TLC2543IDBR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TLC2543IDBR TI1-TLC2543IDBR Datasheet
1Mb / 34P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543IDBRG4 TI1-TLC2543IDBRG4 Datasheet
1Mb / 34P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543IDBRG4Q1 TI1-TLC2543IDBRG4Q1 Datasheet
700Kb / 28P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543IDBRQ1 TI-TLC2543IDBRQ1 Datasheet
379Kb / 24P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543IDBRQ1 TI1-TLC2543IDBRQ1 Datasheet
700Kb / 28P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
More results

Descripción similar - TLC2543IDBR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TLC2543-Q1 TI1-TLC2543-Q1_16 Datasheet
700Kb / 28P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543CDWR TI-TLC2543CDWR Datasheet
1Mb / 34P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLV2543IDBR TI1-TLV2543IDBR Datasheet
536Kb / 28P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543C TI-TLC2543C Datasheet
431Kb / 27P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLV2543IDB TI-TLV2543IDB Datasheet
558Kb / 28P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543IDWR TI-TLC2543IDWR Datasheet
1Mb / 34P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543CFNRG3 TI-TLC2543CFNRG3 Datasheet
1Mb / 34P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543-Q1 TI-TLC2543-Q1 Datasheet
379Kb / 24P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543C TI1-TLC2543C_14 Datasheet
1Mb / 34P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLV2543C TI-TLV2543C Datasheet
379Kb / 24P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com