Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TMP123AIDBVT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TMP123AIDBVT
Descripción Electrónicos  1.5 C Accurate Digital Temperature Sensor with SPI田?Interface
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TMP123AIDBVT Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMP123AIDBVT Datasheet HTML 2Page - Texas Instruments TMP123AIDBVT Datasheet HTML 3Page - Texas Instruments TMP123AIDBVT Datasheet HTML 4Page - Texas Instruments TMP123AIDBVT Datasheet HTML 5Page - Texas Instruments TMP123AIDBVT Datasheet HTML 6Page - Texas Instruments TMP123AIDBVT Datasheet HTML 7Page - Texas Instruments TMP123AIDBVT Datasheet HTML 8Page - Texas Instruments TMP123AIDBVT Datasheet HTML 9Page - Texas Instruments TMP123AIDBVT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
TMP121
TMP123
SBOS273C − JUNE 2003 − REVISED FEBRUARY 2005
www.ti.com
6
0.25s
0.5s
50
µA(active)
20
µA(idle)
Figure 2. Conversion Time and Period
The serial data of the TMP121 and TMP123 consists of
12-bit plus sign temperature data followed by a
confirmation bit and two high impedance bits. Data is
transmitted in Binary Two’s Complement format. Figure 3
describes the output data of the TMP121 and TMP123.
Timing Diagrams
The TMP121 and TMP123 are SPI-compatible. Figure 4
and Figure 5 describe the various timing requirements,
with parameters defined in Table 3.
PARAMETER
MIN
MAX
UNITS
SCK Period
t1
100
ns
SCK Falling Edge to Output Data Delay
t2
30
ns
CS to Rising Edge SCK Set-Up Time
t3
40
ns
CS to Output Data Delay
t4
30
ns
CS Rising Edge to Output High Impedance
t5
30
ns
Table 3. Timing Description
SO/I
SCK
CS
Z
Z
1
D3
D4
D5
D6
D7
D8
D9
D10
D11
D12
D13
D14
D15
Z
Figure 3. Data READ
SCK
CS
SO
t
1
t
3
t
2
t
4
Figure 4. Output Data Timing Diagram
SCK
CS
SO
t
5
t
5
SCK
CS
SO
Figure 5. High Impedance Output Timing Diagram


Número de pieza similar - TMP123AIDBVT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Burr-Brown (TI)
TMP123AIDBVT BURR-BROWN-TMP123AIDBVT Datasheet
128Kb / 9P
   1.5C Accurate Digital Temperature Sensor with SPI Interface
More results

Descripción similar - TMP123AIDBVT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TMP125 TI1-TMP125 Datasheet
183Kb / 12P
[Old version datasheet]   Accurate Digital Temperature Sensor with SPI田?Interface
TMP125AIDBVRG4 TI-TMP125AIDBVRG4 Datasheet
130Kb / 10P
[Old version datasheet]   2C Accurate Digital Temperature Sensor with SPI Interface
logo
Burr-Brown (TI)
TMP121 BURR-BROWN-TMP121 Datasheet
128Kb / 9P
   1.5C Accurate Digital Temperature Sensor with SPI Interface
logo
Texas Instruments
TMP125 TI1-TMP125_15 Datasheet
185Kb / 12P
[Old version datasheet]   2째C Accurate Digital Temperature Sensor with SPI Interface
TMP121-EP TI1-TMP121-EP Datasheet
566Kb / 13P
[Old version datasheet]   1.5째C ACCURATE DIGITAL TEMPERATURE SENSOR WITH SPI??INTERFACE
logo
Microchip Technology
TC72 MICROCHIP-TC72 Datasheet
417Kb / 24P
   Digital Temperature Sensor with SPI??Interface
2002
TC72 MICROCHIP-TC72_11 Datasheet
605Kb / 28P
   Digital Temperature Sensor with SPI Interface
05/02/11
logo
Maxim Integrated Produc...
MAX6627 MAXIM-MAX6627_06 Datasheet
421Kb / 11P
   Remote ±1°C Accurate Digital Temperature Sensors with SPI-Compatible Serial Interface
Rev 3; 4/06
MAX6627 MAXIM-MAX6627_08 Datasheet
117Kb / 9P
   Remote ±1°C Accurate Digital Temperature Sensors with SPI-Compatible Serial Interface
Rev 4; 8/08
logo
Burr-Brown (TI)
TMP122 BURR-BROWN-TMP122 Datasheet
277Kb / 14P
   1.5째C Accurate Programmable Digital Temperature Sensors with SPI Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com