Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
YZ-2R-A2 Datasheet(PDF) 6 Page - Honeywell Accelerometers |
|
YZ-2R-A2 Datasheet(HTML) 6 Page - Honeywell Accelerometers |
6 / 16 page Basic Switches BZ/BA Series Standard For application help: call 1-800-537-6945. Honeywell Sensing and Control 51 OVERTRAVEL PLUNGER ORDER GUIDE Electrical Data and O.F. R.F. min. P.T. max. O.T. min. D.T. O.P.** UL Codes newtons newtons mm mm mm mm Catalog Listing Recommended For Page 46 ounces ounces inches inches inches inches BZ-2RQ-A2 Added overtravel. For manual in-line operation and for slow 30 ° (max) rise cams 15 Amps A 2,5-3,61 9-13 1,11 4 0,38 .015 5,56 .219 0,01-0,05 .0004- .0020 38,10 ±0,51 1.500 ±.020 BZ-2RQ24-A2 Operating in temperature to ±250°F (121°C) 15 Amps A 2,5-3,61 9-13 1,11 4 0,38 .015 5,56 .219 0,01-0,05 .0004- .0020 38,10 ±0,51 1.500 ±.020 Dim. Dwg. Fig. 16 BZ-2RQ172-A2 Applications requiring gold alloy contacts 1 Amp P 2,5-3,61 9-13 1,11 4 0,38 .015 5,56 .219 0,01-0,05 .0004- .0020 21,82 .859 BZ-2RQ1-A2 BZ-2RQ-A2 type applications with panel mount 15 Amps A 2,5-3,61 9-13 1,11 4 0,38 .015 5,56 .219 0,01-0,05 .0004- .0020 21,82 .859 BZ-2RQ1T04 MIL-S-8805 application requirements 15 Amps A 2,5-3,61 9-13 1,67 6 0,38 .015 5,56 .219 0,01-0,05 .0004- .0020 21,82 .859 (M8805/1-020) BZ-2RQ124-A2 Operating in temperature to ±250°F (121°C) 15 Amps A 2,5-3,61 9-13 1,11 4 0,38 .015 5,56 .219 0,01-0,05 .0004- .0020 21,82 .859 BZ/BM TYPE Dim. Dwg. Fig. 17 BZ-2RN702 Furnished with unassembled seal boot. 15 Amps X 2,5-3,61 9-13 1,11 4 0,38 0.15 3,18 .125 0,01-0,05 .0004- .0020 48,4 ±0,50 1.906 ±.020 BZ-RQ1X Manual reset. Solder terminals 15 Amps E 1,67-2,64 6-9.5 – – 0,30 0.12 5,56 .219 – – 23,42 ±1,14 .922 ±.045 7,14* .281* BA-2RQ1-A2 Up to 20 ampere load handling 20 Amps G 3,89-6,12 14-22 2,78 10 1,27 .050 5,56 .219 0,05-0,19 .0020- .0075 21,82 .859 BM-1RQ1-A2 Up to 22 ampere load handling 22 Amps F 1,95-2,78 7-10 1,11 4 0,38 .015 5,56 .219 0,013- 0,025 .0005- .0010 21,82 .859 BA TYPE Dim. Dwg. Fig. 18 BZ-2RQ1872-A2 Applications requiring gold alloy contacts 1 Amp P 2,5-3,61 9-13 1,11 4 0,38 .015 3,56 .140 0,01-0,05 .0004- .0020 33,32 ±1,14 1.312 ±.045 BZ-2RQ18-A2 Added overtravel. Roller plunger for rapid cam (30 ° max) rise and slide operation. Panel mount 15 Amps A 2,5-3,61 9-13 1,11 4 0,38 .015 3,56 .140 0,01-0,05 .0004- .0020 33,32 ±1,14 1.312 ±.045 BZ-2RQ1824-A2 Operating in temperature to ±250°F) (121°C) 15 Amps A 2,5-3,61 9-13 1,11 4 0,38 .015 3,56 .140 0,01-0,05 .0004- .0020 33,32 ±1,14 1.312 ±.045 BZ-2AQ18T1 Double-break circuitry 15 Amps T 3,89-6,68 14-24 1,11 4 0,51 .020 3,58 .141 0,03-0,10 .001-.004 33,35 ±1,19 1.313 ±.047 BM-1RQ18-A2 Up to 22 ampere load handling 22 Amps F 1,95-2,78 7-10 1,11 4 0,38 .015 3,56 .140 0,013- 0,025 .0005- .0010 33,32 ±1,14 1.312 ±.045 Dim. Dwg. Fig. 19 BZ-2RQ181-A2 Applications requiring roller plunger 90 ° to major axis of switch 15 Amps A 2,5-3,61 9-13 1,11 4 0,38 .015 3,56 .140 0,01-0,05 .0004- .0020 33,32 ±1,14 1.312 ±.045 * Reset characteristics. Except where stated ** ±0,76 mm ±.030 in. Dim. Dwg. Fig. 20 |
Descripción similar - YZ-2R-A2 |