Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CSNM191-002 Datasheet(PDF) 3 Page - Honeywell Accelerometers

No. de pieza CSNM191-002
Descripción Electrónicos  CSN Series Hall Effect Current Sensors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HONEYWELL-ACC [Honeywell Accelerometers]
Página de inicio  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

CSNM191-002 Datasheet(HTML) 3 Page - Honeywell Accelerometers

  CSNM191-002 Datasheet HTML 1Page - Honeywell Accelerometers CSNM191-002 Datasheet HTML 2Page - Honeywell Accelerometers CSNM191-002 Datasheet HTML 3Page - Honeywell Accelerometers CSNM191-002 Datasheet HTML 4Page - Honeywell Accelerometers CSNM191-002 Datasheet HTML 5Page - Honeywell Accelerometers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PERFORMANCE DATA
Definition
Acurrent transducer based on the principle of magnetic compensation. It provides electronic measurement of DC, AC, pulsed
currents and their combinations with galvanic isolation between the primary (high current) and secondary circuits.
Electrical Data
CSNL181 - XXX
CSNM191 - XXX
Nominal current (In)
: 300 Arms
: 500 Arms
Measuring range
: 0 to ±600 A
: 0 to ±1000 A
Measuring Resistance (Rm)
: Rm min
Rm max
: Rm min
Rm max
with ±15V
at ±300 A.t max
: 0 ohm
50 ohm
at ±500 A.t max
: 0 ohm
50 ohm
at ±600 A.t max
: 0 ohm
10 ohm
at ±1000 A.t max
: 0 ohm
5 ohm
Nominal analogue output current
: 150 mA
: 100 mA
Turns Ratio
: 1/2000
: 1/5000
Overall accuracy at +25°C
: ±0.5% on In
: ±0.5% of In
Supply Voltage
: ±12V to 18V (±5%)
: ±12V to ±18V (±5%)
Isolation between primary and secondary
: 7.5 kV rms/50 Hz/1 min
: 6.0 kV rms/50 Hz/1 min
Accuracy - Dynamic Performance
Zero offset current at +25°C
: Max ±0.3 mA
: Max ±0.2 mA
Thermal drift of offset current,
between 0°C to +70°C
: Typ ±0.3 mA; Max ±0.5 mA
: Typ ±0.2 mA; Max ±0.3 mA
Linearity
: better than ±0.1%
: better than ±0.1%
Response time
: better than 500nS
: better than 1µs
di/dt accurately followed
: better than 50 A/µs
: better than 50 A/µs
Bandwidth
: DC to 150 KHz
: DC to 100 KHz
General data
Operating temperature
: -40°C to +85°C (-40°F to +185°F)
: -40°C to +85°C (-40°F to +185°F)
Storage temperature
: -40°C to +90°C (-40°F to +194°F)
: -40°C to +90°C (-40°F to +194°F)
Current consumption
: Typ 14mA(±18V) + output current
: Typ 14mA(±18V) + output current
Secondary internal resistance
: 25 ohm (at 70°C)
: 50 ohm (at 70°C)
Sensor Housing
: Insulated plastic case (Bayblend FR1468)
: Insulated plastic case (Bayblend FR1468)
Signal sense
: a positive output current is obtained on
: a positive output current is obtained on
terminal O/Pwhen the primary current
terminal O/Pwhen the primary current
flows in the direction of the arrow
flows in the direction of the arrow
EMC
: EN50081-2, EN 50082-2
: EN50081-2, EN 50082-2
Honeywell • Sensing and Control 2
PERSONALINJURY
DO NOTUSE these products as safety or emergency stop devices, or in any other application
where failure of the product could result in personal injury.
Failure to comply with these instructions could result in death or serious injury.
WARNING
Electrical Connection
Termination
+
-
ov
Rm
OUTPUT
+
-
O/P
300A:
Supply Voltage ±12V to ±18V
500A:
Supply Voltage ±12V to ±18V
O/PMeasured output signal


Número de pieza similar - CSNM191-002

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Honeywell Accelerometer...
CSNM191-002 HONEYWELL-ACC-CSNM191-002 Datasheet
229Kb / 5P
   CSN Series Hall Effect Current Sensors
CSNM191-002 HONEYWELL-ACC-CSNM191-002 Datasheet
229Kb / 5P
   CSN Series Hall Effect Current Sensors
logo
Honeywell Solid State E...
CSNM191-002 HONEYWELL-CSNM191-002 Datasheet
229Kb / 5P
   Interactive Catalog Replaces Catalog Pages
More results

Descripción similar - CSNM191-002

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Honeywell Accelerometer...
CSNE151-104 HONEYWELL-ACC-CSNE151-104 Datasheet
229Kb / 5P
   CSN Series Hall Effect Current Sensors
CSNR151-004 HONEYWELL-ACC-CSNR151-004 Datasheet
229Kb / 5P
   CSN Series Hall Effect Current Sensors
logo
List of Unclassifed Man...
S26P200D15Y ETC2-S26P200D15Y Datasheet
549Kb / 2P
   Hall Effect Current Sensors
S21Z100D15 ETC2-S21Z100D15 Datasheet
195Kb / 3P
   Hall Effect Current Sensors
L18P015S05 ETC2-L18P015S05 Datasheet
514Kb / 2P
   Hall Effect Current Sensors L18P S05 Series
L03S600D15 ETC2-L03S600D15 Datasheet
108Kb / 2P
   Hall Effect Current Sensors L03S***D15 Series
logo
Littelfuse
55310 LITTELFUSE-55310 Datasheet
422Kb / 3P
   Hall Effect Sensors
55140 LITTELFUSE-55140 Datasheet
498Kb / 3P
   Hall Effect Sensors
55505 LITTELFUSE-55505 Datasheet
484Kb / 2P
   Hall Effect Sensors
55085 LITTELFUSE-55085 Datasheet
480Kb / 3P
   Hall Effect Sensors
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com