Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPA3123D2PWPR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPA3123D2PWPR
Descripción Electrónicos  25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPA3123D2PWPR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPA3123D2PWPR Datasheet HTML 5Page - Texas Instruments TPA3123D2PWPR Datasheet HTML 6Page - Texas Instruments TPA3123D2PWPR Datasheet HTML 7Page - Texas Instruments TPA3123D2PWPR Datasheet HTML 8Page - Texas Instruments TPA3123D2PWPR Datasheet HTML 9Page - Texas Instruments TPA3123D2PWPR Datasheet HTML 10Page - Texas Instruments TPA3123D2PWPR Datasheet HTML 11Page - Texas Instruments TPA3123D2PWPR Datasheet HTML 12Page - Texas Instruments TPA3123D2PWPR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
P
− OutputPower − W
O
80
10
100
30
0
40
60
20
50
70
90
12
0
1
2
3
4
5
6
7
8
9
10
11
R =8
(SE)
Gain=20dB
L
W
12V
18V
24V
P
− OutputPower − W
O
12
32
1.6
40
0.2
2
0.6
18V
0
0.8
1.2
0.4
1
1.4
1.8
4
0
8
16
20
24
28
36
R =4
(SE)
Gain=20dB
L
W
24V
12V
-120
20
100
1k
20k
f − Frequency − Hz
10k
-110
-100
-90
-80
-70
-50
0
V
=24V
V
=0.2V
R =4
(SE)
Gain=20dB
CC
O(ripple)
PP
L
W
-40
-30
-20
-10
-60
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
0
2.5
5
7.5
10 12.5 15 17.5
20 22.5
25
P
-OutputPower-W
O
12V
18V
24V
R =8
,
Gain=20dB
L
W
TPA3123D2
www.ti.com
SLOS541C – JULY 2007 – REVISED AUGUST 2010
TYPICAL CHARACTERISTICS (continued)
All tests are made at frequency = 1 kHz unless otherwise noted.
EFFICIENCY
SUPPLY CURRENT
vs
vs
OUTPUT POWER
OUTPUT POWER
Figure 13.
Figure 14.
SUPPLY CURRENT
POWER SUPPLY REJECTION RATIO
vs
vs
OUTPUT POWER
FREQUENCY
Figure 15.
Figure 16.
Copyright © 2007–2010, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s) :TPA3123D2


Número de pieza similar - TPA3123D2PWPR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA3123D2PWPR TI-TPA3123D2PWPR Datasheet
895Kb / 29P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results

Descripción similar - TPA3123D2PWPR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA3123D2 TI-TPA3123D2_15 Datasheet
911Kb / 31P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3120D2 TI-TPA3120D2 Datasheet
752Kb / 23P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3120D2 TI-TPA3120D2_07 Datasheet
825Kb / 27P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3123D2 TI-TPA3123D2 Datasheet
895Kb / 29P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA032D02 TI-TPA032D02 Datasheet
329Kb / 23P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3121D2 TI1-TPA3121D2_16 Datasheet
1Mb / 32P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3124D2 TI1-TPA3124D2_16 Datasheet
805Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA0172 TI1-TPA0172_16 Datasheet
964Kb / 37P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3100D2 TI1-TPA3100D2_17 Datasheet
1Mb / 41P
[Old version datasheet]   20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3008D2 TI-TPA3008D2_07 Datasheet
731Kb / 29P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com