Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS40071PWPG4 Datasheet(PDF) 4 Page - Texas Instruments

No. de pieza TPS40071PWPG4
Descripción Electrónicos  HIGH-EFFICIENCY MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS40071PWPG4 Datasheet(HTML) 4 Page - Texas Instruments

  TPS40071PWPG4 Datasheet HTML 1Page - Texas Instruments TPS40071PWPG4 Datasheet HTML 2Page - Texas Instruments TPS40071PWPG4 Datasheet HTML 3Page - Texas Instruments TPS40071PWPG4 Datasheet HTML 4Page - Texas Instruments TPS40071PWPG4 Datasheet HTML 5Page - Texas Instruments TPS40071PWPG4 Datasheet HTML 6Page - Texas Instruments TPS40071PWPG4 Datasheet HTML 7Page - Texas Instruments TPS40071PWPG4 Datasheet HTML 8Page - Texas Instruments TPS40071PWPG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
TPS40070
TPS40071
SLUS582J – DECEMBER 2003 – REVISED APRIL 2009 .................................................................................................................................................. www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
TA = –40°C to 85°C, VIN = 12 Vdc, RT = 90.9 kΩ, IKFF = 300 A, fSW = 500 kHz, all parameters at zero power dissipation (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SHORT CIRCUIT CURRENT PROTECTION
IILIM
Current sink into current limit
80
105
125
µA
VILIM(ofst)
Current limit offset voltage
VILIM = 11.5 V, (VSW - VILIM) VDD = 12 V
–75
–50
–30
mV
tHSC
Minimum HDRV pulse width
During short circuit
135
225
ns
Propagation delay to output(3)
50
ns
tBLANK
Blanking time(3)
50
ns
tOFF
Off time during a fault (SS cycle times)
7
cycles
VSW
Switching level to end precondition(3)
(VDD - VSW)
2
V
tPC
Precondition time(3)
100
ns
VILIM
Current limit precondition voltage threshold(3)
6.8
V
OUTPUT DRIVERS
tHFALL
High-side driver fall time(3)
36
CHDRV = 2200 pF, (HDRV - SW)
ns
tHRISE
High-side driver rise time(3)
48
tHFALL
High-side driver fall time(3)
72
CHDRV = 2200 pF, (HDRV - SW)
ns
VDD = 4.5 V, 0.2 V ≤ VSS≤ 4 V
tHRISE
High-side driver rise time(3)
96
tLFALL
Low-side driver fall time(3)
24
CLDRV = 2200 pF
ns
tLRISE
Low-side driver rise time(3)
48
tLFALL
Low-side driver fall time(3)
48
CLDRV = 2200 pF, VDD= 4.5 V,
ns
0.2 V
≤ VSS≤ 4 V
tLRISE
Low-side driver rise time(3)
96
IHDRV = -0.01 A, (VBOOST- VHDRV)
0.7
1.0
VOH
High-level output voltage, HDRV
V
IHDRV = -0.1 A, (VBOOST - VHDRV)
0.95
1.30
(VHDRV - VSW), IHDRV = 0.01A
0.06
0.10
VOL
Low-level output voltage, HDRV
V
(VHDRV - VSW), IHDRV = 0.1 A
0.65
1.0
(VDBP - VLDRV), ILDRV= -0.01A
0.65
1.00
VOH
High-level output voltage, LDRV
V
(VDBP - VLDRV), ILDRV = -0.1 A
0.875
1.200
ILDRV = 0.01 A
0.03
0.05
VOL
Low-level output voltage, LDRV
V
ILDRV = 0.1 A
0.3
0.5
ZERO CURRENT DETECTION
IZERO
Zero current threshold, TPS40070
–5
0
5
mV
BOOST REGULATOR
VBOOST
Output voltage
VDD = 12 V
15.2
17.0
V
UVLO
VUVLO
Programmable UVLO threshold voltage
RKFF = 90.9 kΩ, turn-on, VDD rising
6.2
7.2
8.2
Programmable UVLO hysteresis
RKFF = 90.9 kΩ
1.10
1.55
2.00
V
Fixed UVLO threshold voltage
Turn-on, VDD rising
4.15
4.30
4.45
Fixed UVLO hysteresis
275
365
mV
POWER GOOD
VPG
Powergood voltage
IPG = 1 mA
370
500
VOH
High-level output voltage, FB
770
mV
VOL
Low-level output voltage, FB
630
THERMAL SHUTDOWN
Shutdown temperature threshold(3)
165
°C
Hysteresis(3)
15
(3)
Ensured by design. Not production tested.
4
Submit Documentation Feedback
Copyright © 2003–2009, Texas Instruments Incorporated
Product Folder Link(s): TPS40070 TPS40071


Número de pieza similar - TPS40071PWPG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS40071PWP TI-TPS40071PWP Datasheet
288Kb / 10P
[Old version datasheet]   HIGH-EFFICIANCY MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
More results

Descripción similar - TPS40071PWPG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS40077 TI-TPS40077_15 Datasheet
1Mb / 45P
[Old version datasheet]   HIGH-EFFICIENCY, MIDRANGE-INPUT, SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40077 TI-TPS40077 Datasheet
677Kb / 42P
[Old version datasheet]   HIGH-EFFICIENCY, MIDRANGE-INPUT, SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40077 TI-TPS40077_07 Datasheet
894Kb / 43P
[Old version datasheet]   HIGH-EFFICIENCY, MIDRANGE-INPUT, SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40075 TI1-TPS40075_14 Datasheet
1Mb / 44P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40074 TI-TPS40074 Datasheet
529Kb / 38P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40074 TI1-TPS40074_16 Datasheet
454Kb / 38P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40075 TI-TPS40075 Datasheet
809Kb / 44P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40074 TI-TPS40074_15 Datasheet
999Kb / 42P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40070 TI-TPS40070 Datasheet
288Kb / 10P
[Old version datasheet]   HIGH-EFFICIANCY MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40007-DIE TI1-TPS40007-DIE Datasheet
96Kb / 6P
[Old version datasheet]   LOW-INPUT, HIGH EFFICIENCY SYNCHRONOUS BUCK CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com