Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS2331IPWR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS2331IPWR
Descripción Electrónicos  SINGLE HOT-SWAP POWER CONTROLLERS WITH CIRCUIT BREAKER AND POWER-GOOD REPORTING
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS2331IPWR Datasheet(HTML) 3 Page - Texas Instruments

  TPS2331IPWR Datasheet HTML 1Page - Texas Instruments TPS2331IPWR Datasheet HTML 2Page - Texas Instruments TPS2331IPWR Datasheet HTML 3Page - Texas Instruments TPS2331IPWR Datasheet HTML 4Page - Texas Instruments TPS2331IPWR Datasheet HTML 5Page - Texas Instruments TPS2331IPWR Datasheet HTML 6Page - Texas Instruments TPS2331IPWR Datasheet HTML 7Page - Texas Instruments TPS2331IPWR Datasheet HTML 8Page - Texas Instruments TPS2331IPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
TPS2330
TPS2331
www.ti.com
SLVS277G – MARCH 2000 – REVISED JULY 2013
DETAILED DESCRIPTION
DISCH – DISCH should be connected to the source of the external N-channel MOSFET transistor connected to
GATE. This pin discharges the load when the MOSFET transistor is disabled. They also serve as reference-
voltage connection for internal gate-voltage-clamp circuitry.
ENABLE or ENABLE – ENABLE for TPS2330 is active-low. ENABLE for TPS2331 is active-high. When the
controller is enabled, GATE voltage powers up to turn on the external MOSFETs. When the ENABLE pin is
pulled high for TPS2330 or the ENABLE pin is pulled low for TPS2331 for more than 50
μs, the gate of the
MOSFET is discharged at a controlled rate by a current source, and a transistor is enabled to discharge the
output bulk capacitance. In addition, the device turns on the internal regulator PREREG (see VREG) when
enabled and shuts down PREREG when disabled so that total supply current is much less than 5
μA.
FAULT – FAULT is an open-drain overcurrent flag output. When an overcurrent condition is sustained long
enough to charge TIMER to 0.5 V, the device latches off and pulls FAULT low. In order to turn the device back
on, either the enable pin must be toggled or the input power must be cycled.
GATE – GATE connects to the gate of the external N-channel MOSFET transistor. When the device is enabled,
internal charge-pump circuitry pulls this pin up by sourcing approximately 15
μA. The turnon slew rates depend
on the capacitance present at the GATE terminal. If desired, the turnon slew rates can be further reduced by
connecting capacitors between this pin and ground. These capacitors also reduce inrush current and protect the
device from false overcurrent triggering during power up. The charge-pump circuitry generates gate-to-source
voltages of 9 V–12 V across the external MOSFET transistor.
IN – IN should be connected to the power source driving the external N-channel MOSFET transistor connected
to GATE. The TPS2330/31 draws its operating current from IN, and remains disabled until the IN power supply
has been established. The device has been constructed to support 3-V, 5-V, or 12-V operation.
ISENSE, ISET – ISENSE in combination with ISET implements overcurrent sensing for GATE. ISET sets the
magnitude of the current that generates an overcurrent fault, through an external resistor connected to ISET. An
internal current source draws 50
μA from ISET. With a sense resistor from IN to ISENSE, which is also
connected to the drain of the external MOSFET, the voltage on the sense resistor reflects the load current. An
overcurrent condition is assumed to exist if ISENSE is pulled below ISET. To ensure proper circuit breaker
operation, VI(ISENSE) and VI(ISET) should never exceed VI(IN).
PWRGD – PWRGD signals the presence of undervoltage conditions on VSENSE. The pin is an open-drain
output and is pulled low during an undervoltage condition. To minimize erroneous PWRGD responses from
transients on the voltage rail, the voltage sense circuit incorporates a 20-
μs deglitch filter. When VSENSE is
lower than the reference voltage (about 1.23 V), PWRGD is active-low to indicate an undervoltage condition on
the power-rail voltage. PWRGD may not correctly report power conditions when the device is disabled because
there is no gate drive power for the PWRGD output transistor in the disable mode, or, in other words, PWRGD is
floating. Therefore, PWRGD is pulled up to its pullup power supply rail in disable mode.
TIMER – A capacitor on TIMER sets the time during which the power switch can be in overcurrent before turning
off. When the overcurrent protection circuits sense an excessive current, a current source is enabled which
charges the capacitor on TIMER. Once the voltage on TIMER reaches approximately 0.5 V, the circuit-breaker
latch is set and the power switch is latched off. Power must be recycled or the ENABLE pin must be toggled to
restart the controller. In high-power or high-temperature applications, a minimum 50-pF capacitor is strongly
recommended from TIMER to ground, to prevent any false triggering.
VREG – VREG is the output of an internal low-dropout voltage regulator, where IN1 is the input. The regulator is
used to generate a regulated voltage source, less than 5.5 V, for the device. A 0.1-
μF ceramic capacitor should
be connected between VREG and ground to aid in noise rejection. In this configuration, on disabling the device,
the internal low-dropout regulator also is disabled, which removes power from the internal circuitry and allows the
device to be placed in low-quiescent-current mode. In applications where IN1 is less than 5.5 V, VREG and IN1
may be connected together. However, under these conditions, disabling the device may not place the device in
low-quiescent-current mode, because the internal low-dropout voltage regulator is being bypassed, thereby
keeping internal circuitry operational. If VREG and IN1 are connected together, a 0.1-
μF ceramic capacitor
between VREG and ground is not needed if IN1 already has a bypass capacitor of 1
μF to 10 μF.
VSENSE – VSENSE can be used to detect undervoltage conditions on external circuitry. If VSENSE senses a
voltage below approximately 1.23 V, PWRGD is pulled low.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPS2330 TPS2331


Número de pieza similar - TPS2331IPWR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2331IPW TI-TPS2331IPW Datasheet
503Kb / 26P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER
TPS2331IPW TI-TPS2331IPW Datasheet
503Kb / 26P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER
More results

Descripción similar - TPS2331IPWR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2310 TI1-TPS2310_15 Datasheet
1Mb / 27P
[Old version datasheet]   DUAL HOT-SWAP POWER CONTROLLERS WITH INTERDEPENDENT CIRCUIT BREAKER AND POWER-GOOD REPORTING
TPS2300IPWR TI1-TPS2300IPWR Datasheet
456Kb / 25P
[Old version datasheet]   DUAL HOT-SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER AND POWER-GOOD REPORTING
TPS2330 TI-TPS2330 Datasheet
345Kb / 20P
[Old version datasheet]   SINGLE HOT SWAP POWER CONTROLLER WITH CIRCUIT BREAKER AND POWER-GOOD REPORTING
TPS2300 TI-TPS2300 Datasheet
422Kb / 22P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLER WITH INDEPENDENT CIRCUIT BREAKER AND POWER-GOOD REPORTING
TPS2310 TI-TPS2310 Datasheet
423Kb / 22P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLER WITH INTERDEPENDENT CIRCUIT BREAKER AND POWER-GOOD REPORTING
TPS2320IDRG4 TI-TPS2320IDRG4 Datasheet
503Kb / 26P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER
TPS2320IPW TI-TPS2320IPW Datasheet
503Kb / 26P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER
TPS2321IPW TI-TPS2321IPW Datasheet
503Kb / 26P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER
TPS2320 TI-TPS2320 Datasheet
409Kb / 22P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLER WITH INDEPENDENT CIRCUIT BREAKER
logo
Altera Corporation
ES1010SI ALTERA-ES1010SI Datasheet
889Kb / 11P
   12V Hot-Swap Power Distribution Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com