Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
4NT91-1 Datasheet(PDF) 7 Page - Honeywell Accelerometers |
|
4NT91-1 Datasheet(HTML) 7 Page - Honeywell Accelerometers |
7 / 9 page Manual Switches NT Series Flat Base Sealed Toggles Honeywell MICRO SWITCH Sensing and Control 1-800-537-6945 USA 1-815-235-6847 International 1-800-737-3360 Canada 113 NT 2-POSITION ORDER GUIDE Circuits Made At: No. of Poles Keyway Position Opposite Keyway UL Rating Code Electrical Rating Code Catalog Listing Toggle Q-C OFF 2-3 L191 1 31NT91-2 1 1-2 2-3 L191 1 31NT91-3 OFF** 2-3 L192 2 31NT91-4 1-2** OFF L192 2 31NT91-6 1-2** 2-3 L192 2 31NT91-8 OFF 2-3, 5-6 L191 3 32NT91-2 2 1-2, 4-5 2-3, 5-6 L191 3 32NT91-3 OFF** 2-3, 4-6 L192 4 32NT91-4 1-2, 4-5** OFF L192 4 32NT91-6 1-2, 4-5** 2-3, 4-6 L192 4 32NT91-8 NT 3-POSITION ORDER GUIDE Circuits Made At: No. of Poles Keyway Position Center Position Opposite Keyway UL Rating Code Electrical Rating Code Catalog Listing Toggle Q-C 1-2 OFF 2-3 L191 1 31NT91-1 1 1-2** OFF 2-3 L192 2 31NT91-5 1-2** OFF 2-3** L192 2 31NT91-7 NONE*** OFF 2-3 L191 1 31NT91-21 NONE*** 1-2 2-3 L191 1 31NT91-31 NONE*** 1-2 2-3** L192 2 31NT91-51 1-2** OFF NONE*** L192 2 31NT91-61 1-2, 4-5 OFF 2-3, 5-6 L191 3 32NT91-1 2 1-2, 4-5** OFF 2-3, 5-6 L192 4 32NT91-5 1-2, 4-5** OFF 2-3, 5-6** L192 4 32NT91-7 NONE*** OFF 2-3, 5-6 L191 3 32NT91-21 NONE*** 1-2, 4-5 2-3, 5-6 L191 3 32NT91-31 NONE*** 1-2, 4-5 2-3, 5-6** L192 4 32NT91-51 1-2, 4-5** OFF NONE*** L192 4 32NT91-61 1-2, 4-5 2-3, 4-5 2-3, 5-6 L191 3 32NT91-12 1-2, 4-5 1-2, 5-6 2-3, 5-6 L191 3 32NT91-10 1-2, 4-5** 1-2, 5-6 2-3, 5-6 L192 4 32NT91-50 1-2, 4-5** 1-2, 5-6 2-3, 5-6** L192 4 32NT91-70 ** These positions are momentary. All others are maintained. *** Toggle lever is blocked from these positions. Toggle becomes 2-position, with center being one extreme position. MATING CONNECTORS ORDER GUIDE Description Catalog Listing 2-pole connector 19PA168-NT 1-pole connector, same package size as 2-pole connector 19PA169-NT LOCKING CONFIGURATIONS AB DE F G H Locked In Locked Out Of Center and Locked Out Locked In Locked In Center And Locked In Extreme Position Of Center Locked In Extreme Position Extreme Position Extreme Position Three Positions (Keyway Side) Position Center Position (Opposite Keyway) (Keyway Side) (Keyway Side) JK L M N P Locked Out Of Locked In Locked Out Of Locked Out Of Center And Center And Locked Out Of And Into Locked Out Of And Into Extreme Position Extreme Position Extreme Position Extreme Position Extreme Position Extreme Position (Opposite Keyway) (Opposite Keyway) (Keyway Side) (Opposite Keyway) (Opposite Keyway) (Keyway Side) |
Número de pieza similar - 4NT91-1 |
|
Descripción similar - 4NT91-1 |