Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AMC7812SRGCR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No. de pieza AMC7812SRGCR
Descripción Electrónicos  12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

AMC7812SRGCR Datasheet(HTML) 10 Page - Texas Instruments

Back Button AMC7812SRGCR Datasheet HTML 6Page - Texas Instruments AMC7812SRGCR Datasheet HTML 7Page - Texas Instruments AMC7812SRGCR Datasheet HTML 8Page - Texas Instruments AMC7812SRGCR Datasheet HTML 9Page - Texas Instruments AMC7812SRGCR Datasheet HTML 10Page - Texas Instruments AMC7812SRGCR Datasheet HTML 11Page - Texas Instruments AMC7812SRGCR Datasheet HTML 12Page - Texas Instruments AMC7812SRGCR Datasheet HTML 13Page - Texas Instruments AMC7812SRGCR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 92 page
background image
t
HD, STA
t
SU, DAT
t
HD, DAT
t
SU, STA
t
SU, STO
t
HD,STA
t
LOW
t
HIGH
t
R
t
F
t
BUF
SDA
SCL
S
Sr
P
S
S=STARTCondition
Sr=RepeatedSTARTCondition
P=STOPCondition
=ResistorPull-Up
AMC7812
SBAS513E – JANUARY 2011 – REVISED SEPTEMBER 2013
www.ti.com
I
2C-COMPATIBLE TIMING DIAGRAMS
Figure 1. Timing for Standard and Fast Mode Devices on the I2C Bus
TIMING CHARACTERISTICS: SDA and SCL for Standard and Fast Modes
(1)
At –40°C to +105°C, AVDD = DVDD = 4.5V to 5.5V, AGND = DGND = 0V, and IOVDD = 2.7V to 5.5V, unless otherwise noted.
STANDARD
FAST
MODE
MODE
PARAMETER
MIN
MAX
MIN
MAX
UNIT
fSCL
(2)
SCL clock frequency
0
100
0
400
kHz
tLOW
Low period of the SCL clock
4.7
1.3
µs
tHIGH
High period of the SCL clock
4.0
0.6
µs
tSU, STA
Set-up time for a repeated start condition
4.7
0.6
µs
Hold time (repeated) start condition. After this
tHD, STA
4.0
0.6
µs
period, the first clock pulse is generated
tSU, DAT
Data set-up time
250
100
ns
tHD, DAT
Data hold time: for I2C-bus devices
0
3.45
0
0.9
µs
tSU, STO
Set-up time for stop condition
4.0
0.6
µs
tR
Rise time of both SDA and SCL signals
1000
20 + 0.1CB
(3)
300
ns
tF
Fall time of both SDA and SCL signals
300
20 + 0.1CB
(3)
300
ns
tBUF
Bus free time between a stop and start condition
4.7
1.3
µs
CB
Capacitive load for each bus line
400
400
pF
tSP
Pulse width of spike suppressed
NA
NA
0
50
ns
(1)
All values refer to VIHmin and VILmax levels.
(2)
An SCL operating frequency of at least 1kHz is recommended to avoid activating the I2C timeout function. See the Timeout Function
section for details.
(3)
CB = total capacitance of one bus line in pF.
10
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: AMC7812


Número de pieza similar - AMC7812SRGCR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
AMC7812 TI1-AMC7812 Datasheet
2Mb / 90P
[Old version datasheet]   12-Bit ANALOG MONITORING AND CONTROL SOLUTION with Multichannel ADC, DACs, and Temperature Sensors
AMC7812 TI-AMC7812 Datasheet
2Mb / 92P
[Old version datasheet]   12, 12-Bit DACs with Programmable Outputs: ??0V to 5V, ??0V to 12.5V
logo
TEXAS ADVANCED OPTOELEC...
AMC7812B TAOS-AMC7812B Datasheet
2Mb / 92P
   12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
logo
Texas Instruments
AMC7812B TI1-AMC7812B Datasheet
2Mb / 93P
[Old version datasheet]   12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
AMC7812B TI1-AMC7812B Datasheet
2Mb / 92P
[Old version datasheet]   12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
More results

Descripción similar - AMC7812SRGCR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
AMC7812 TI1-AMC7812 Datasheet
2Mb / 90P
[Old version datasheet]   12-Bit ANALOG MONITORING AND CONTROL SOLUTION with Multichannel ADC, DACs, and Temperature Sensors
AMC7812B TI1-AMC7812B Datasheet
2Mb / 92P
[Old version datasheet]   12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
AMC7812B TI1-AMC7812B_14 Datasheet
2Mb / 93P
[Old version datasheet]   12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
logo
TEXAS ADVANCED OPTOELEC...
AMC7812B TAOS-AMC7812B Datasheet
2Mb / 92P
   12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
logo
Texas Instruments
AMC7812B TI-AMC7812B_15 Datasheet
2Mb / 92P
[Old version datasheet]   12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
AMC7836 TI1-AMC7836 Datasheet
3Mb / 88P
[Old version datasheet]   AMC7836 High-Density, 12-Bit Analog Monitor and Control Solution With Multichannel ADC, Bipolar DACs, Temperature Sensor, and GPIO Ports
AMC7836 TI-AMC7836_15 Datasheet
3Mb / 87P
[Old version datasheet]   AMC7836 High-Density, 12-Bit Analog Monitor and Control Solution With Multichannel ADC, Bipolar DACs, Temperature Sensor, and GPIO Ports
AMC7832 TI1-AMC7832 Datasheet
6Mb / 70P
[Old version datasheet]   AMC7832 12-Bit Analog Monitor and Control Solution with Multi-Channel ADC, Bipolar DACs, Temperature Sensor and GPIO Ports
AMC7832 TI-AMC7832_15 Datasheet
6Mb / 72P
[Old version datasheet]   AMC7832 12-Bit Analog Monitor and Control Solution with Multi-Channel ADC, Bipolar DACs, Temperature Sensor and GPIO Ports
AFE11612-SEP TI-AFE11612-SEP Datasheet
1Mb / 11P
[Old version datasheet]   AFE11612-SEP Radiation-Tolerant, Analog Monitor and Controller With Multichannel ADC, DACs, and Temperature Sensors
DECEMBER 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com