Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD711 Datasheet(PDF) 1 Page - Analog Devices

No. de pieza AD711
Descripción Electrónicos  Precision, Low Cost, High Speed, BiFET Op Amp
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD711 Datasheet(HTML) 1 Page - Analog Devices

  AD711 Datasheet HTML 1Page - Analog Devices AD711 Datasheet HTML 2Page - Analog Devices AD711 Datasheet HTML 3Page - Analog Devices AD711 Datasheet HTML 4Page - Analog Devices AD711 Datasheet HTML 5Page - Analog Devices AD711 Datasheet HTML 6Page - Analog Devices AD711 Datasheet HTML 7Page - Analog Devices AD711 Datasheet HTML 8Page - Analog Devices AD711 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
REV. E
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
a
AD711
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2002
Precision, Low Cost,
High Speed, BiFET Op Amp
FEATURES
Enhanced Replacement for LF411 and TL081
AC PERFORMANCE
Settles to
0.01% in 1.0
s
16 V/ s min Slew Rate (AD711J)
3 MHz min Unity Gain Bandwidth (AD711J)
DC PERFORMANCE
0.25 mV max Offset Voltage: (AD711C)
3
V/ C max Drift: (AD711C)
200 V/mV min Open-Loop Gain (AD711K)
4
V p-p max Noise, 0.1 Hz to 10 Hz (AD711C)
Available in Plastic Mini-DIP, Plastic SOIC, Hermetic
Cerdip, and Hermetic Metal Can Packages
MIL-STD-883B Parts Available
Available in Tape and Reel in Accordance with
EIA-481A Standard
Surface Mount (SOIC)
Dual Version: AD712
PRODUCT DESCRIPTION
The AD711 is a high speed, precision monolithic operational
amplifier offering high performance at very modest prices. Its
very low offset voltage and offset voltage drift are the results of
advanced laser wafer trimming technology. These performance
benefits allow the user to easily upgrade existing designs that use
older precision BiFETs and, in many cases, bipolar op amps.
The superior ac and dc performance of this op amp makes it
suitable for active filter applications. With a slew rate of 16 V/
ms
and a settling time of 1
ms to ±0.01%, the AD711 is ideal as a
buffer for 12-bit D/A and A/D Converters and as a high-speed
integrator. The settling time is unmatched by any similar IC
amplifier.
The combination of excellent noise performance and low input
current also make the AD711 useful for photo diode preamps.
Common-mode rejection of 88 dB and open loop gain of
400 V/mV ensure 12-bit performance even in high-speed unity
gain buffer circuits.
The AD711 is pinned out in a standard op amp configuration
and is available in seven performance grades. The AD711J and
AD711K are rated over the commercial temperature range of
0
∞C to 70∞C. The AD711A, AD711B and AD711C are rated
over the industrial temperature range of –40
∞C to +85∞C. The
AD711S and AD711T are rated over the military temperature
range of –40
∞C to +125∞C and are available processed to MIL-
STD-883B, REV. E.
Extended reliability PLUS screening is available, specified over
the commercial and industrial temperature ranges. PLUS
screening includes 168 hour burn-in, as well as other environ-
mental and physical tests.
The AD711 is available in an 8-pin plastic mini-DIP, small
outline, cerdip, TO-99 metal can, or in chip form.
PRODUCT HIGHLIGHTS
1. The AD711 offers excellent overall performance at very
competitive prices.
2. Analog Devices’ advanced processing technology and 100%
testing guarantee a low input offset voltage (0.25 mV max,
C grade, 2 mV max, J grade). Input offset voltage is specified
in the warmed-up condition. Analog Devices’ laser wafer
drift trimming process reduces input offset voltage drifts to
3
mV/∞C max on the AD711C.
3. Along with precision dc performance, the AD711 offers
excellent dynamic response. It settles to
±0.01% in 1 ms and
has a 100% tested minimum slew rate of 16 V/
ms. Thus this
device is ideal for applications such as DAC and ADC
buffers which require a combination of superior ac and dc
performance.
4. The AD711 has a guaranteed and tested maximum voltage
noise of 4
mV p-p, 0.1 to 10 Hz (AD711C).
5. Analog Devices’ well-matched, ion-implanted JFETs ensure
a guaranteed input bias current (at either input) of 25 pA
max (AD711C) and an input offset current of 10 pA max
(AD711C). Both input bias current and input offset current
are guaranteed in the warmed-up condition.
CONNECTION DIAGRAMS
10k
VOS TRIM
–15V
NC
OFFSET
NULL
INVERTING
INPUT
NON
INVERTING
INPUT
OFFSET
NULL
OUTPUT
–VS
+VS
NC = NO CONNECT
AD711
NOTE
PIN 4 CONNECTED TO CASE
8
7
6
5
1
2
3
4
NC = NO CONNECT
OFFSET
NULL
NC
OUTPUT
AD711
INVERTING
INPUT
NONINVERTING
INPUT
–VS
+VS
OFFSET
NULL


Número de pieza similar - AD711

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD711 AD-AD711 Datasheet
523Kb / 12P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. A
AD711 AD-AD711 Datasheet
592Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD711 AD-AD711 Datasheet
543Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD7111 AD-AD7111 Datasheet
175Kb / 8P
   LC2MOS LOGDAC Logarithmic D/A Converter
REV. 0
AD7111A AD-AD7111A Datasheet
175Kb / 8P
   LC2MOS LOGDAC Logarithmic D/A Converter
REV. 0
More results

Descripción similar - AD711

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD711JRZ AD-AD711JRZ Datasheet
543Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD711 AD-AD711_15 Datasheet
717Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD711 AD-AD711 Datasheet
523Kb / 12P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. A
AD711 AD-AD711_02 Datasheet
592Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD711JNZ AD-AD711JNZ Datasheet
717Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD712 AD-AD712_06 Datasheet
522Kb / 20P
   Dual Precision, Low Cost, High Speed BiFET Op Amp
Rev. G
AD712 AD-AD712 Datasheet
635Kb / 15P
   Dual Precision, Low Cost, High Speed, BiFET Op Amp
REV. B
AD713 AD-AD713 Datasheet
456Kb / 14P
   Quad Precision, Low Cost, High Speed, BiFET Op Amp
REV. C
AD712 AD-AD712_15 Datasheet
387Kb / 20P
   Precision, Low Cost, High Speed BiFET Dual Op Amp
Rev. H
AD642 AD-AD642 Datasheet
395Kb / 6P
   Precision, Low Cost Dual BiFET Op Amp
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com