Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD817 Datasheet(PDF) 11 Page - Analog Devices

No. de pieza AD817
Descripción Electrónicos  High Speed, Low Power Wide Supply Range Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD817 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD817 Datasheet HTML 4Page - Analog Devices AD817 Datasheet HTML 5Page - Analog Devices AD817 Datasheet HTML 6Page - Analog Devices AD817 Datasheet HTML 7Page - Analog Devices AD817 Datasheet HTML 8Page - Analog Devices AD817 Datasheet HTML 9Page - Analog Devices AD817 Datasheet HTML 10Page - Analog Devices AD817 Datasheet HTML 11Page - Analog Devices AD817 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
AD817
REV. B
–11–
A HIGH PERFORMANCE ADC INPUT BUFFER
High performance analog to digital converters (ADCs) require
input buffers with correspondingly high bandwidths and very
low levels of distortion. Typical requirements include distortion
levels of –60 dB to –70 dB for a 1 volt p-p signal and band-
widths of 10 MHz or more. In addition, an ADC buffer may
need to drive very large capacitive loads.
The circuit of Figure 36 is useful for driving high speed convert-
ers such as the differential input of the AD733, 10-bit ADC.
This circuit may be used with other converters with only minor
modifications. Using the AD817 provides the user with the op-
tion of either operating the buffer in differential mode or from a
single +5 volt supply. Operating from a +5 volt power supply
helps to avoid overdriving the ADC—a common problem with
buffers operating at higher supply voltages.
SINGLE SUPPLY OPERATION
Another exciting feature of the AD817 is its ability to perform
well in a single supply configuration. The AD817 is ideally
suited for applications that require low power dissipation and
high output current and those which need to drive large capaci-
tive loads, such as high speed buffering and instrumentation.
Referring to Figure 37, careful consideration should be given to
the proper selection of component values. The choices for this
particular circuit are: R1+ R3//R2 combine with C1 to form a
low frequency corner of approximately 300 Hz.
R2
10k
C3
0.1
µF
R1
9k
R3
1k
C2
0.1
µF
C1
0.1
µF
C
L
200pF
R
L
150
SELECT C1, R1, R2 & R3
FOR DESIRED LOW
FREQUENCY CORNER.
(R2 = R1 + R3)
C
OUT
+V
S
V
OUT
V
IN
AD817
7
6
3
2
4
0.01
µF
3.3
µF
Figure 37. Single Supply Amplifier Configuration
Combining R3 with C2 forms a low-pass filter with a corner
frequency of 1.5 kHz. This is needed to maintain amplifier
PSRR, since the supply is connected to VIN through the input
divider. The values for RL and CL were chosen to demonstrate
the AD817’s exceptional output drive capability. In this con-
figuration, the output is centered around 2.5 V. In order to
eliminate the static dc current associated with this level, C3 was
inserted in series with RL.
52.5
0.1
µF
1k
0.1
µF
–V
S
1k
1k
1k
AD773
10-BIT
18MHz
ADC
V
INA
V
INB
ADREF43
VOLTAGE
REFERENCE
+2.5V
50
COAX
CABLE
V
IN
500mVp-p
MAX
+V
S
AD817
7
6
3
2
4
26
27
0.1
µF
0.1
µF
–V
S
+V
S
AD817
7
6
3
2
4
+5V
COMMON
–5V
100
µF
25V
100
µF
25V
+V
S
–V
S
Figure 36. A Differential Input Buffer for High Bandwidth ADCs


Número de pieza similar - AD817

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD817 AD-AD817 Datasheet
322Kb / 12P
   High Speed, Low Power Wide Supply Range Amplifier
REV. B
AD8170 AD-AD8170 Datasheet
474Kb / 16P
   250 MHz, 10 ns Switching Multiplexers w/Amplifier
REV. 0
AD8170-EB AD-AD8170-EB Datasheet
474Kb / 16P
   250 MHz, 10 ns Switching Multiplexers w/Amplifier
REV. 0
AD8170-EB AD-AD8170-EB Datasheet
476Kb / 16P
   250 MHz, 10 ns Switching Multiplexers w/Amplifier
REV. 0
AD8170AN AD-AD8170AN Datasheet
474Kb / 16P
   250 MHz, 10 ns Switching Multiplexers w/Amplifier
REV. 0
More results

Descripción similar - AD817

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD817 AD-AD817 Datasheet
322Kb / 12P
   High Speed, Low Power Wide Supply Range Amplifier
REV. B
AD817ARZ AD-AD817ARZ Datasheet
226Kb / 12P
   High Speed, Low Power Wide Supply Range Amplifier
REV. B
AD817 AD-AD817_15 Datasheet
226Kb / 12P
   High Speed, Low Power Wide Supply Range Amplifier
REV. B
AD817AR-REEL AD-AD817AR-REEL Datasheet
226Kb / 12P
   High Speed, Low Power Wide Supply Range Amplifier
REV. B
logo
SHANGHAI BELLING CO., L...
BL1532TQFN BELLING-BL1532TQFN Datasheet
276Kb / 12P
   Wide Power Supply Range
BL1554 BELLING-BL1554 Datasheet
312Kb / 6P
   Wide Power Supply Range
logo
Analog Devices
AD8278 AD-AD8278 Datasheet
606Kb / 24P
   Low Power, Wide Supply Range, Low Cost Difference Amplifier, G = 쩍, 2
REV. 0
logo
Renesas Technology Corp
UPC4742MF-DAA RENESAS-UPC4742MF-DAA Datasheet
322Kb / 10P
   Single Power Supply, High Speed, Wide Band, Dual Operational Amplifier
Jul 25, 2012
logo
Texas Instruments
TL499A TI-TL499A Datasheet
114Kb / 8P
[Old version datasheet]   WIDE-RANGE POWER-SUPPLY CONTROLLERS
TL499A TI-TL499A_06 Datasheet
195Kb / 10P
[Old version datasheet]   WIDE-RANGE POWER-SUPPLY CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com