Nombre de pieza
         Descripción
RFD14N05

 14A, 50V, 0.100 Ohm, N-Channel Power MOSFETs ( 8 Page)


FAIRCHILD
100% 
Zoom Out Zoom In
   
 6 page
background image
©2002 Fairchild Semiconductor Corporation
RFD14N05, RFD14N05SM, RFP14N05 Rev. B1
FIGURE 18. GATE CHARGE TEST CIRCUIT
FIGURE 19.GATE CHARGE WAVEFORMS
Test Circuits and Waveforms (Continued)
RL
V GS
+
-
VDS
VDD
DUT
IG(REF)
VDD
Qg(TH)
VGS = 2V
Qg(10)
VGS = 10V
Qg(TOT)
VGS = 20V
VDS
VGS
IG(REF)
0
0
RFD14N05, RFD14N05SM, RFP14N05
1  2  3  4  5  6  7  8 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
RFD14N05L14A 50V 0.100 Ohm Logic Level N-Channel Power MOSFETs 1 2 3 4 5 MoreFairchild Semiconductor
RFD14N05L14A 50V 0.100 Ohm Logic Level N-Channel Power MOSFETs 1 2 3 4 5 MoreIntersil Corporation
RFD14N05SM14A 50V 0.100 Ohm N-Channel Power MOSFETs 1 2 3 4 5 MoreFairchild Semiconductor
BUZ7114A 50V 0.100 Ohm N-Channel Power MOSFET 1 2 3 4 5 MoreIntersil Corporation
RFD14N06L14A 60V 0.100 Ohm Logic Level N-Channel Power MOSFETs 1 2 3 4 5 MoreIntersil Corporation
RFP15N05L15A 50V and 60V 0.140 Ohm Logic Level N-Channel Power MOSFETs 1 2 3 4 5 MoreFairchild Semiconductor
IRF24414A and 13A 275V and 250V 0.28 and 0.34 Ohm N-Channel Power MOSFETs 1 2 3 4 5 MoreIntersil Corporation
RFL2N052A 50V and 60V 0.95 Ohm N-Channel Power MOSFETs 1 2 3 4 5 Intersil Corporation
RFP15N05L15A 50V and 60V 0.140 Ohm Logic Level N-Channel Power MOSFETs 1 2 3 4 5 Intersil Corporation
FRK250D27A 200V 0.100 Ohm Rad Hard N-Channel Power MOSFETs 1 2 3 4 5 MoreIntersil Corporation

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl