Nombre de pieza
         Descripción
RFD14N05

 14A, 50V, 0.100 Ohm, N-Channel Power MOSFETs ( 8 Page)


FAIRCHILD
100% 
Zoom Out Zoom In
   
 2 page
background image
©2002 Fairchild Semiconductor Corporation
RFD14N05, RFD14N05SM, RFP14N05 Rev. B1
Absolute Maximum Ratings
TC = 25
oC, Unless Otherwise Specified
RFD14N05, RFD14N05SM,
RFP14N05
UNITS
Drain to Source Voltage (Note 1). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VDSS
50
V
Drain to Gate Voltage (RGS = 20kΩ) (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VDGR
50
V
Gate to Source Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VGS
± 20
V
Continuous Drain Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ID
Pulsed Drain Current (Note 3) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . IDM
14
Refer to Peak Current Curve
A
Pulsed Avalanche Rating . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . EAS
Refer to UIS Curve
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . PD
Derate above 25o C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
48
0.32
W
W/oC
Operating and Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TJ, TSTG
-55 to 175
o C
Maximum Temperature for Soldering
Leads at 0.063in (1.6mm) from Case for 10s . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .TL
Package Body for 10s, See Techbrief 334. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Tpkg
300
260
o C
o C
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress on ly rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1.T J = 25
o C to 150oC.
Electrical Specifications
TC = 25
o
C, Unless Otherwise Specified
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Drain to Source Breakdown Voltage
BVDSS
ID = 250µA, VGS = 0V (Figure 9)
50
-
-
V
Gate Threshold Voltage
VGS(TH)
VGS = VDS, ID = 250µA
2
-
4
V
Zero Gate Voltage Drain Current
IDSS
VDS = Rated BVDSS , VGS = 0V
-
-
25
µA
VDS = 0.8 x Rated BV DSS, VGS = 0V, T C = 150
oC
-
-
250
µA
Gate to Source Leakage Current
IGSS
VGS = ±20V
-
-
±100
nA
Drain to Source On Resistance (Note 2)
rDS(ON)
ID = 14A, VGS = 10V, (Figure 11)
-
-
0.100
Turn-On Time
tON
VDD = 25V, ID 14A, VGS = 10V,
RGS = 25Ω, RL = 1.7Ω
(Figure 13)
-
-
60
ns
Turn-On Delay Time
td(ON)
-
14
-
ns
Rise Time
tr
-
26
-
ns
Turn-Off Delay Time
td(OFF)
-
45
-
ns
Fall Time
tf
-
17
-
ns
Turn-Off Time
tOFF
-
-
100
ns
Total Gate Charge
Qg(TOT)
VGS = 0V to 20V
VDD = 40V, ID = 14A,
RL = 2.86Ω
Ig(REF) = 0.4mA
(Figure 13)
-
-
40
nC
Gate Charge at 5V
Qg(10)
VGS = 0V to 10V
-
-
25
nC
Threshold Gate Charge
Qg(TH)
VGS = 0V to 2V
-
-
1.5
nC
Input Capacitance
CISS
VDS = 25V, VGS = 0V, f = 1MHz
(Figure 12)
-
570
-
pF
Output Capacitance
COSS
-
185
-
pF
Reverse Transfer Capacitance
CRSS
-
50
-
pF
Thermal Resistance Junction to Case
RθJC
-
-
3.125
oC/W
Thermal Resistance Junction to Ambient
RθJA
TO-251 and TO-252
-
-
100
oC/W
RθJA
TO-220
-
-
80
oC/W
Source to Drain Diode Specifications
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Source to Drain Diode Voltage (Note 2)
VSD
ISD = 14A
-
-
1.5
V
Diode Reverse Recovery Time
trr
ISD = 14A, dISD/dt = 100A/µs
-
-
125
ns
NOTES:
2. Pulse Test: Pulse Width
≤ 300ms, Duty Cycle ≤ 2%.
3. Repetitive Rating: Pulse Width limited by max junction temperature. See Transient Thermal Impedance Curve (Figure 3) and Peak Current
Capability Curve (Figure 5).
RFD14N05, RFD14N05SM, RFP14N05
1  2  3  4  5  6  7  8 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
RFD14N05L14A 50V 0.100 Ohm Logic Level N-Channel Power MOSFETs 1 2 3 4 5 MoreFairchild Semiconductor
RFD14N05L14A 50V 0.100 Ohm Logic Level N-Channel Power MOSFETs 1 2 3 4 5 MoreIntersil Corporation
RFD14N05SM14A 50V 0.100 Ohm N-Channel Power MOSFETs 1 2 3 4 5 MoreFairchild Semiconductor
BUZ7114A 50V 0.100 Ohm N-Channel Power MOSFET 1 2 3 4 5 MoreIntersil Corporation
RFD14N06L14A 60V 0.100 Ohm Logic Level N-Channel Power MOSFETs 1 2 3 4 5 MoreIntersil Corporation
RFP15N05L15A 50V and 60V 0.140 Ohm Logic Level N-Channel Power MOSFETs 1 2 3 4 5 MoreFairchild Semiconductor
IRF24414A and 13A 275V and 250V 0.28 and 0.34 Ohm N-Channel Power MOSFETs 1 2 3 4 5 MoreIntersil Corporation
RFL2N052A 50V and 60V 0.95 Ohm N-Channel Power MOSFETs 1 2 3 4 5 Intersil Corporation
RFP15N05L15A 50V and 60V 0.140 Ohm Logic Level N-Channel Power MOSFETs 1 2 3 4 5 Intersil Corporation
FRK250D27A 200V 0.100 Ohm Rad Hard N-Channel Power MOSFETs 1 2 3 4 5 MoreIntersil Corporation

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl