Nombre de pieza
         Descripción
RFP15N05L

 15A, 50V and 60V, 0.140 Ohm, Logic Level N-Channel Power MOSFETs ( 6 Page)


FAIRCHILD
100% 
Zoom Out Zoom In
   
 2 page
background image
©2002 Fairchild Semiconductor Corporation
RFP15N05L, RFP15N06L Rev. B
Absolute Maximum Ratings
TC = 25
oC, Unless Otherwise Specified
RFP15N05L
RFP15N06L
UNITS
Drain to Source Voltage (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VDSS
50
60
V
Drain to Gate Voltage (RGS = 20kΩ) (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VDGR
50
60
V
Continuous Drain Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ID
Pulsed Drain Current (Note 3) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . IDM
15
40
15
40
A
A
Gate to Source Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VGS
±10
±10
V
Maximum Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . PD
Above TC = 25
oC, Derate Linearly . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
60
0.48
60
0.48
W
W/oC
Operating and Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TJ, TSTG
-55 to 150
-55 to 150
oC
Maximum Temperature for Soldering
Leads at 0.063in (1.6mm) from Case for 10s . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TL
Package Body for 10s, See Techbrief 334 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Tpkg
300
260
300
260
oC
oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1. TJ = 25
oC to 125oC.
Electrical Specifications
TC = 25
oC, Unless Otherwise Specified
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Drain to Source Breakdown Voltage
BVDSS
ID = 250µA, VGS = 0V
RFP15N05L
50
-
-
V
RFP15N06L
60
-
-
V
Gate Threshold Voltage
VGS(TH)
VGS = VDS, ID = 250µA (Figure 7)
1
-
2
V
Zero Gate Voltage Drain Current
IDSS
VDS = 48V, VDS = 50V
-
-
1
µA
VDS = 48V, VDS = 50V
TC = 125oC-
-
50
µA
Gate to Source Leakage Current
IGSS
VGS = ±10V, VDS = 0V
-
-
100
nA
Drain to Source On Resistance (Note 2)
rDS(ON)
ID = 15A, VGS = 5V (Figures 5, 6)
-
-
0.140
Input Capacitance
CISS
VDS = 25V, VGS = 0V, f = 1MHz
(Figure 8)
-
-
900
pF
Output Capacitance
COSS
-
-
450
pF
Reverse-Transfer Capacitance
CRSS
-
-
200
pF
Turn-On Delay Time
td(ON)
VDD = 30V, ID = 7.5A, RG = 6.25Ω
(Figures 10, 11)
-16
40
ns
Rise Time
tr
-
250
325
ns
Turn-Off Delay Time
td(OFF)
-
200
325
ns
Fall Time
tf
VGS = 5V
-
225
325
ns
RθJC
RFP15N05L, RFP15N06L
-
-
2.083
oC/W
Source to Drain Diode Specifications
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Source to Drain Diode Voltage (Note 2)
VSD
ISD = 7.5A
-
-
1.4
V
Diode Reverse Recovery Time
trr
ISD = 4A, dISD/dt = 100A/µs
-
225
-
ns
NOTE:
2. Pulsed: pulse duration =
≤ 300µs maximum, duty cycle = ≤ 2%.
3. Repititive rating: pulse width limited by maximum junction temperature.
RFP15N05L, RFP15N06L
1  2  3  4  5  6 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
RFP15N05L15A 50V and 60V 0.140 Ohm Logic Level N-Channel Power MOSFETs 1 2 3 4 5 Intersil Corporation
RFP4N05L4A 50V and 60V 0.800 Ohm Logic Level N-Channel Power MOSFETs 1 2 3 4 5 Intersil Corporation
RFD15N06LE15A 60V 0.065 Ohm ESD Rated Logic Level N-Channel Power MOSFETs 1 2 3 4 5 MoreIntersil Corporation
HUFA76419D320A 60V 0.043 Ohm N-Channel Logic Level UltraFET Power MOSFETs 1 2 3 4 5 MoreFairchild Semiconductor
RFG50N06LE50A 60V 0.022 Ohm Logic Level N-Channel Power MOSFETs 1 2 3 4 5 MoreIntersil Corporation
HUFA76419P327A 60V 0.040 Ohm N-Channel Logic Level UltraFET Power MOSFETs 1 2 3 4 5 MoreFairchild Semiconductor
RFD14N05L14A 50V 0.100 Ohm Logic Level N-Channel Power MOSFETs 1 2 3 4 5 MoreIntersil Corporation
HUFA76423D320A 60V 0.037 Ohm N-Channel Logic Level UltraFET Power MOSFETs 1 2 3 4 5 MoreFairchild Semiconductor
RFD12N06RLE12A 60V 0.135 Ohm N-Channel Logic Level Power MOSFETs 1 2 3 4 5 MoreIntersil Corporation
HUFA76423P333A 60V 0.035 Ohm N-Channel Logic Level UltraFET Power MOSFETs 1 2 3 4 5 MoreFairchild Semiconductor

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl