Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD7880CN Datasheet(PDF) 1 Page - Analog Devices

No. de pieza AD7880CN
Descripción Electrónicos  LC2MOS Single 5 V Supply, Low Power, 12-Bit Sampling ADC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD7880CN Datasheet(HTML) 1 Page - Analog Devices

  AD7880CN Datasheet HTML 1Page - Analog Devices AD7880CN Datasheet HTML 2Page - Analog Devices AD7880CN Datasheet HTML 3Page - Analog Devices AD7880CN Datasheet HTML 4Page - Analog Devices AD7880CN Datasheet HTML 5Page - Analog Devices AD7880CN Datasheet HTML 6Page - Analog Devices AD7880CN Datasheet HTML 7Page - Analog Devices AD7880CN Datasheet HTML 8Page - Analog Devices AD7880CN Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
LC2MOS Single +5 V Supply,
Low Power, 12-Bit Sampling ADC
AD7880
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
FUNCTIONAL BLOCK DIAGRAM
+
R
R
SAMPLING
COMPARATOR
CONTROL
LOGIC
SAR +
COUNTER
CLKIN
CS
CONVST
RD
BUSY
MODE
V
DD
LOW POWER
CONTROL
CIRCUIT
V
INA
V
INB
V
REF
AGND
DGND
DB0
DB11
12-BIT DAC
AD7880
THREE
STATE
BUFFERS
FEATURES
12-Bit Monolithic A/D Converter
66 kHz Throughput Rate
12
s Conversion Time
3
s On-Chip Track/Hold Amplifier
Low Power
Power Save Mode: 2 mW typ
Normal Operation: 25 mW typ
70 dB SNR
Fast Data Access Time: 57 ns
Small 24-Lead SOIC and 0.3" DIP Packages
APPLICATIONS
Battery Powered Portable Systems
Digital Signal Processing
Speech Recognition and Synthesis
High Speed Modems
Control and Instrumentation
GENERAL DESCRIPTION
The AD7880 is a high speed, low power, 12-bit A/D converter
which operates from a single +5 V supply. It consists of a 3
µs
track/hold amplifier, a 12
µs successive-approximation ADC,
versatile interface logic and a multiple-input-range circuit. The
part also includes a power save feature.
An internal resistor network allows the part to accept both uni-
polar and bipolar input signals while operating from a single
+5 V supply. Fast bus access times and standard control inputs
ensure easy interfacing to modern microprocessors and digital
signal processors.
The AD7880 features a total throughput time of 15
µs and can
convert full power signals up to 33 kHz with a sampling fre-
quency of 66 kHz.
In addition to the traditional dc accuracy specifications such as
linearity, full-scale and offset errors, the AD7880 is also fully
specified for dynamic performance parameters including har-
monic distortion and signal-to-noise ratio.
The AD7880 is fabricated in Analog Devices’ Linear Compat-
ible CMOS (LC
2MOS) process, a mixed technology process
that combines precision bipolar circuits with low power CMOS
logic. The part is available in a 24-pin, 0.3 inch-wide, plastic or
hermetic dual-in-line package (DIP) as well as a small 24-lead
SOIC package.
PRODUCT HIGHLIGHTS
1. Fast Conversion Time.
12
µs conversion time and 3 µs acquisition time allow for
large input signal bandwidth. This performance is ideally
suited for applications in areas such as telecommunications,
audio, sonar and radar signal processing.
2. Low Power Consumption.
2 mW power consumption in the power-down mode makes
the part ideally suited for portable, hand held, battery pow-
ered applications.
3. Multiple Input Ranges.
The part features three user-determined input ranges, 0 V to
+5 V, 0 V to 10 V and
±5 V. These unipolar and bipolar
ranges are achieved with a 5 V only power supply.


Número de pieza similar - AD7880CN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7880CN AD-AD7880CN Datasheet
337Kb / 16P
   LC2MOS Single 5 V Supply, Low Power, 12-Bit Sampling ADC
REV. 0
AD7880CN AD-AD7880CN Datasheet
340Kb / 16P
   LC2MOS Single 5 V Supply, Low Power, 12-Bit Sampling ADC
REV. 0
More results

Descripción similar - AD7880CN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7880 AD-AD7880 Datasheet
337Kb / 16P
   LC2MOS Single 5 V Supply, Low Power, 12-Bit Sampling ADC
REV. 0
AD7880BRZ AD-AD7880BRZ Datasheet
340Kb / 16P
   LC2MOS Single 5 V Supply, Low Power, 12-Bit Sampling ADC
REV. 0
AD7880 AD-AD7880_15 Datasheet
340Kb / 16P
   LC MOS Single 5 V Supply, Low Power, 12-Bit Sampling ADC
REV. 0
AD7883 AD-AD7883 Datasheet
349Kb / 12P
   LC2MOS 12-Bit, 3.3 V Sampling ADC
REV. 0
AD7892BNZ-1 AD-AD7892BNZ-1 Datasheet
146Kb / 14P
   LC2MOS Single Supply, 12-Bit 600 kSPS ADC
REV. C
AD7892 AD-AD7892_17 Datasheet
178Kb / 15P
   LC2MOS Single Supply, 12-Bit 600 kSPS ADC
AD7892 AD-AD7892 Datasheet
144Kb / 14P
   LC2MOS Single Supply, 12-Bit 600 kSPS ADC
REV. C
AD7892BRZ-1 AD-AD7892BRZ-1 Datasheet
135Kb / 14P
   LC2MOS Single Supply, 12-Bit 600 kSPS ADC
REV. C
AD7870A AD-AD7870A Datasheet
250Kb / 12P
   LC2MOS Complete, 12-Bit, 100 kHz , Sampling ADC
REV. 0
AD7858ARZ AD-AD7858ARZ Datasheet
306Kb / 32P
   3 V to 5 V Single Supply, 200 kSPS 8-Channel, 12-Bit Sampling ADC
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com