Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD76911 Datasheet(PDF) 10 Page - Analog Devices

No. de pieza AD76911
Descripción Electrónicos  18-Bit, 2 MSPS PulSAR 15 mW ADC in LFCSP (QFN)
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD76911 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD76911 Datasheet HTML 6Page - Analog Devices AD76911 Datasheet HTML 7Page - Analog Devices AD76911 Datasheet HTML 8Page - Analog Devices AD76911 Datasheet HTML 9Page - Analog Devices AD76911 Datasheet HTML 10Page - Analog Devices AD76911 Datasheet HTML 11Page - Analog Devices AD76911 Datasheet HTML 12Page - Analog Devices AD76911 Datasheet HTML 13Page - Analog Devices AD76911 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
AD7986
Rev. B | Page 10 of 28
0
200k
400k
600k
800k
1M
–180
–200
–160
–140
–120
–100
–80
–60
–40
–20
0
FREQUENCY (Hz)
fS = 2MSPS
fIN = 20kHz
SNR = 97.0dB
THD = –114.0dB
SINAD = 97.0dB
Figure 11. FFT Plot (External Reference)
14
15
16
17
18
80
85
90
95
100
2.5
3.0
3.5
4.0
4.5
5.0
REFERENCE VOLTAGE (V)
SNR
SINAD
ENOB
Figure 12. SNR, SINAD, and ENOB vs. Reference Voltage
80
85
90
95
100
1k
10k
100k
1M
FREQUENCY (Hz)
Figure 13. SINAD vs. Frequency
0
200k
400k
600k
800k
1M
–180
–160
–140
–120
–100
–80
–60
–40
–20
0
FREQUENCY (Hz)
fS = 2MSPS
fIN = 20kHz
SNR = 95.5dB
THD = –113.0dB
SINAD = 95.5dB
Figure 14. FFT Plot (Internal Reference)
105
110
95
100
115
120
125
–120
–125
–115
–110
–105
–100
–95
2.5
3.0
3.5
4.0
4.5
5.0
REFERENCE VOLTAGE (V)
THD
SFDR
Figure 15. THD and SFDR vs. Reference Voltage
–125
–120
–115
–110
–105
–100
–95
–90
–85
–80
1k
10k
100k
1M
FREQUENCY (Hz)
Figure 16. THD vs. Frequency


Número de pieza similar - AD76911

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD76911 AD-AD76911 Datasheet
644Kb / 24P
   14-Bit, 500 kSPS PulSAR ADC in MSOP
REV. A
More results

Descripción similar - AD76911

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7984 AD-AD7984_17 Datasheet
657Kb / 25P
   18-Bit, 1.33 MSPS PulSAR 10.5 mW ADC in MSOP/LFCSP
AD7982 AD-AD7982_17 Datasheet
804Kb / 26P
   18-Bit, 1 MSPS PulSAR 7 mW ADC in MSOP/LFCSP
AD7984 AD-AD7984_15 Datasheet
594Kb / 24P
   18-Bit, 1.33 MSPS PulSAR 10.5 mW ADC in MSOP/LFCSP
REV. B
AD7982BRMZ AD-AD7982BRMZ Datasheet
672Kb / 24P
   18-Bit, 1 MSPS PulSAR 7.0 mW ADC in MSOP/QFN
REV. A
AD7982 AD-AD7982_15 Datasheet
2Mb / 25P
   18 Bit 1 MSPS PulSAR 7.0 mW ADC in MSOP QFN
REV. C
AD7984 AD-AD7984 Datasheet
722Kb / 24P
   18-Bit, 1.33 MSPS PulSAR 10.5 mW ADC in MSOP/QFN
REV. 0
AD7982BRMZRL7 AD-AD7982BRMZRL7 Datasheet
570Kb / 24P
   18-Bit, 1 MSPS PulSAR 7.0 mW ADC in MSOP/QFN
REV. B
AD7985 AD-AD7985_17 Datasheet
569Kb / 29P
   16-Bit, 2.5 MSPS, PulSAR 15.5 mW ADC in LFCSP
AD7985 AD-AD7985 Datasheet
585Kb / 28P
   16-Bit, 2.5 MSPS, PulSAR 15.5 mW ADC in LFCSP
REV. 0
AD7944 AD-AD7944 Datasheet
582Kb / 28P
   14-Bit, 2.5 MSPS, PulSAR 15.5 mW ADC in LFCSP
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com