Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CXA2540-0000-000N00W450H Datasheet(PDF) 2 Page - Cree, Inc

No. de pieza CXA2540-0000-000N00W450H
Descripción Electrónicos  LED array expands Crees family of high flux, multi die integrated arrays
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CREE [Cree, Inc]
Página de inicio  http://www.cree.com/
Logo CREE - Cree, Inc

CXA2540-0000-000N00W450H Datasheet(HTML) 2 Page - Cree, Inc

  CXA2540-0000-000N00W450H Datasheet HTML 1Page - Cree, Inc CXA2540-0000-000N00W450H Datasheet HTML 2Page - Cree, Inc CXA2540-0000-000N00W450H Datasheet HTML 3Page - Cree, Inc CXA2540-0000-000N00W450H Datasheet HTML 4Page - Cree, Inc CXA2540-0000-000N00W450H Datasheet HTML 5Page - Cree, Inc CXA2540-0000-000N00W450H Datasheet HTML 6Page - Cree, Inc CXA2540-0000-000N00W450H Datasheet HTML 7Page - Cree, Inc CXA2540-0000-000N00W450H Datasheet HTML 8Page - Cree, Inc CXA2540-0000-000N00W450H Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Copyright © 2013 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo, XLamp® and EasyWhite® are registered
trademarks of Cree, Inc.
2
XLamp CXa2540 LED
characteristics
characteristics
unit
minimum
typical
maximum
viewing angle (FWHm)
degrees
115
eSD withstand voltage (HBm per mil-Std-883D)
v
8000
DC forward current
mA
2100*
Reverse current
mA
0.1
Forward voltage (@ 1100 mA, T
j = 85 °C)
v
37
Forward voltage (@ 1100 mA, T
j = 25 °C)
v
42
*
Refer to the operating Limits section.
oPerating limits
The maximum current rating of the CXA2540 is dependent on the case temperature (Tc) when the LeD has reached
thermal equilibrium under steady-state operation. please refer to the mechanical Drawings section on page 16 for the
location of the Tc measurement point.
CXA2540
0
300
600
900
1200
1500
1800
2100
2400
0
25
50
75
100
125
150
Case Temperature (°C)


Número de pieza similar - CXA2540-0000-000N00W450H

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cree, Inc
CXA2540-0000-000N00W240F CREE-CXA2540-0000-000N00W240F Datasheet
1Mb / 15P
   Retail Track Light Reference Design
CXA2540-0000-000N00W240H CREE-CXA2540-0000-000N00W240H Datasheet
1Mb / 15P
   Retail Track Light Reference Design
More results

Descripción similar - CXA2540-0000-000N00W450H

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cree, Inc
CXA3050 CREE-CXA3050 Datasheet
1Mb / 17P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA3070 CREE-CXA3070 Datasheet
1Mb / 14P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA1830 CREE-CXA1830 Datasheet
1Mb / 14P
   LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1507 CREE-CXA1507_13 Datasheet
1Mb / 17P
   LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1304-0000-000C00B450H CREE-CXA1304-0000-000C00B450H Datasheet
1Mb / 25P
   CXA1304 LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1816-0000-000N00P250H CREE-CXA1816-0000-000N00P250H Datasheet
1Mb / 17P
   CXA1816 LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1820 CREE-CXA1820 Datasheet
1Mb / 15P
   LED array expands Cree?셲 family of high?멹lux, multi-die arrays
logo
Xilinx, Inc
XC5000 XILINX-XC5000 Datasheet
432Kb / 48P
   High-density family of Field-Programmable Gate Arrays
logo
OptoDiode Corp
OD-405-99-110 OPTODIODE-OD-405-99-110 Datasheet
249Kb / 2P
   99 DIE LED ARRAY
OD-405-60-040 OPTODIODE-OD-405-60-040 Datasheet
266Kb / 2P
   60 DIE LED ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com