Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CXA1816-0000-000N0YM435H Datasheet(PDF) 8 Page - Cree, Inc

No. de pieza CXA1816-0000-000N0YM435H
Descripción Electrónicos  CXA1816 LED array expands Crees family of high flux, multi die arrays in a smaller
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CREE [Cree, Inc]
Página de inicio  http://www.cree.com/
Logo CREE - Cree, Inc

CXA1816-0000-000N0YM435H Datasheet(HTML) 8 Page - Cree, Inc

Back Button CXA1816-0000-000N0YM435H Datasheet HTML 4Page - Cree, Inc CXA1816-0000-000N0YM435H Datasheet HTML 5Page - Cree, Inc CXA1816-0000-000N0YM435H Datasheet HTML 6Page - Cree, Inc CXA1816-0000-000N0YM435H Datasheet HTML 7Page - Cree, Inc CXA1816-0000-000N0YM435H Datasheet HTML 8Page - Cree, Inc CXA1816-0000-000N0YM435H Datasheet HTML 9Page - Cree, Inc CXA1816-0000-000N0YM435H Datasheet HTML 10Page - Cree, Inc CXA1816-0000-000N0YM435H Datasheet HTML 11Page - Cree, Inc CXA1816-0000-000N0YM435H Datasheet HTML 12Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Copyright © 2013 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo, XLamp® and EasyWhite® are registered
trademarks of Cree, Inc.
8
XLamp CXa1816 LED
relative luminous fluX
The relative luminous flux values provided below are the ratio of:
• measurements of CXA1816 at steady-state operation at the given conditions, divided by
• Flux measured during binning, which is a pulsed measurement at 450 mA at T
J = 85 °C.
For example, at steady-state operation of Tc = 25 °C, I
F = 500 mA, the relative luminous flux ratio is 120% in the chart
below. A CXA1816 LeD that measures 2100 lm during binning will deliver 2340 lm (2100 * 1.2) at steady-state operation
of Tc = 25 °C, I
F = 500 mA.
0%
20%
40%
60%
80%
100%
120%
140%
160%
180%
200%
250
380
510
640
770
900
Current (mA)
Tc = 25 °C
Tc = 55 °C
Tc = 85 °C
Tc = 105 °C


Número de pieza similar - CXA1816-0000-000N0YM435H

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cree, Inc
CXA1816-0000-000N0YM435H CREE-CXA1816-0000-000N0YM435H Datasheet
2Mb / 17P
   XLamp LED
More results

Descripción similar - CXA1816-0000-000N0YM435H

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cree, Inc
CXA1830 CREE-CXA1830 Datasheet
1Mb / 14P
   LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1507 CREE-CXA1507_13 Datasheet
1Mb / 17P
   LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1304-0000-000C00B450H CREE-CXA1304-0000-000C00B450H Datasheet
1Mb / 25P
   CXA1304 LED array expands Crees family of high flux, multi die arrays in a smaller
CXA2540 CREE-CXA2540 Datasheet
1Mb / 19P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA3050 CREE-CXA3050 Datasheet
1Mb / 17P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA3070 CREE-CXA3070 Datasheet
1Mb / 14P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA1820 CREE-CXA1820 Datasheet
1Mb / 15P
   LED array expands Cree?셲 family of high?멹lux, multi-die arrays
logo
Xilinx, Inc
XC5000 XILINX-XC5000 Datasheet
432Kb / 48P
   High-density family of Field-Programmable Gate Arrays
logo
OptoDiode Corp
OD-405-99-110 OPTODIODE-OD-405-99-110 Datasheet
249Kb / 2P
   99 DIE LED ARRAY
OD-405-60-040 OPTODIODE-OD-405-60-040 Datasheet
266Kb / 2P
   60 DIE LED ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com