Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CXA2540-0000-000N0UT450H Datasheet(PDF) 1 Page - Cree, Inc

No. de pieza CXA2540-0000-000N0UT450H
Descripción Electrónicos  LED array expands Crees family of high flux, multi die integrated arrays
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CREE [Cree, Inc]
Página de inicio  http://www.cree.com/
Logo CREE - Cree, Inc

CXA2540-0000-000N0UT450H Datasheet(HTML) 1 Page - Cree, Inc

  CXA2540-0000-000N0UT450H Datasheet HTML 1Page - Cree, Inc CXA2540-0000-000N0UT450H Datasheet HTML 2Page - Cree, Inc CXA2540-0000-000N0UT450H Datasheet HTML 3Page - Cree, Inc CXA2540-0000-000N0UT450H Datasheet HTML 4Page - Cree, Inc CXA2540-0000-000N0UT450H Datasheet HTML 5Page - Cree, Inc CXA2540-0000-000N0UT450H Datasheet HTML 6Page - Cree, Inc CXA2540-0000-000N0UT450H Datasheet HTML 7Page - Cree, Inc CXA2540-0000-000N0UT450H Datasheet HTML 8Page - Cree, Inc CXA2540-0000-000N0UT450H Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Product family data sheet
Copyright © 2013 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree
logo, XLamp® and easyWhite® are registered trademarks of Cree, Inc.
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
cree
® Xlamp® cXa2540 led
Product descriPtion
The XLamp CXA2540 LeD array
expands Cree’s family of high‑flux,
multi-die
integrated
arrays,
offering
high
performance
in
an easy-to-use platform. With
XLamp
lighting-class
reliability,
the CXA2540’s uniform emitting
surface enables both directional
and
non-directional
lighting
applications and luminaire and
lamp designs. Available in 2-step
and 4-step color consistency, and
featuring a 19-mm optical source,
the CXA2540 brings new levels of
flux and efficacy to this form factor.
features
• Available in ANSI white bins
as well as 4-step and 2-step
easyWhite® bins at 2700 K,
3000 K, 3500 K, 4000 K and
5000 K CCT
• Available in ANSI white bins as
well as 4-step easyWhite bins at
5700 K and 6500 K CCT
• Available in 70-, 80-, 90- and
93-minimum CRI options
• Forward voltage: 37 v
• 85 °C binning and
characterization
• maximum drive current:
2100 mA
• 115° viewing angle, uniform
chromaticity profile
• Top-side solder connections
• Thermocouple attach point
• NEMA SSL‑3 2011 standard flux
bins
• mechanical and optical footprint
consistent with CXA2520 and
CXA2530
• RoHS- and ReACh-compliant
• UL-recognized component
(e349212)
table of contents
Characteristics .............................. 2
operating Limits............................ 2
Flux Characteristics, easyWhite
order Codes and Bins .................... 3
Flux Characteristics, ANSI White
order Codes and Bins .................... 6
Relative Spectral power Distribution . 9
electrical Characteristics................. 9
Relative Luminous Flux..................10
Typical Spatial Distribution.............11
performance Groups - Brightness....11
performance Groups - Chromaticity.12
Cree easyWhite Bins plotted on the
1931 CIe Color Space ...................14
Cree ANSI White Bins plotted on
the 1931 CIe Color Space ..............15
Bin and order Code Formats ..........16
mechanical Dimensions..................16
Thermal Design............................17
Notes..........................................18
packaging....................................19


Número de pieza similar - CXA2540-0000-000N0UT450H

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cree, Inc
CXA2540-0000-000N00U227F CREE-CXA2540-0000-000N00U227F Datasheet
1Mb / 15P
   Retail Track Light Reference Design
CXA2540-0000-000N00U227H CREE-CXA2540-0000-000N00U227H Datasheet
1Mb / 15P
   Retail Track Light Reference Design
CXA2540-0000-000N00U427F CREE-CXA2540-0000-000N00U427F Datasheet
1Mb / 15P
   Retail Track Light Reference Design
CXA2540-0000-000N00U427H CREE-CXA2540-0000-000N00U427H Datasheet
1Mb / 15P
   Retail Track Light Reference Design
CXA2540-0000-000N00U430F CREE-CXA2540-0000-000N00U430F Datasheet
1Mb / 15P
   Retail Track Light Reference Design
More results

Descripción similar - CXA2540-0000-000N0UT450H

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cree, Inc
CXA3050 CREE-CXA3050 Datasheet
1Mb / 17P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA3070 CREE-CXA3070 Datasheet
1Mb / 14P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA1830 CREE-CXA1830 Datasheet
1Mb / 14P
   LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1507 CREE-CXA1507_13 Datasheet
1Mb / 17P
   LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1304-0000-000C00B450H CREE-CXA1304-0000-000C00B450H Datasheet
1Mb / 25P
   CXA1304 LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1816-0000-000N00P250H CREE-CXA1816-0000-000N00P250H Datasheet
1Mb / 17P
   CXA1816 LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1820 CREE-CXA1820 Datasheet
1Mb / 15P
   LED array expands Cree?셲 family of high?멹lux, multi-die arrays
logo
Xilinx, Inc
XC5000 XILINX-XC5000 Datasheet
432Kb / 48P
   High-density family of Field-Programmable Gate Arrays
logo
OptoDiode Corp
OD-405-99-110 OPTODIODE-OD-405-99-110 Datasheet
249Kb / 2P
   99 DIE LED ARRAY
OD-405-60-040 OPTODIODE-OD-405-60-040 Datasheet
266Kb / 2P
   60 DIE LED ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com