Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CXA1304-0000-000C00A40E7 Datasheet(PDF) 7 Page - Cree, Inc

No. de pieza CXA1304-0000-000C00A40E7
Descripción Electrónicos  CXA1304 LED array expands Crees family of high flux, multi die arrays in a smaller
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CREE [Cree, Inc]
Página de inicio  http://www.cree.com/
Logo CREE - Cree, Inc

CXA1304-0000-000C00A40E7 Datasheet(HTML) 7 Page - Cree, Inc

Back Button CXA1304-0000-000C00A40E7 Datasheet HTML 3Page - Cree, Inc CXA1304-0000-000C00A40E7 Datasheet HTML 4Page - Cree, Inc CXA1304-0000-000C00A40E7 Datasheet HTML 5Page - Cree, Inc CXA1304-0000-000C00A40E7 Datasheet HTML 6Page - Cree, Inc CXA1304-0000-000C00A40E7 Datasheet HTML 7Page - Cree, Inc CXA1304-0000-000C00A40E7 Datasheet HTML 8Page - Cree, Inc CXA1304-0000-000C00A40E7 Datasheet HTML 9Page - Cree, Inc CXA1304-0000-000C00A40E7 Datasheet HTML 10Page - Cree, Inc CXA1304-0000-000C00A40E7 Datasheet HTML 11Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
Copyright © 2013 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo, XLamp® and EasyWhite® are registered
trademarks of Cree, Inc.
7
XLamp CXa1304 LED
Notes
Creemaintainsatoleranceof±7%onfluxandpowermeasurements,±0.005onchromaticity(CCx,CCy)measurementsanda
toleranceof±2onCRImeasurements.
*
Fluxvalues@25°Carecalculatedandforreferenceonly.
cct
range
cri
base order codes
min. luminous flux
@ 400 ma
chromaticity regions
order code
min
typ
group
flux (lm)
@ 85 °c
flux (lm)
@ 25 °c*
3500 K
80
---
A4
355
396
6A0, 6B0, 6C0, 6D0
CXA1304-0000-000C00A40e6
B2
380
423
CXA1304-0000-000C00B20e6
B4
410
457
CXA1304-0000-000C00B40e6
93
95
92
286
317
6A0, 6B0, 6C0, 6D0
CXA1304-0000-000C0Y920e6
94
308
342
CXA1304-0000-000C0Y940e6
3000 K
80
---
A4
355
396
7A0, 7B0, 7C0, 7D0
CXA1304-0000-000C00A40e7
B2
380
423
CXA1304-0000-000C00B20e7
93
95
84
268
297
7A0, 7B0, 7C0, 7D0
CXA1304-0000-000C0Y840e7
92
286
317
CXA1304-0000-000C0Y920e7
2700 K
80
---
A2
330
368
8A0, 8B0, 8C0, 8D0
CXA1304-0000-000C00A20e8
A4
355
396
CXA1304-0000-000C00A40e8
B2
380
423
CXA1304-0000-000C00B20e8
93
95
82
249
276
8A0, 8B0, 8C0, 8D0
CXA1304-0000-000C0Y820e8
84
268
297
CXA1304-0000-000C0Y840e8
fluX characteristics, ansi White order codes and bins - 9 V (i
f = 400 ma, tJ = 85 °c)
- continued


Número de pieza similar - CXA1304-0000-000C00A40E7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cree, Inc
CXA1304-0000-000C00A427F CREE-CXA1304-0000-000C00A427F Datasheet
3Mb / 30P
   XLamp LED
CXA1304-0000-000C00A427H CREE-CXA1304-0000-000C00A427H Datasheet
3Mb / 30P
   XLamp LED
More results

Descripción similar - CXA1304-0000-000C00A40E7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cree, Inc
CXA1830 CREE-CXA1830 Datasheet
1Mb / 14P
   LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1507 CREE-CXA1507_13 Datasheet
1Mb / 17P
   LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1816-0000-000N00P250H CREE-CXA1816-0000-000N00P250H Datasheet
1Mb / 17P
   CXA1816 LED array expands Crees family of high flux, multi die arrays in a smaller
CXA2540 CREE-CXA2540 Datasheet
1Mb / 19P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA3050 CREE-CXA3050 Datasheet
1Mb / 17P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA3070 CREE-CXA3070 Datasheet
1Mb / 14P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA1820 CREE-CXA1820 Datasheet
1Mb / 15P
   LED array expands Cree?셲 family of high?멹lux, multi-die arrays
logo
Xilinx, Inc
XC5000 XILINX-XC5000 Datasheet
432Kb / 48P
   High-density family of Field-Programmable Gate Arrays
logo
OptoDiode Corp
OD-405-99-110 OPTODIODE-OD-405-99-110 Datasheet
249Kb / 2P
   99 DIE LED ARRAY
OD-405-60-040 OPTODIODE-OD-405-60-040 Datasheet
266Kb / 2P
   60 DIE LED ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com