Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CXA1820-0000-000N0UM427F Datasheet(PDF) 8 Page - Cree, Inc

No. de pieza CXA1820-0000-000N0UM427F
Descripción Electrónicos  LED array expands Cree?셲 family of high?멹lux, multi-die arrays
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CREE [Cree, Inc]
Página de inicio  http://www.cree.com/
Logo CREE - Cree, Inc

CXA1820-0000-000N0UM427F Datasheet(HTML) 8 Page - Cree, Inc

Back Button CXA1820-0000-000N0UM427F Datasheet HTML 4Page - Cree, Inc CXA1820-0000-000N0UM427F Datasheet HTML 5Page - Cree, Inc CXA1820-0000-000N0UM427F Datasheet HTML 6Page - Cree, Inc CXA1820-0000-000N0UM427F Datasheet HTML 7Page - Cree, Inc CXA1820-0000-000N0UM427F Datasheet HTML 8Page - Cree, Inc CXA1820-0000-000N0UM427F Datasheet HTML 9Page - Cree, Inc CXA1820-0000-000N0UM427F Datasheet HTML 10Page - Cree, Inc CXA1820-0000-000N0UM427F Datasheet HTML 11Page - Cree, Inc CXA1820-0000-000N0UM427F Datasheet HTML 12Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Copyright © 2013 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo, XLamp® and EasyWhite® are registered
trademarks of Cree, Inc.
8
XLamp CXa1820 LED
tyPical sPatial distribution
Performance grouPs - brightness (i
f = 550 ma, tJ = 85 °c)
XLamp CXA1820 LEDs are tested for luminous flux and placed into one of the following bins.
group code
min. luminous flux
@ 550 ma
max. luminous flux
@ 550 ma
K4
1290
1380
m2
1380
1485
m4
1485
1590
N2
1590
1710
N4
1710
1830
p2
1830
1965
p4
1965
2100
Q2
2100
2260
Q4
2260
2420
R2
2420
2600
R4
2600
2780
Far Field
0%
20%
40%
60%
80%
100%
-90
-70
-50
-30
-10
10
30
50
70
90
Angle (º)


Número de pieza similar - CXA1820-0000-000N0UM427F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
CXA1821 SONY-CXA1821 Datasheet
220Kb / 13P
   RF Amplifier for CD Players
CXA1821M SONY-CXA1821M Datasheet
220Kb / 13P
   RF Amplifier for CD Players
CXA1826Q SONY-CXA1826Q Datasheet
430Kb / 19P
   6-BIT 140 MSPS FLASH A/D CONVERTER
CXA1829N SONY-CXA1829N Datasheet
264Kb / 15P
   8ch. Read/Write Amplifier for Thin Film Heads of Hard Disk Drive
More results

Descripción similar - CXA1820-0000-000N0UM427F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cree, Inc
CXA2540 CREE-CXA2540 Datasheet
1Mb / 19P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA3050 CREE-CXA3050 Datasheet
1Mb / 17P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA3070 CREE-CXA3070 Datasheet
1Mb / 14P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA1830 CREE-CXA1830 Datasheet
1Mb / 14P
   LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1507 CREE-CXA1507_13 Datasheet
1Mb / 17P
   LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1304-0000-000C00B450H CREE-CXA1304-0000-000C00B450H Datasheet
1Mb / 25P
   CXA1304 LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1816-0000-000N00P250H CREE-CXA1816-0000-000N00P250H Datasheet
1Mb / 17P
   CXA1816 LED array expands Crees family of high flux, multi die arrays in a smaller
logo
Ohmite Mfg. Co.
RES-30 OHMITE-RES-30 Datasheet
229Kb / 3P
   Ohmite Manufacturing?셲 family of High Energy
logo
Cree, Inc
CGD15HB62LP CREE-CGD15HB62LP Datasheet
439Kb / 8P
   Optimized for Cree?셲 High Performance
logo
Xilinx, Inc
XC5000 XILINX-XC5000 Datasheet
432Kb / 48P
   High-density family of Field-Programmable Gate Arrays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com