Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CXA1507-0000-000N00G250H Datasheet(PDF) 4 Page - Cree, Inc

No. de pieza CXA1507-0000-000N00G250H
Descripción Electrónicos  LED array expands Crees family of high flux, multi die arrays in a smaller
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CREE [Cree, Inc]
Página de inicio  http://www.cree.com/
Logo CREE - Cree, Inc

CXA1507-0000-000N00G250H Datasheet(HTML) 4 Page - Cree, Inc

  CXA1507-0000-000N00G250H Datasheet HTML 1Page - Cree, Inc CXA1507-0000-000N00G250H Datasheet HTML 2Page - Cree, Inc CXA1507-0000-000N00G250H Datasheet HTML 3Page - Cree, Inc CXA1507-0000-000N00G250H Datasheet HTML 4Page - Cree, Inc CXA1507-0000-000N00G250H Datasheet HTML 5Page - Cree, Inc CXA1507-0000-000N00G250H Datasheet HTML 6Page - Cree, Inc CXA1507-0000-000N00G250H Datasheet HTML 7Page - Cree, Inc CXA1507-0000-000N00G250H Datasheet HTML 8Page - Cree, Inc CXA1507-0000-000N00G250H Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Copyright © 2012-2013 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo, XLamp® and EasyWhite® are
registered trademarks of Cree, Inc. .
4
XLamp CXa1507 LED
Notes
Creemaintainsatoleranceof±7%onfluxandpowermeasurements,±0.005onchromaticity(CCx,CCy)measurementsanda
toleranceof±2onCRImeasurements.
*
Fluxvalues@25°Carecalculatedandforreferenceonly.
cct
range
cri
base order codes
min. luminous flux
@ 200 ma
2-step order code
4-step order code
min
typ
group
flux
(lm) @
85 °c
flux
(lm) @
25 °c*
chromaticity
region
chromaticity
region
4000 K
70
75
F4
730
815
40H
CXA1507-0000-000N00F440H
40F
CXA1507-0000-000N00F440F
G2
780
871
CXA1507-0000-000N00G240H
CXA1507-0000-000N00G240F
G4
840
938
CXA1507-0000-000N00G440H
CXA1507-0000-000N00G440F
80
---
F4
780
815
40H
CXA1507-0000-000N0HF440H
40F
CXA1507-0000-000N0HF440F
G2
780
871
CXA1507-0000-000N0HG240H
CXA1507-0000-000N0HG240F
90
95
e2
590
659
40H
CXA1507-0000-000N0Ue240H
40F
CXA1507-0000-000N0Ue240F
e4
635
709
CXA1507-0000-000N0Ue440H
CXA1507-0000-000N0Ue440F
F2
680
759
CXA1507-0000-000N0UF240H
CXA1507-0000-000N0UF240F
3500 K
80
---
F2
680
759
35H
CXA1507-0000-000N00F235H
35F
CXA1507-0000-000N00F235F
F4
730
815
CXA1507-0000-000N00F435H
CXA1507-0000-000N00F435F
G2
780
871
CXA1507-0000-000N00G235H
CXA1507-0000-000N00G235F
93
95
D4
550
614
35H
CXA1507-0000-000N0YD435H
35F
CXA1507-0000-000N0YD435F
e2
590
659
CXA1507-0000-000N0Ye235H
CXA1507-0000-000N0Ye235F
e4
635
709
CXA1507-0000-000N0Ye435H
CXA1507-0000-000N0Ye435F
3000 K
80
---
F2
680
759
30H
CXA1507-0000-000N00F230H
30F
CXA1507-0000-000N00F230F
F4
730
815
CXA1507-0000-000N00F430H
CXA1507-0000-000N00F430F
G2
780
871
CXA1507-0000-000N00G230H
CXA1507-0000-000N00G230F
90
---
D4
550
614
30H
CXA1507-0000-000N0UD430H
30F
CXA1507-0000-000N0UD430F
e2
590
659
CXA1507-0000-000N0Ue230H
CXA1507-0000-000N0Ue230F
93
95
D2
510
569
30H
CXA1507-0000-000N0YD230H
30F
CXA1507-0000-000N0YD230F
D4
550
614
CXA1507-0000-000N0YD430H
CXA1507-0000-000N0YD430F
e2
590
659
CXA1507-0000-000N0Ye230H
CXA1507-0000-000N0Ye230F
2700 K
80
---
e4
635
709
27H
CXA1507-0000-000N00e427H
27F
CXA1507-0000-000N00e427F
F2
680
759
CXA1507-0000-000N00F227H
CXA1507-0000-000N00F227F
F4
730
815
CXA1507-0000-000N00F427H
CXA1507-0000-000N00F427F
90
---
C4
475
530
27H
CXA1507-0000-000N0UC427H
27F
CXA1507-0000-000N0UC427F
D2
510
569
CXA1507-0000-000N0UD227H
CXA1507-0000-000N0UD227F
D4
550
614
CXA1507-0000-000N0UD427H
CXA1507-0000-000N0UD427F
93
95
C4
475
530
27H
CXA1507-0000-000N0YC427H
27F
CXA1507-0000-000N0YC427F
D2
510
569
CXA1507-0000-000N0YD227H
CXA1507-0000-000N0YD227F
D4
550
614
CXA1507-0000-000N0YD427H
CXA1507-0000-000N0YD427F
fluX characteristics, easyWhite order codes and bins (i
f = 200 ma, tJ = 85 °c) -
continued


Número de pieza similar - CXA1507-0000-000N00G250H

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cree, Inc
CXA1507-0000-000N00G250H CREE-CXA1507-0000-000N00G250H Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA1507 LED
CXA1507-0000-000N00G250H CREE-CXA1507-0000-000N00G250H Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA1507 LED
More results

Descripción similar - CXA1507-0000-000N00G250H

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cree, Inc
CXA1830 CREE-CXA1830 Datasheet
1Mb / 14P
   LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1304-0000-000C00B450H CREE-CXA1304-0000-000C00B450H Datasheet
1Mb / 25P
   CXA1304 LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1816-0000-000N00P250H CREE-CXA1816-0000-000N00P250H Datasheet
1Mb / 17P
   CXA1816 LED array expands Crees family of high flux, multi die arrays in a smaller
CXA2540 CREE-CXA2540 Datasheet
1Mb / 19P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA3050 CREE-CXA3050 Datasheet
1Mb / 17P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA3070 CREE-CXA3070 Datasheet
1Mb / 14P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA1820 CREE-CXA1820 Datasheet
1Mb / 15P
   LED array expands Cree?셲 family of high?멹lux, multi-die arrays
logo
Xilinx, Inc
XC5000 XILINX-XC5000 Datasheet
432Kb / 48P
   High-density family of Field-Programmable Gate Arrays
logo
OptoDiode Corp
OD-405-99-110 OPTODIODE-OD-405-99-110 Datasheet
249Kb / 2P
   99 DIE LED ARRAY
OD-405-60-040 OPTODIODE-OD-405-60-040 Datasheet
266Kb / 2P
   60 DIE LED ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com