Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CXA2530-0000-000N00S430H Datasheet(PDF) 11 Page - Cree, Inc

No. de pieza CXA2530-0000-000N00S430H
Descripción Electrónicos  Retail Track Light Reference Design
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CREE [Cree, Inc]
Página de inicio  http://www.cree.com/
Logo CREE - Cree, Inc

CXA2530-0000-000N00S430H Datasheet(HTML) 11 Page - Cree, Inc

Back Button CXA2530-0000-000N00S430H Datasheet HTML 7Page - Cree, Inc CXA2530-0000-000N00S430H Datasheet HTML 8Page - Cree, Inc CXA2530-0000-000N00S430H Datasheet HTML 9Page - Cree, Inc CXA2530-0000-000N00S430H Datasheet HTML 10Page - Cree, Inc CXA2530-0000-000N00S430H Datasheet HTML 11Page - Cree, Inc CXA2530-0000-000N00S430H Datasheet HTML 12Page - Cree, Inc CXA2530-0000-000N00S430H Datasheet HTML 13Page - Cree, Inc CXA2530-0000-000N00S430H Datasheet HTML 14Page - Cree, Inc CXA2530-0000-000N00S430H Datasheet HTML 15Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
11
XLAMP CXA2530/CXA2540 RETAIL TRACK LIGHT REFERENCE DESIGN
Copyright © 2013 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo and XLamp® are registered trademarks
and EasyWhite™ is a trademark of Cree, Inc. For product specifications, please see the data sheets available at www.cree.com. For warranty information, please contact Cree Sales
at sales@cree.com.
Results
Thermal Results
we measured the thermal performance of the retail track light by attaching a thermocouple to the XLamp CXA2530 LeD
mounted to the heat sink. The T
SP of the CXA2530 retail track light was 63.5 °C.
Based on the measured solder point temperature, the T
J can be calculated as follows.
T
J = TSP + (LeD power * LeD thermal resistance)
T
J = 63.5 °C + (42 w * 0.8 °C/w)
T
J = 97 °C
This thermal performance is in line with the thermal simulation.
Estimated LED Lifetime
Based on thousands of hours of long-term testing of the XLamp CXA2011 LeD at higher temperatures than the measured
63.5 °C T
SP in this reference design, Cree expects an L70 lifetime for this retail track light significantly longer than the
50,000-hour goal. 39-w CmH lamps typically have lifetimes ranging from 10,000 to 12,000 hours, so the 4 to 5 times
longer lifetime of the CXA2530 retail track light offers compelling maintenance cost savings.
Optical and Electrical Results
we obtained the results in Table 8 by testing the retail track light in a 1.5-meter sphere and a Type A goniometer after a
60-minute stabilization time.16 The performance meets or exceeds the project goals and accomplishes this using a single
XLamp CXA2530 LeD to produce a symmetric 16° beam with CBCP exceeding 20,000 cd.
Characteristic
unit
Result
Light output
lm
3211
Light intensity - CBCP
cd
20,470
Beam angle - FWHM
degrees
16
Luminaire efficacy
lm/w
75.5
CCT
K
3048
CrI
100-point scale
80
Power
w
42.6
Power factor
0.95
Table 8: CXA2530 retail track light results
We also tested the intensity distribution of the CXA2530 retail track light. As shown in Figure 6, the retail track light has
an even intensity distribution for the narrow beam angle.
16 Testing was performed at Cree’s Shenzhen Technology Center. An IES file for the retail track light is available on the Cree website:
www.cree.com/xlamp_app_notes/CXA2530_track_ies


Número de pieza similar - CXA2530-0000-000N00S430H

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cree, Inc
CXA2530-0000-000N00S430H CREE-CXA2530-0000-000N00S430H Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA2530 LED
More results

Descripción similar - CXA2530-0000-000N00S430H

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cree, Inc
CLD-AP70 CREE-CLD-AP70 Datasheet
948Kb / 11P
   Cree/NXP Task Light Reference Design
logo
Zoran Corporation
SUPRAHD-640 ZORAN-SUPRAHD-640 Datasheet
116Kb / 2P
   Reference Design
logo
International Rectifier
IRISMPS1 IRF-IRISMPS1 Datasheet
187Kb / 12P
   REFERENCE DESIGN
logo
Microchip Technology
MCP1603 MICROCHIP-MCP1603_08 Datasheet
279Kb / 18P
   Tiny Reference Design
01/02/08
logo
Taoglas antenna solutio...
DTAD.01.A.50 TAOGLAS-DTAD.01.A.50 Datasheet
2Mb / 24P
   Complete Reference Design
logo
Zoran Corporation
SUPRAHD-680 ZORAN-SUPRAHD-680 Datasheet
95Kb / 2P
   DTV Reference Design
logo
Broadcom Corporation.
BCM953128R BOARDCOM-BCM953128R Datasheet
150Kb / 2P
   UNMANAGED REFERENCE DESIGN
06/10/10
logo
OSRAM GmbH
RD-040 OSRAM-RD-040 Datasheet
40Kb / 1P
   Reference Design Kit
logo
Silicon Laboratories
WL-TRANSCVR-RD SILABS-WL-TRANSCVR-RD Datasheet
137Kb / 4P
   Reference Design Documentation
logo
Zoran Corporation
SUPRAHD-660 ZORAN-SUPRAHD-660 Datasheet
79Kb / 2P
   DTV Reference Design
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com