Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CXA1512-0000-000N0YJ230H Datasheet(PDF) 3 Page - Cree, Inc

No. de pieza CXA1512-0000-000N0YJ230H
Descripción Electrónicos  Cree XLamp CXA1512 LED
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CREE [Cree, Inc]
Página de inicio  http://www.cree.com/
Logo CREE - Cree, Inc

CXA1512-0000-000N0YJ230H Datasheet(HTML) 3 Page - Cree, Inc

  CXA1512-0000-000N0YJ230H Datasheet HTML 1Page - Cree, Inc CXA1512-0000-000N0YJ230H Datasheet HTML 2Page - Cree, Inc CXA1512-0000-000N0YJ230H Datasheet HTML 3Page - Cree, Inc CXA1512-0000-000N0YJ230H Datasheet HTML 4Page - Cree, Inc CXA1512-0000-000N0YJ230H Datasheet HTML 5Page - Cree, Inc CXA1512-0000-000N0YJ230H Datasheet HTML 6Page - Cree, Inc CXA1512-0000-000N0YJ230H Datasheet HTML 7Page - Cree, Inc CXA1512-0000-000N0YJ230H Datasheet HTML 8Page - Cree, Inc CXA1512-0000-000N0YJ230H Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Copyright © 2012-2013 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo, XLamp® and EasyWhite® are
registered trademarks of Cree, Inc..
3
XLamp CXa1512 LED
Notes
Creemaintainsatoleranceof±7%onfluxandpowermeasurements,±0.005onchromaticity(CCx,CCy)measurementsanda
toleranceof±2onCRImeasurements.
*
Fluxvalues@25°Carecalculatedandforreferenceonly.
fluX characteristics, easyWhite order codes and bins (i
f = 350 ma, tJ = 85 °c)
The following tables provide order codes for XLamp CXA1512 LeDs. For a complete description of the order code
nomenclature, please reference Bin and order Code Formats (page 16).
cct
range
cri
base order codes
min. luminous flux
@ 350 ma
2-step order code
4-step order code
min
typ
group
flux
(lm) @
85 °c
flux
(lm) @
25 °c*
chromaticity
region
chromaticity
region
6500 K
70
75
m2
1380
1563
65F
CXA1512-0000-000N00m265F
m4
1485
1682
CXA1512-0000-000N00m465F
N2
1590
1710
CXA1512-0000-000N00N265F
80
---
K4
1290
1461
65F
CXA1512-0000-000N0HK465F
m2
1380
1563
CXA1512-0000-000N0Hm265F
m4
1485
1685
CXA1512-0000-000N0Hm465F
5700 K
70
75
m2
1380
1563
57F
CXA1512-0000-000N00m257F
m4
1485
1682
CXA1512-0000-000N00m457F
N2
1590
1710
CXA1512-0000-000N00N257F
80
---
K4
1290
1461
57F
CXA1512-0000-000N0HK457F
m2
1380
1563
CXA1512-0000-000N0Hm257F
m4
1485
1685
CXA1512-0000-000N0Hm457F
5000 K
70
75
m2
1380
1563
50H
CXA1512-0000-000N00m250H
50F
CXA1512-0000-000N00m250F
m4
1485
1682
CXA1512-0000-000N00m450H
CXA1512-0000-000N00m450F
N2
1590
1710
CXA1512-0000-000N00N250H
CXA1512-0000-000N00N250F
80
---
K4
1290
1461
50H
CXA1512-0000-000N0HK450H
50H
CXA1512-0000-000N0HK450F
m2
1380
1563
CXA1512-0000-000N0Hm250H
CXA1512-0000-000N0Hm250F
m4
1485
1685
CXA1512-0000-000N0Hm450H
CXA1512-0000-000N0Hm450F
90
95
J4
1120
1269
50H
CXA1512-0000-000N0UJ450H
50F
CXA1512-0000-000N0UJ450F
K2
1200
1359
CXA1512-0000-000N0UK250H
CXA1512-0000-000N0UK250F
K4
1290
1461
CXA1512-0000-000N0UK450H
CXA1512-0000-000N0UK450F


Número de pieza similar - CXA1512-0000-000N0YJ230H

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cree, Inc
CXA1512-0000-000N00J40E8 CREE-CXA1512-0000-000N00J40E8 Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA1512 LED
CXA1512-0000-000N00J427F CREE-CXA1512-0000-000N00J427F Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA1512 LED
CXA1512-0000-000N00J427H CREE-CXA1512-0000-000N00J427H Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA1512 LED
CXA1512-0000-000N00K20E6 CREE-CXA1512-0000-000N00K20E6 Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA1512 LED
CXA1512-0000-000N00K20E7 CREE-CXA1512-0000-000N00K20E7 Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA1512 LED
More results

Descripción similar - CXA1512-0000-000N0YJ230H

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
180560-0001 MOLEX11-180560-0001 Datasheet
46Kb / 1P
   LED Array Holder for Cree XLamp CXA1507 and CXA1512 LED Arrays with Gold Plating
logo
Cree, Inc
CMA1840 CREE-CMA1840 Datasheet
2Mb / 16P
   Cree XLamp CMA1840 LED
CMA2550 CREE-CMA2550 Datasheet
2Mb / 16P
   Cree XLamp CMA2550 LED
CMA3090 CREE-CMA3090 Datasheet
2Mb / 22P
   Cree XLamp CMA3090 LED
CMA1825 CREE-CMA1825 Datasheet
2Mb / 16P
   Cree XLamp CMA1825 LED
CXB1830 CREE-CXB1830 Datasheet
2Mb / 15P
   Cree XLamp CXB1830 LED
CMA1516 CREE-CMA1516 Datasheet
2Mb / 16P
   Cree XLamp CMA1516 LED
CXA2011 CREE-CXA2011_13 Datasheet
1Mb / 14P
   Cree XLamp CXA2011 LED
XQBAWT-00-0000-000000051 CREE-XQBAWT-00-0000-000000051 Datasheet
954Kb / 10P
   Cree XLamp XQ-B LED
2013
XHP35 CREE-XHP35 Datasheet
2Mb / 37P
   Cree XLamp XHP35 LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com