Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
4NT91-5 Datasheet(PDF) 4 Page - Honeywell Solid State Electronics Center |
|
4NT91-5 Datasheet(HTML) 4 Page - Honeywell Solid State Electronics Center |
4 / 9 page Manual Switches NT Series Sealed Toggle Switches 110 Honeywell MICRO SWITCH Sensing and Control 1-800-537-6945 USA 1-815-235-6847 International 1-800-737-3360 Canada PULL-TO-UNLOCK OPTION When ordering pull-to-unlock toggle list- ings, add the suffix letter shown in the chart below to the standard toggle listing and the MS number. For example, to or- der a INTI-1 pull-to-unlock toggle switch with the lever locked in the center posi- tion, add the letter E; i.e., INTI-1E. LOCKING CONFIGURATIONS AB DE F G H Locked In Locked Out Of Center and Locked Out Locked In Locked In Center And Locked In Extreme Position Of Center Locked In Extreme Position Extreme Position Extreme Position Three Positions (Keyway Side) Position Center Position (Opposite Keyway) (Keyway Side) (Keyway Side) JK L M N P Locked Out Of Locked In Locked Out Of Locked Out Of Center And Center And Locked Out Of And Into Locked Out Of And Into Extreme Position Extreme Position Extreme Position Extreme Position Extreme Position Extreme Position (Opposite Keyway) (Opposite Keyway) (Keyway Side) (Opposite Keyway) (Opposite Keyway) (Keyway Side) MOUNTING DIMENSIONS: (For reference only) DIM ‘‘A’’ 1-pole 29,5/1.16 2 & 4-pole 34,4/1.35 NOTES: 1. Pull-to-unlock levers have 10,7/42 dia. knob 2. Locking ring, lockwasher, 2 hexnuts and terminal screws are furnished unassembled. Solder Terminals Quick Connect Terminals 0,0 = mm Key: 0.00 = inches Panel cutout With locking ring Without locking ring Note: 0 1,4/.06 MIN DEEP TO ACCOMMODATE LOCKING RING. 15PA87 PANEL SEAL REQUIRES BLIND HOLE TO INSURE SEAL INTEGRITY Terminal Circuit Identification Bushing mounting torque is 10–15 in./lbs. Terminal screw mounting torque is 5 in./lbs. max. |
Número de pieza similar - 4NT91-5 |
|
Descripción similar - 4NT91-5 |