Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CBC3105-R4C-WP Datasheet(PDF) 1 Page - Cymbet Corporation |
|
CBC3105-R4C-WP Datasheet(HTML) 1 Page - Cymbet Corporation |
1 / 12 page ©2012 Cymbet Corporation • Tel: +1-763-633-1780 • www.cymbet.com DS-72-21 Rev E Page 1 of 12 EnerChip CC with Integrated Power Management EnerChip™ CC CBC3105 Features • Power Manager with Charge Control • Integrated 5µAh Solid State Battery • Built-in Energy Storage Protection • Temperature Compensated Charge Control • Adjustable Switchover Voltage • Charges EnerChip Over a Wide Supply Range • Low Standby Power • SMT - Lead-Free Reflow Tolerant • Thousands of Recharge Cycles • Low Self-Discharge • Eco-Friendly, RoHS Compliant - tested The EnerChip CC is the world’s first Intelligent Thin Film Energy Storage Device. It is an integrated solution that provides backup energy storage and power management for systems requiring power bridging and/or secondary power. A single EnerChip CC can charge up to 10 additional EnerChips connected in parallel. During normal operation, the EnerChip CC charges itself with a controlled voltage using an internal charge pump that operates from 2.5V to 5.5V. An ENABLE pin allows for activation and deactivation of the charge pump using an external control line in order to minimize current consumption and take advantage of the fast recharge time of the EnerChip. When the primary power supply dips below a user- defined threshold voltage, the EnerChip CC will signal this event and route the EnerChip voltage to VOUT. The EnerChip CC also has energy storage protection circuitry to enable thousands of recharge cycles. The CBC3105-R4C is a 16-pin, 4mm x 5mm Dual Flat No-lead (DFN) package, available in tubes, trays, or tape-and-reel for use with automatic insertion equipment. 4mm x 5mm x 0.9mm DFN SMT Package Applications • Standby supply for non-volatile SRAM, Real-time clocks, controllers, supply supervisors, and other system-critical components. • Wireless sensors and RFID tags and other powered, low duty cycle applications. • Localized power source to keep microcontrollers and other devices alert in standby mode. • Power bridging to provide back-up power to system during exchange of main batteries. • Consumer appliances that have real-time clocks; provides switchover power from main supply to backup battery. • Business and industrial systems such as: network routers, point-of-sale terminals, single- board computers, test equipment, multi-function printers, industrial controllers, and utility meters. • Energy Harvesting by coupling the EnerChip with energy transducers such as solar panels. Figure 1: Typical EnerChip CC Application Circuit CBC3105 Preliminary ENERCHIP ™ CBC3105-R4C |
Número de pieza similar - CBC3105-R4C-WP |
|
Descripción similar - CBC3105-R4C-WP |