Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CBC-EVAL-09 Datasheet(PDF) 4 Page - Cymbet Corporation |
|
CBC-EVAL-09 Datasheet(HTML) 4 Page - Cymbet Corporation |
4 / 16 page CBC915 EnerChip Energy Processor ©2012 Cymbet Corporation • Tel: +1-763-633-1780 • www.cymbet.com DS-72-15 Rev F Page 4 of 16 Parameter Min Typ Max Unit Recommended Operating Conditions Supply voltage VDD 2.5 3.5 3.6 V Supply voltage VSS - 0 - V Operating temperature - CBC915-ACB -20 +25 +70 °C Operating temperature - CBC915-AIB -40 +25 +85 °C Absolute Maximum Ratings Voltage applied at VDD to VSS -0.3 - 4.1 V Voltage applied to any pin -0.3 - VDD+0.3 V Diode current at any device terminal -2 - -2 mA Storage temperature range -55 - +105 °C Notes: 1. Thermal or electrical stresses beyond those listed under absolute maximum ratings may cause permanent damage to the CBC915. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating conditions is not implied. Exposure to absolute maximum rated conditions for extended periods my affect device reliability. EnerChip Energy Processor CBC915 Operating and Maximum Parameters EnerChip Energy Processor CBC915 I/O Pin Characterization Parameter Conditions VDD Min Typ Max Unit Positive-going input threshold voltage 3.5 1.59 - 2.63 V Negative-going input threshold voltage 3.5 0.88 - 1.91 V Input voltage hysteresis 3.5 0.36 - - V Pullup/Pulldown resistor for pullup, VIN=VSS for pulldown, VIN=VDD 20 35 50 kΩ Input Capacitance VIN=VSS or VDD - 5 - pF High impedance leakage current See notes 1 and 2 3.5 - - +/- 50 nA VOH - High level output voltage 100uA 3.5 VDD-0.25 - VDD-0.1 V VOL - Low level output voltage 100uA 3.5 VSS - VSS+0.1 V Internal clock frequency tolerance 25 °C 0 to 80 °C N/A - +/- 1% - - +/- 2.5% - MHz Notes: 1. The leakage current is measured with VDD or VSS applied to the corresponding pin(s) unless otherwise noted. 2. The leakage of the I/O pins is measured individually. The I/O pin is selected for input and the pullup/pulldown resistor is disabled. All inputs except STATUS SW/ and CALIBRATE/ are high impedance inputs. |
Número de pieza similar - CBC-EVAL-09 |
|
Descripción similar - CBC-EVAL-09 |