Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

3-1470359-5 Datasheet(PDF) 4 Page - Tyco Electronics

No. de pieza 3-1470359-5
Descripción Electrónicos  FPC Connector Family
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MACOM [Tyco Electronics]
Página de inicio  http://www.macom.com
Logo MACOM - Tyco Electronics

3-1470359-5 Datasheet(HTML) 4 Page - Tyco Electronics

  3-1470359-5 Datasheet HTML 1Page - Tyco Electronics 3-1470359-5 Datasheet HTML 2Page - Tyco Electronics 3-1470359-5 Datasheet HTML 3Page - Tyco Electronics 3-1470359-5 Datasheet HTML 4Page - Tyco Electronics 3-1470359-5 Datasheet HTML 5Page - Tyco Electronics 3-1470359-5 Datasheet HTML 6Page - Tyco Electronics 3-1470359-5 Datasheet HTML 7Page - Tyco Electronics 3-1470359-5 Datasheet HTML 8Page - Tyco Electronics 3-1470359-5 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
4
Catalog 1-1773440-6
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 05-06
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are standard equivalents.
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
FPC Connector Family
Product Dimensions (Continued)
0.5 mm, FPC Connector,
SMT, Top Contact
Part Number
1470359
Lead Free
1734839
Material and Finish
Housing — High temperature thermo-
plastic, UL 94V-O, natural color
Actuator — Thermoplastic, UL 94V-O,
ivory color
Hold Down — Phosphor bronze
Contact — Phosphor bronze
Technical Documents
Product Specification — 108-57238
0.30
[.012]
0.35
[.014]
Typ.
3.50
[.138]
Min.
4.50
[.177]
Min.
0.50
[.020]
Typ.
Stiffener
Board
0.50
[.020]
Recommended FPC Layout
✕ (Pos. + 1)
0.50
[.020]
B
C
0.50
[.020]
4.40
[.173]
0.70
[.028]
Typ.
Typ.
A
0.20
[.008]
Typ.
2.31
[.091]
2 Plcs.
PCB Board
2.00
[.079]
2.00
[.079]
3.50
[.138]
2.05
[.081]
0.23
[.009]
20
°
Ref.
1.75
[.069]
Typ.
2.80
[.110]
Typ.
C
0.50
[.020]
0.30
[.012]
Typ.
2.82
[.111]
Typ.
1.10
[.043]
Typ.
0.70
[.028]
3.10
[.122]
Typ.
2.30
[.091]
2 Plcs.
Recommended PCB Layout


Número de pieza similar - 3-1470359-5

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tyco Electronics
3-1470359-5 MACOM-3-1470359-5 Datasheet
643Kb / 32P
   FPC Connector Family
3-1470359-5 MACOM-3-1470359-5 Datasheet
662Kb / 32P
   FPC Connector Family
More results

Descripción similar - 3-1470359-5

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tyco Electronics
1-1734742-8 MACOM-1-1734742-8 Datasheet
643Kb / 32P
   FPC Connector Family
1-1734742-2 MACOM-1-1734742-2 Datasheet
643Kb / 32P
   FPC Connector Family
1-1734742-3 MACOM-1-1734742-3 Datasheet
643Kb / 32P
   FPC Connector Family
1-1470359-2 MACOM-1-1470359-2 Datasheet
662Kb / 32P
   FPC Connector Family
487952 MACOM-487952 Datasheet
662Kb / 32P
   FPC Connector Family
logo
Molex Electronics Ltd.
FFC-FPC MOLEX11-FFC-FPC Datasheet
7Mb / 1P
   FFC-FPC SMT Family Overview
502250-1791 MOLEX-502250-1791 Datasheet
1Mb / 2P
   FPC Connector
501912-1590 MOLEX-501912-1590 Datasheet
460Kb / 2P
   FPC Connector
logo
Japan Aviation Electron...
FA10 JAE-FA10 Datasheet
1Mb / 6P
   0.5mm Pitch FPC Connector
logo
Newhaven Display Intern...
MOLEX52745-0496 NEWHAVEN-MOLEX52745-0496 Datasheet
161Kb / 9P
   PITCH FPC CONNECTOR series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com