Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
3-1470359-8 Datasheet(PDF) 4 Page - Tyco Electronics |
|
3-1470359-8 Datasheet(HTML) 4 Page - Tyco Electronics |
4 / 32 page 4 Catalog 1-1773440-6 Dimensions are in millimeters Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Revised 05-06 and inches unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in brackets Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com are standard equivalents. to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 FPC Connector Family Product Dimensions (Continued) 0.5 mm, FPC Connector, SMT, Top Contact Part Number 1470359 Lead Free 1734839 Material and Finish Housing — High temperature thermo- plastic, UL 94V-O, natural color Actuator — Thermoplastic, UL 94V-O, ivory color Hold Down — Phosphor bronze Contact — Phosphor bronze Technical Documents Product Specification — 108-57238 0.30 [.012] 0.35 [.014] Typ. 3.50 [.138] Min. 4.50 [.177] Min. 0.50 [.020] Typ. Stiffener Board 0.50 [.020] Recommended FPC Layout ✕ (Pos. + 1) 0.50 [.020] B C 0.50 [.020] 4.40 [.173] 0.70 [.028] Typ. Typ. A 0.20 [.008] Typ. 2.31 [.091] 2 Plcs. PCB Board 2.00 [.079] 2.00 [.079] 3.50 [.138] 2.05 [.081] 0.23 [.009] 20 ° Ref. 1.75 [.069] Typ. 2.80 [.110] Typ. C 0.50 [.020] 0.30 [.012] Typ. 2.82 [.111] Typ. 1.10 [.043] Typ. 0.70 [.028] 3.10 [.122] Typ. 2.30 [.091] 2 Plcs. Recommended PCB Layout |
Número de pieza similar - 3-1470359-8 |
|
Descripción similar - 3-1470359-8 |