Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
74ALVCH32245ZKER Datasheet(PDF) 4 Page - Texas Instruments |
|
74ALVCH32245ZKER Datasheet(HTML) 4 Page - Texas Instruments |
4 / 11 page www.ti.com ELECTRICAL CHARACTERISTICS SWITCHING CHARACTERISTICS OPERATING CHARACTERISTICS SN74ALVCH32245 32-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS SCES282D – OCTOBER 1999 – REVISED SEPTEMBER 2004 over recommended operating free-air temperature range (unless otherwise noted) PARAMETER TEST CONDITIONS VCC MIN TYP(1) MAX UNIT IOH = -100 µA 1.65 V to 3.6 V VCC - 0.2 IOH = -4 mA 1.65 V 1.2 IOH = -8 mA 2.3 V 1.7 VOH V 2.7 V 2.2 IOH = -12 mA 3 V 2.4 IOH = -24 mA 3 V 2.2 IOL = 100 µA 1.65 V to 3.6 V 0.2 IOL = 4 mA 1.65 V 0.45 VOL IOL = 8 mA 2.3 V 0.7 V IOL = 12 mA 2.7 V 0.4 IOL = 24 mA 3 V 0.55 II VI = VCC or GND 3.6 V ±5 µA VI = 0.58 V 1.65 V 25 VI = 1.07 V 1.65 V -25 VI = 0.7 V 2.3 V 45 II(hold) VI = 1.7 V 2.3 V -45 µA VI = 0.8 V 3 V 75 VI = 2 V 3 V -75 VI = 0 to 3.6 V(2) 3.6 V ±500 IOZ(3) VO = VCC or GND 3.6 V ±10 µA ICC VI = VCC or GND, IO = 0 3.6 V 80 µA ∆I CC One input at VCC - 0.6 V, Other inputs at VCC or GND 3 V to 3.6 V 750 µA Ci Control inputs VI = VCC or GND 3.3 V 4 pF Cio A or B ports VO = VCC or GND 3.3 V 8 pF (1) All typical values are at VCC = 3.3 V, TA = 25°C. (2) This is the bus-hold maximum dynamic current. It is the minimum overdrive current required to switch the input from one state to another. (3) For I/O ports, the parameter IOZ includes the input leakage current. over recommended operating free-air temperature range (unless otherwise noted) (see Figure 1) VCC = 1.8 V VCC = 2.5 V VCC = 3.3 V VCC = 2.7 V FROM TO ± 0.15 V ± 0.2 V ± 0.3 V PARAMETER UNIT (INPUT) (OUTPUT) MIN MAX MIN MAX MIN MAX MIN MAX tpd A or B B or A (1) (1) 1 3.7 3.6 1 3 ns ten OE A or B (1) (1) 1 5.7 5.4 1 4.4 ns tdis OE A or B (1) (1) 1 5.2 4.6 1 4.1 ns (1) This information was not available at the time of publication. T A = 25°C VCC = 1.8 V VCC = 2.5 V VCC = 3.3 V PARAMETER TEST CONDITIONS UNIT TYP TYP TYP Outputs enabled (1) 22 29 Power dissipation Cpd CL = 50 pF, f = 10 MHz pF capacitance Outputs disabled (1) 4 5 (1) This information was not available at the time of publication. 4 |
Número de pieza similar - 74ALVCH32245ZKER |
|
Descripción similar - 74ALVCH32245ZKER |