Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

OP-16AH883 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

No. de pieza OP-16AH883
Descripción Electrónicos  MICROCIRCUIT, LINEAR, JFET-INPUT, OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

OP-16AH883 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  OP-16AH883 Datasheet HTML 1Page - List of Unclassifed Manufacturers OP-16AH883 Datasheet HTML 2Page - List of Unclassifed Manufacturers OP-16AH883 Datasheet HTML 3Page - List of Unclassifed Manufacturers OP-16AH883 Datasheet HTML 4Page - List of Unclassifed Manufacturers OP-16AH883 Datasheet HTML 5Page - List of Unclassifed Manufacturers OP-16AH883 Datasheet HTML 6Page - List of Unclassifed Manufacturers OP-16AH883 Datasheet HTML 7Page - List of Unclassifed Manufacturers OP-16AH883 Datasheet HTML 8Page - List of Unclassifed Manufacturers OP-16AH883 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
STANDARD
MICROCIRCUIT DRAWING
SIZE
A
5962-89543
DLA LAND AND MARITIME
COLUMBUS, OHIO 43218-3990
REVISION LEVEL
C
SHEET
5
DSCC FORM 2234
APR 97
TABLE I. Electrical performance characteristics.
Test
Symbol
Conditions 1/ 2/ 3/
-55
°C ≤ TA ≤ +125°C
unless otherwise specified
Group A
subgroups
Device
type
Limits
Unit
Min
Max
Input offset voltage
VOS
VCM = 0 V
1
01,04
±0.5
mV
2,3
±0.9
M,D,P,L,R
1
04
±2.0
1
02
±1.0
2,3
±2.0
1
03
±3.0
2,3
±4.5
Input offset voltage 4/
temperature coefficient
TCVOS
-55
°C and +125°C
2,3
04
5
µV/°C
Input offset voltage 4/
adjust
VIOADJ+
1,2,3
04
0.5
mV
VIOADJ-
-0.5
Input offset current
IOS
VS = ±20 V, VCM = 0 V 5/
1,3
01,04
±10.0
pA
2
±4.0
nA
M,D,P,L,R
1
04
±0.3
nA
1,3
02
±20.0
pA
2
±6.0
nA
1,3
03
±50.0
pA
2
±9.0
nA
Input bias current
IIB
VS = ±20 V, VCM = 0 V 5/
1,3
01,04
±50.0
pA
2
±5.0
nA
M,D,P,L,R
1
04
±3.0
nA
1,3
02
±100.0
pA
2
±7.5
nA
1,3
03
±200.0
pA
2
±10.0
nA
See footnotes at end of table.


Número de pieza similar - OP-16AH883

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Linear Technology
OP-16AH LINER-OP-16AH Datasheet
424Kb / 4P
   Precision, High Speed JFET-Input Operational Amplifiers
More results

Descripción similar - OP-16AH883

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
5962-8853801VGA ETC2-5962-8853801VGA Datasheet
86Kb / 14P
   MICROCIRCUIT, LINEAR, DUAL PRECISION JFET-INPUT OPERATIONAL AMPLIFIERS MONOLITHIC SILICON
OP09EY ETC2-OP09EY Datasheet
66Kb / 10P
   MICROCIRCUIT, LINEAR, QUAD, OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
OP227GN ETC2-OP227GN Datasheet
100Kb / 9P
   MICROCIRCUIT, LINEAR, LOW NOISE OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
logo
Analog Devices
AD810ANZ AD-AD810ANZ Datasheet
76Kb / 13P
   MICROCIRCUIT, LINEAR, VIDEO OPERATIONAL AMPLIFIER WITH DISABLE, MONOLITHIC SILICON
DSCC FORM 2233 APR 97
logo
National Semiconductor ...
LF13741 NSC-LF13741 Datasheet
323Kb / 12P
   MONOLITHIC JFET INPUT OPERATIONAL AMPLIFIER
logo
List of Unclassifed Man...
5962-8863003VKA ETC-5962-8863003VKA Datasheet
134Kb / 13P
   MICROCIRCUIT, LINEAR, INSTRUMENTATION AMPLIFIER, MONOLITHIC SILICON
AD847JRZ ETC2-AD847JRZ Datasheet
87Kb / 12P
   MICROCIRCUIT, LINEAR, HIGH SPEED, LOW POWER, OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
5962R0051701VCA ETC-5962R0051701VCA Datasheet
126Kb / 12P
   MICROCIRCUIT, LINEAR, QUAD, RAIL-TO-RAIL, PRECISION, OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
JM38510 ETC2-JM38510 Datasheet
120Kb / 14P
   MICROCIRCUIT, LINEAR, RADIATION HARDENED, LOW NOISE, PRECISION OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
5962R0051701VDA ETC-5962R0051701VDA Datasheet
126Kb / 12P
   MICROCIRCUIT, LINEAR, QUAD, RAIL-TO-RAIL,PRECISION, OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com