Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM3405AXMYX Datasheet(PDF) 9 Page - Texas Instruments

No. de pieza LM3405AXMYX
Descripción Electrónicos  LM3405A 1.6MHz, 1A Constant Current Buck LED Driver with Internal ensation in Tiny SOT and VSSOP PowerPAD Packages
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

LM3405AXMYX Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM3405AXMYX Datasheet HTML 5Page - Texas Instruments LM3405AXMYX Datasheet HTML 6Page - Texas Instruments LM3405AXMYX Datasheet HTML 7Page - Texas Instruments LM3405AXMYX Datasheet HTML 8Page - Texas Instruments LM3405AXMYX Datasheet HTML 9Page - Texas Instruments LM3405AXMYX Datasheet HTML 10Page - Texas Instruments LM3405AXMYX Datasheet HTML 11Page - Texas Instruments LM3405AXMYX Datasheet HTML 12Page - Texas Instruments LM3405AXMYX Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
LM3405A
www.ti.com
SNVS508C – OCTOBER 2007 – REVISED MAY 2013
BOOST FUNCTION
Capacitor C3 and diode D2 in Figure 13 are used to generate a voltage VBOOST. The voltage across C3, VBOOST -
VSW, is the gate drive voltage to the internal NMOS power switch. To properly drive the internal NMOS switch
during its on-time, VBOOST needs to be at least 2.5V greater than VSW. A large value of VBOOST - VSW is
recommended to achieve better efficiency by minimizing both the internal switch ON resistance (RDS(ON)), and the
switch rise and fall times. However, VBOOST - VSW should not exceed the maximum operating limit of 5.5V.
When the LM3405A starts up, internal circuitry from VIN supplies a 20mA current to the BOOST pin, flowing out
of the BOOST pin into C3. This current charges C3 to a voltage sufficient to turn the switch on. The BOOST pin
will continue to source current to C3 until the voltage at the feedback pin is greater than 123mV.
There are various methods to derive VBOOST:
1. From the input voltage (VIN)
2. From the output voltage (VOUT)
3. From a shunt or series zener diode
4. From an external distributed voltage rail (VEXT)
The first method is shown in the Simplified Block Diagram of Figure 13. Capacitor C3 is charged via diode D2 by
VIN. During a normal switching cycle, when the internal NMOS power switch is off (TOFF) (refer to Figure 14),
VBOOST equals VIN minus the forward voltage of D2 (VD2), during which the current in the inductor (L1) forward
biases the catch diode D1 (VD1). Therefore the gate drive voltage stored across C3 is:
VBOOST - VSW = VIN - VD2 + VD1
(1)
When the NMOS switch turns on (TON), the switch pin rises to:
VSW = VIN – (RDS(ON) x IL)
(2)
Since the voltage across C3 remains unchanged, VBOOST is forced to rise thus reverse biasing D2. The voltage at
VBOOST is then:
VBOOST = 2VIN – (RDS(ON) x IL) – VD2 + VD1
(3)
Depending on the quality of the diodes D1 and D2, the gate drive voltage in this method can be slightly less or
larger than the input voltage VIN. For best performance, ensure that the variation of the input supply does not
cause the gate drive voltage to fall outside the recommended range:
2.5V < VIN - VD2 + VD1 < 5.5V
(4)
The second method for deriving the boost voltage is to connect D2 to the output as shown in Figure 15. The gate
drive voltage in this configuration is:
VBOOST - VSW = VOUT – VD2 + VD1
(5)
Since the gate drive voltage needs to be in the range of 2.5V to 5.5V, the output voltage VOUT should be limited
to a certain range. For the calculation of VOUT, see OUTPUT VOLTAGE section.
Figure 15. VBOOST Derived from VOUT
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM3405A


Número de pieza similar - LM3405AXMYX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM3405AXMYX NSC-LM3405AXMYX Datasheet
511Kb / 20P
   1.6MHz, 1A Constant Current Buck LED Driver with Internal Compensation in Tiny SOT23 and eMSOP Package
logo
Texas Instruments
LM3405AXMYX/NOPB TI1-LM3405AXMYX/NOPB Datasheet
1Mb / 31P
[Old version datasheet]   1.6MHz, 1A Constant Current Buck LED Driver with Internal Compensation in Tiny SOT and MSOP PowerPAD Packages
More results

Descripción similar - LM3405AXMYX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM3405A TI1-LM3405A_14 Datasheet
1Mb / 31P
[Old version datasheet]   1.6MHz, 1A Constant Current Buck LED Driver with Internal Compensation in Tiny SOT and MSOP PowerPAD Packages
logo
National Semiconductor ...
LM3405A NSC-LM3405A Datasheet
492Kb / 20P
   1.6MHz, 1A Constant Current Buck LED Driver with Internal Compensation in Tiny SOT23 Package
LM3405A NSC-LM3405A_08 Datasheet
511Kb / 20P
   1.6MHz, 1A Constant Current Buck LED Driver with Internal Compensation in Tiny SOT23 and eMSOP Package
logo
Texas Instruments
LM3410 TI1-LM3410_14 Datasheet
1Mb / 44P
[Old version datasheet]   525kHz/1.6MHz, Constant Current Boost and SEPIC LED Driver with Internal Compensation
LM3410XMF TI-LM3410XMF Datasheet
1Mb / 49P
[Old version datasheet]   525kHz/1.6MHz, Constant Current Boost and SEPIC LED Driver with Internal Compensation
logo
National Semiconductor ...
LM3410 NSC-LM3410 Datasheet
172Kb / 6P
   525kHz/1.6MHz, Constant Current Boost and SEPIC LED Driver with Internal Compensation
LM3410 NSC-LM3410_08 Datasheet
715Kb / 32P
   PowerWise짰 525kHz/1.6MHz, Constant Current Boost and SEPIC LED Driver with Internal Compensation
LM3405 NSC-LM3405_07 Datasheet
483Kb / 20P
   1.6MHz, 1A Constant Current Buck Regulator for Powering LEDs
LM3405 NSC-LM3405 Datasheet
447Kb / 2P
   550kHz/1.6MHz 1A Constant Current Buck Regulator for Powering LEDs
logo
Global Mixed-mode Techn...
G2620 GMT-G2620 Datasheet
140Kb / 1P
   High Efficiency, Constant Current 36V, 1A LED Driver with Internal Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com