Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TLC3702CPSRG4 Datasheet(PDF) 11 Page - Texas Instruments |
|
|
TLC3702CPSRG4 Datasheet(HTML) 11 Page - Texas Instruments |
11 / 36 page TLC3702 DUAL MICROPOWER LinCMOS ™ VOLTAGE COMPARATORS SLCS013E − NOVEMBER 1986 − REVISED MARCH 2012 11 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 PARAMETER MEASUREMENT INFORMATION − + DUT VDD + − − + − + C2 1 μF R4 47 kΩ R5 1.8 kΩ 1% C3 0.68 μF IC1c 1/4 TLC274CN IC1a 1/4 TLC274CN IC1b 1/4 TLC274CN R6 1 MΩ R7 1.8 kΩ 1% R8 10 kΩ 1% R1 240 kΩ R2 10 kΩ C1 0.1 μF R3 100 Ω C4 0.1 μF Integrator R9 100 Ω 1% Buffer Triangle Generator VIO (X100) Figure 6. Circuit for Input Offset Voltage Measurement Response time is defined as the interval between the application of an input step function and the instant when the output reaches 50% of its maximum value. Response time for the low-to-high-level output is measured from the leading edge of the input pulse, while response time for the high-to-low-level output is measured from the trailing edge of the input pulse. Response time measurement at low input signal levels can be greatly affected by the input offset voltage. The offset voltage should be balanced by the adjustment at the inverting input as shown in Figure 7, so that the circuit is just at the transition point. A low signal, for example 105-mV or 5-mV overdrive, causes the output to change state. |
Número de pieza similar - TLC3702CPSRG4 |
|
Descripción similar - TLC3702CPSRG4 |