Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TPS2310IPW Datasheet(PDF) 7 Page - Texas Instruments |
|
|
TPS2310IPW Datasheet(HTML) 7 Page - Texas Instruments |
7 / 26 page TPS2320 TPS2321 www.ti.com SLVS276F – MARCH 2000 – REVISED JULY 2013 ELECTRICAL CHARACTERISTICS (Continued) over recommended operating temperature range (–40°C < TA < 85°C), 3V ≤VI(IN1) ≤13V, 3V ≤ VI(IN2) ≤ 5.5V (unless otherwise noted) PARAMETER TEST CONDITIONS MIN TYP MAX UNIT VREG UVLO V(TO_UVLOstart) Output threshold voltage, start 2.75 2.85 2.95 V V(TO_UVLOstop) Output threshold voltage, stop 2.65 2.78 V Vhys(UVLO) Hysteresis 50 75 mV UVLO sink current, GATEx VI(GATEx) = 2 V 10 mA FAULT OUTPUT VO(sat_FAULT) Output saturation voltage, FAULT IO = 2 mA 0.4 V Ilkg(FAULT) Leakage current, FAULT VO(FAULT) = 13 V 1 µA DISCH1 AND DISCH2 I(DISCH) Discharge current, DISCHx VI(DISCHx) = 1.5 V, VI(VIN1) = 5 V 5 10 mA VIH(DISCH) Discharge on high-level input 2 V voltage VIL(DISCH) Discharge on low-level input voltage 1 V Copyright © 2000–2013, Texas Instruments Incorporated Submit Documentation Feedback 7 Product Folder Links: TPS2320 TPS2321 |
Número de pieza similar - TPS2310IPW |
|
Descripción similar - TPS2310IPW |